Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9248BCPZRL-40 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9248BCPZRL-40
Description  14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9248BCPZRL-40 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9248BCPZRL-40 Datasheet HTML 4Page - Analog Devices AD9248BCPZRL-40 Datasheet HTML 5Page - Analog Devices AD9248BCPZRL-40 Datasheet HTML 6Page - Analog Devices AD9248BCPZRL-40 Datasheet HTML 7Page - Analog Devices AD9248BCPZRL-40 Datasheet HTML 8Page - Analog Devices AD9248BCPZRL-40 Datasheet HTML 9Page - Analog Devices AD9248BCPZRL-40 Datasheet HTML 10Page - Analog Devices AD9248BCPZRL-40 Datasheet HTML 11Page - Analog Devices AD9248BCPZRL-40 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
AD9248
Rev. B | Page 8 of 48
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are limiting values to be applied
individually, and beyond which the serviceability of the circuit
may be impaired. Functional operability is not necessarily implied.
Exposure to absolute maximum rating conditions for an extended
period may affect device reliability.
Table 5.
Parameter
Rating
ELECTRICAL
AVDD to AGND
−0.3 V to +3.9 V
DRVDD to DRGND
−0.3 V to +3.9 V
AGND to DRGND
−0.3 V to +0.3 V
AVDD to DRVDD
−3.9 V to +3.9 V
Digital Outputs to DRGND
−0.3 V to DRVDD + 0.3 V
OEB, DFS, CLK, DCS, MUX_SELECT,
SHARED_REF to AGND
−0.3 V to AVDD + 0.3 V
VINA, VINB to AGND
−0.3 V to AVDD + 0.3 V
VREF to AGND
−0.3 V to AVDD + 0.3 V
SENSE to AGND
−0.3 V to AVDD + 0.3 V
REFB, REFT to AGND
−0.3 V to AVDD + 0.3 V
PDWN to AGND
−0.3 V to AVDD + 0.3 V
ENVIRONMENTAL1
Operating Temperature
−40°C to +85°C
Junction Temperature
150°C
Lead Temperature (10 sec)
300°C
Storage Temperature
−65°C to +150°C
1 Typical thermal impedances: 64-lead LQFP, θJA = 54°C/W; 64-lead LFCSP, θJA
= 26.4°C/W with heat slug soldered to ground plane. These measurements
were taken on a 4-layer board in still air, in accordance with EIA/JESD51-7.
EXPLANATION OF TEST LEVELS
I
100% production tested.
II
100% production tested at 25°C and sample tested at
specified temperatures.
III
Sample tested only.
IV
Parameter is guaranteed by design and characterization
testing.
V
Parameter is a typical value only.
VI
100% production tested at 25°C; guaranteed by design and
characterization testing for industrial temperature range;
100% production tested at temperature extremes for
military devices.
ESD CAUTION


Similar Part No. - AD9248BCPZRL-40

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9248BCPZRL-40 AD-AD9248BCPZRL-40 Datasheet
1Mb / 49P
   Dual A/D Converter
More results

Similar Description - AD9248BCPZRL-40

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9248BSTZ-65 AD-AD9248BSTZ-65 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248 AD-AD9248_15 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-20 AD-AD9248BSTZ-20 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
AD6644 AD-AD6644 Datasheet
1Mb / 19P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. 0
AD9244 AD-AD9244_05 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9245 AD-AD9245_15 Datasheet
810Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com