Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG601BRTZ-REEL Datasheet(PDF) 11 Page - Analog Devices

Part # ADG601BRTZ-REEL
Description  Low on resistance, 2.5 OHM maximum
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG601BRTZ-REEL Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG601BRTZ-REEL Datasheet HTML 4Page - Analog Devices ADG601BRTZ-REEL Datasheet HTML 5Page - Analog Devices ADG601BRTZ-REEL Datasheet HTML 6Page - Analog Devices ADG601BRTZ-REEL Datasheet HTML 7Page - Analog Devices ADG601BRTZ-REEL Datasheet HTML 8Page - Analog Devices ADG601BRTZ-REEL Datasheet HTML 9Page - Analog Devices ADG601BRTZ-REEL Datasheet HTML 10Page - Analog Devices ADG601BRTZ-REEL Datasheet HTML 11Page - Analog Devices ADG601BRTZ-REEL Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADG601/ADG602
Rev. C | Page 11 of 12
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-187-AA
0.80
0.60
0.40
4
8
1
5
PIN 1
0.65 BSC
SEATING
PLANE
0.38
0.22
1.10 MAX
3.20
3.00
2.80
COPLANARITY
0.10
0.23
0.08
3.20
3.00
2.80
5.15
4.90
4.65
0.15
0.00
0.95
0.85
0.75
Figure 22. 8-Lead Mini Small Outline Package [MSOP]
(RM-8)
Dimensions shown in millimeters
1
3
4
5
2
6
2.90 BSC
1.60 BSC
2.80 BSC
1.90
BSC
0.95 BSC
0.22
0.08
10°
0.50
0.30
0.15 MAX
1.30
1.15
0.90
SEATING
PLANE
1.45 MAX
0.60
0.45
0.30
PIN 1
INDICATOR
COMPLIANT TO JEDEC STANDARDS MO-178-AB
Figure 23. 6-Lead Small Outline Transistor Package [SOT-23]
(RJ-6)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding1
ADG601BRT-REEL
−40°C to +85°C
6-Lead SOT-23
RJ-6
STB
ADG601BRT-REEL7
−40°C to +85°C
6-Lead SOT-23
RJ-6
STB
ADG601BRTZ-REEL2
−40°C to +85°C
6-Lead SOT-23
RJ-6
STB#
ADG601BRTZ-REEL72
−40°C to +85°C
6-Lead SOT-23
RJ-6
STB#
ADG601BRM
−40°C to +85°C
8-Lead MSOP
RM-8
STB
ADG601BRM-REEL
−40°C to +85°C
8-Lead MSOP
RM-8
STB
ADG601BRM-REEL7
−40°C to +85°C
8-Lead MSOP
RM-8
STB
ADG601BRMZ2
−40°C to +85°C
8-Lead MSOP
RM-8
S1G
ADG601BRMZ-REEL2
−40°C to +85°C
8-Lead MSOP
RM-8
S1G
ADG601BRMZ-REEL72
−40°C to +85°C
8-Lead MSOP
RM-8
S1G
ADG601CSURF
Die
ADG602BRT-REEL
−40°C to +85°C
6-Lead SOT-23
RJ-6
SUB
ADG602BRT-REEL7
−40°C to +85°C
6-Lead SOT-23
RJ-6
SUB
ADG602BRTZ-REEL2
−40°C to +85°C
6-Lead SOT-23
RJ-6
S18
ADG602BRTZ-REEL72
−40°C to +85°C
6-Lead SOT-23
RJ-6
S18
ADG602BRM
−40°C to +85°C
8-Lead MSOP
RM-8
SUB
ADG602BRM-REEL
−40°C to +85°C
8-Lead MSOP
RM-8
SUB
ADG602BRM-REEL7
−40°C to +85°C
8-Lead MSOP
RM-8
SUB
ADG602BRMZ2
−40°C to +85°C
8-Lead MSOP
RM-8
S18
ADG602BRMZ-REEL72
−40°C to +85°C
8-Lead MSOP
RM-8
S18
1 Branding on SOT-23 and MSOP is limited to three characters due to space constraints.
2 Z = RoHS Compliant Part, # denotes RoHS compliant product, may be top or bottom marked.


Similar Part No. - ADG601BRTZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG601BRT AD-ADG601BRT Datasheet
132Kb / 8P
   2 ohm CMOS -5 V/5 V, SPST SWITCHES
REV. 0
More results

Similar Description - ADG601BRTZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1409YRUZ AD-ADG1409YRUZ Datasheet
459Kb / 20P
   4.7 OHM maximum on resistance
REV. B
logo
Solid State Optronic
AD2C541 SSOUSA-AD2C541_15 Datasheet
243Kb / 5P
   Low On-Resistance (1 ohm MAX)
M251 SSOUSA-M251 Datasheet
175Kb / 5P
   Low on-resistance (1 ohm MAX)
AD6C641 SSOUSA-AD6C641 Datasheet
226Kb / 5P
   Low on-resistance (0.35 ohm TYP)
logo
Guilin Strong Micro-Ele...
GM4947 GSME-GM4947 Datasheet
288Kb / 3P
   Low on-resistance and maximum DC current capability
logo
Analog Devices
ADG1636BRUZ AD-ADG1636BRUZ Datasheet
526Kb / 16P
   1 OHM Typical On Resistance
REV. A
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
   Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
   Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
   Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com