Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9248BCPZRL-20 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9248BCPZRL-20
Description  14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9248BCPZRL-20 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9248BCPZRL-20 Datasheet HTML 2Page - Analog Devices AD9248BCPZRL-20 Datasheet HTML 3Page - Analog Devices AD9248BCPZRL-20 Datasheet HTML 4Page - Analog Devices AD9248BCPZRL-20 Datasheet HTML 5Page - Analog Devices AD9248BCPZRL-20 Datasheet HTML 6Page - Analog Devices AD9248BCPZRL-20 Datasheet HTML 7Page - Analog Devices AD9248BCPZRL-20 Datasheet HTML 8Page - Analog Devices AD9248BCPZRL-20 Datasheet HTML 9Page - Analog Devices AD9248BCPZRL-20 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
AD9248
Rev. B | Page 6 of 48
Test
AD9248BST/BCP-20
AD9248BST/BCP-40
AD9248BST/BCP-65
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
WORST OTHER SPUR
(NONSECOND or THIRD)
fINPUT = 2.4 MHz
Full
V
88.0
88.0
85.5
dBc
25°C
I
83.3
89.0
83.5
89.0
81.0
86.0
dBc
fINPUT = 9.7 MHz
Full
V
87.0
dBc
25°C
I
83.1
88.0
dBc
fINPUT = 19.6 MHz
Full
V
88.0
dBc
25°C
I
82.6
88.5
dBc
fINPUT = 35 MHz
Full
V
85.5
dBc
25°C
I
79.8
86.0
dBc
fINPUT = 100 MHz
25°C
V
79.0
81.0
75.0
dBc
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fINPUT = 2.4 MHz
Full
V
86.0
85.0
84.0
dBc
25°C
IV
77.5
87.5
77.5
86.0
77.5
86.0
dBc
fINPUT = 9.7 MHz
Full
V
83.0
dBc
25°C
I
76.1
84.0
dBc
fINPUT = 19.6 MHz
Full
V
83.0
dBc
25°C
I
76.0
84.0
dBc
fINPUT = 35 MHz
Full
V
80.0
dBc
25°C
I
73.0
80.5
dBc
CROSSTALK
Full
V
−85.0
−85.0
−85.0
dB
DIGITAL SPECIFICATIONS
AVDD = 3 V, DRVDD = 2.5 V, maximum sample rate, CLK_A = CLK_B; AIN = −0.5 dBFS differential input, 1.0 V internal reference,
TMIN to TMAX, DCS enabled, unless otherwise noted.
Table 3.
Test
AD9248BST/BCP-20
AD9248BST-40
AD9248BST-65
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
LOGIC INPUTS
High Level Input Voltage
Full
IV
2.0
2.0
2.0
V
Low Level Input Voltage
Full
IV
0.8
0.8
0.8
V
High Level Input Current
Full
IV
−10
+10
−10
+10
−10
+10
μA
Low Level Input Current
Full
IV
−10
+10
−10
+10
−10
+10
μA
Input Capacitance
Full
IV
2
2
2
pF
LOGIC OUTPUTS1
High Level Output Voltage
Full
IV
DRVDD −
0.05
DRVDD −
0.05
DRVDD −
0.05
V
Low Level Output Voltage
Full
IV
0.05
0.05
0.05
V
1 Output voltage levels measured with capacitive load only on each output.


Similar Part No. - AD9248BCPZRL-20

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9248BCPZRL-20 AD-AD9248BCPZRL-20 Datasheet
1Mb / 49P
   Dual A/D Converter
More results

Similar Description - AD9248BCPZRL-20

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9248BSTZ-65 AD-AD9248BSTZ-65 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248 AD-AD9248_15 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-20 AD-AD9248BSTZ-20 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
AD6644 AD-AD6644 Datasheet
1Mb / 19P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. 0
AD9244 AD-AD9244_05 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9245 AD-AD9245_15 Datasheet
810Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com