Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG1408YRUZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADG1408YRUZ
Description  4.7 OHM maximum on resistance
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1408YRUZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG1408YRUZ Datasheet HTML 4Page - Analog Devices ADG1408YRUZ Datasheet HTML 5Page - Analog Devices ADG1408YRUZ Datasheet HTML 6Page - Analog Devices ADG1408YRUZ Datasheet HTML 7Page - Analog Devices ADG1408YRUZ Datasheet HTML 8Page - Analog Devices ADG1408YRUZ Datasheet HTML 9Page - Analog Devices ADG1408YRUZ Datasheet HTML 10Page - Analog Devices ADG1408YRUZ Datasheet HTML 11Page - Analog Devices ADG1408YRUZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADG1408/ADG1409
Rev. B | Page 8 of 20
Parameter
+25°C
−40°C to
+85°C
−40°C to
+125°C1
Unit
Test Conditions/Comments
POWER REQUIREMENTS
VDD = +5.5 V, VSS = −5.5 V
IDD
0.001
μA typ
Digital inputs = 0 V or VDD
1
μA max
ISS
0.001
μA typ
Digital inputs = 0 V, 5 V or VDD
1
μA max
VDD/VSS
±4.5/±16.5
V min/max
1 Temperature range for Y version: −40°C to +125°C.
2 Guaranteed by design, not subject to production test.
CONTINUOUS CURRENT PER CHANNEL, S OR D
Table 5.
Parameter
25°C
85°C
125°C
Unit
Test Conditions/Comments
CONTINUOUS CURRENT, S or D1
15 V Dual Supply
VDD = +13.5 V, VSS = −13.5 V
ADG1408
190
105
50
mA max
ADG1409
140
85
45
mA max
12 V Single Supply
VDD = 10.8 V, VSS = 0 V
ADG1408
160
95
50
mA max
ADG1409
120
75
40
mA max
5 V Dual Supply
VDD = +4.5 V, VSS = −4.5 V
ADG1408
155
90
45
mA max
ADG1409
115
70
40
mA max
1 Guaranteed by design, not subject to production test.


Similar Part No. - ADG1408YRUZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADG1408YRUZ TI1-ADG1408YRUZ Datasheet
2Mb / 35P
[Old version datasheet]   Multi-Cal-System Evaluation Module
More results

Similar Description - ADG1408YRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG602BRTZ-REEL AD-ADG602BRTZ-REEL Datasheet
327Kb / 12P
   Low on resistance, 2.5 OHM maximum
REV. C
ADG1636BRUZ AD-ADG1636BRUZ Datasheet
526Kb / 16P
   1 OHM Typical On Resistance
REV. A
logo
Solid State Optronic
AD2C541 SSOUSA-AD2C541_15 Datasheet
243Kb / 5P
   Low On-Resistance (1 ohm MAX)
M251 SSOUSA-M251 Datasheet
175Kb / 5P
   Low on-resistance (1 ohm MAX)
AD6C641 SSOUSA-AD6C641 Datasheet
226Kb / 5P
   Low on-resistance (0.35 ohm TYP)
logo
Guilin Strong Micro-Ele...
GM4947 GSME-GM4947 Datasheet
288Kb / 3P
   Low on-resistance and maximum DC current capability
logo
Advanced Monolithic Sys...
AMS2303A AMS-AMS2303A Datasheet
254Kb / 6P
   Exceptional on-resistance and maximum DC current capability
AMS2302 AMS-AMS2302 Datasheet
320Kb / 6P
   Exceptional on-resistance and maximum DC current capability
logo
NXP Semiconductors
PDTA143E PHILIPS-PDTA143E Datasheet
91Kb / 14P
   PNP resistor-equipped transistors; R1 = 4.7 k-ohm, R2 = 4.7 k-ohm
2004 Aug 04
PUMD15 PHILIPS-PUMD15 Datasheet
61Kb / 10P
   NPN/PNP resistor-equipped transistors : R1 = 4.7 k-ohm, R2 = 4.7 k-ohm
Rev. 02-25 April 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com