Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMB70AT3G Datasheet(PDF) 1 Page - ON Semiconductor

Part # 1SMB70AT3G
Description  600 Watt Peak Power Zener Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1SMB70AT3G Datasheet(HTML) 1 Page - ON Semiconductor

  1SMB70AT3G Datasheet HTML 1Page - ON Semiconductor 1SMB70AT3G Datasheet HTML 2Page - ON Semiconductor 1SMB70AT3G Datasheet HTML 3Page - ON Semiconductor 1SMB70AT3G Datasheet HTML 4Page - ON Semiconductor 1SMB70AT3G Datasheet HTML 5Page - ON Semiconductor 1SMB70AT3G Datasheet HTML 6Page - ON Semiconductor 1SMB70AT3G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
 Semiconductor Components Industries, LLC, 2012
February, 2012 − Rev. 13
1
Publication Order Number:
1SMB5.0AT3/D
1SMB5.0AT3G Series,
SZ1SMB5.0AT3G Series
600 Watt Peak Power Zener
Transient Voltage
Suppressors
Unidirectional
The SMB series is designed to protect voltage sensitive
components from high voltage, high energy transients. They have
excellent clamping capability, high surge capability, low zener
impedance and fast response time. The SMB series is supplied in
ON Semiconductor’s exclusive, cost-effective, highly reliable
SURMETICpackage and is ideally suited for use in
communication systems, automotive, numerical controls, process
controls, medical equipment, business machines, power supplies and
many other industrial/consumer applications.
Features
Working Peak Reverse Voltage Range − 5.0 V to 170 V
Standard Zener Breakdown Voltage Range − 6.7 V to 199 V
Peak Power − 600 W @ 1.0 ms
ESD Rating of Class 3 (> 16 kV) per Human Body Model
Maximum Clamp Voltage @ Peak Pulse Current
Low Leakage < 5.0 mA Above 10 V
UL 497B for Isolated Loop Circuit Protection
Response Time is Typically < 1.0 ns
SZ Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
Pb−Free Packages are Available*
Mechanical Characteristics
CASE:
Void-free, transfer-molded, thermosetting plastic
FINISH:
All external surfaces are corrosion resistant and leads are
readily solderable
MAXIMUM CASE TEMPERATURE FOR SOLDERING PURPOSES:
260C for 10 Seconds
LEADS:
Modified L−Bend providing more contact area to bond pads
POLARITY:
Cathode indicated by polarity band
MOUNTING POSITION:
Any
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
PLASTIC SURFACE MOUNT
ZENER OVERVOLTAGE
TRANSIENT SUPPRESSORS
5.0 V − 170 V,
600 W PEAK POWER
Device
Package
Shipping
ORDERING INFORMATION
SMB
CASE 403A
PLASTIC
Cathode
Anode
http://onsemi.com
1SMBxxxAT3G
SMB
(Pb−Free)
2,500 /
Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
See specific marking information in the device marking
column of the Electrical Characteristics table on page 3 of
this data sheet.
DEVICE MARKING INFORMATION
A
= Assembly Location
Y
= Year
WW = Work Week
xx
= Device Code (Refer to page 3)
G
= Pb−Free Package
MARKING DIAGRAM
AYWW
xx G
G
(Note: Microdot may be in either location)
SZ1SMBxxxAT3G
SMB
(Pb−Free)
2,500 /
Tape & Reel


Similar Part No. - 1SMB70AT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SMB70AT3G ONSEMI-1SMB70AT3G Datasheet
69Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2007 ??Rev. 10
1SMB70AT3G ONSEMI-1SMB70AT3G Datasheet
163Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
More results

Similar Description - 1SMB70AT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NS6A5.0AT3G ONSEMI-NS6A5.0AT3G Datasheet
104Kb / 4P
   600 Watt Peak Power Zener Transient Voltage Suppressors
November, 2008 ??Rev. 1
SZ1SMB28CAT3G ONSEMI-SZ1SMB28CAT3G Datasheet
143Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
P6SMB200AT3G ONSEMI-P6SMB200AT3G Datasheet
168Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
P6SMB15AT3G ONSEMI-P6SMB15AT3G Datasheet
168Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
P6SMB6.8AT3 ONSEMI-P6SMB6.8AT3 Datasheet
59Kb / 8P
   600 Watt Peak Power Zener Transient Voltage Suppressors
May, 2001 ??Rev. 5
NS6A5.0AF-D ONSEMI-NS6A5.0AF-D Datasheet
100Kb / 4P
   600 Watt Peak Power Zener Transient Voltage Suppressors
September, 2011 ??Rev. 0
SZP6SMB16AT3G ONSEMI-SZP6SMB16AT3G Datasheet
130Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
October, 2013 ??Rev. 13
1SMB10CAT3G ONSEMI-1SMB10CAT3G Datasheet
162Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
1SMB5.0AT3G ONSEMI-1SMB5.0AT3G Datasheet
163Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
P6SMB11CAT3 ONSEMI-P6SMB11CAT3 Datasheet
71Kb / 6P
   600 Watt Peak Power Zener Transient Voltage Suppressors
July, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com