Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E301SD1WRE Datasheet(PDF) 5 Page - C&K Components

Part # E301SD1WRE
Description  E Series Sealed Miniature Toggle Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

E301SD1WRE Datasheet(HTML) 5 Page - C&K Components

  E301SD1WRE Datasheet HTML 1Page - C&K Components E301SD1WRE Datasheet HTML 2Page - C&K Components E301SD1WRE Datasheet HTML 3Page - C&K Components E301SD1WRE Datasheet HTML 4Page - C&K Components E301SD1WRE Datasheet HTML 5Page - C&K Components E301SD1WRE Datasheet HTML 6Page - C&K Components E301SD1WRE Datasheet HTML 7Page - C&K Components E301SD1WRE Datasheet HTML 8Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
F–21
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
F
E Series
Sealed Miniature Toggle Switches
TERMINATIONS
Actuator Shown In Pos. 1
SECTION A-A
PC MOUNTING
Actuator Shown In Pos. 1
SECTION A-A
Actuator Shown In Pos. 1
SECTION A-A
PC MOUNTING
PC MOUNTING
E301MD1ABE
Horizontal Actuation
3PDT
E201MD1AV2BE
Vertical Actuation
DPDT
E101MD1AV2BE
Vertical Actuation
SPDT
Not available with Y bushing.
Terminal bend radii and lead-in manufacturing option.
Not available with Y bushing.
Terminal bend radii and lead-in manufacturing option.
Not available with D9 & Y bushings.
Terminal bend radii and lead-in manufacturing option.
Terminal Nos. For Reference Only
A
RIGHT ANGLE, PC THRU-HOLE
AV2
VERTICAL RIGHT ANGLE, PC THRU-HOLE,
.150" PITCH
A3
VERTICAL RIGHT ANGLE, SNAP-IN, PC THRU-HOLE,
.150" PITCH
AV2
VERTICAL RIGHT ANGLE, PC THRU-HOLE,
.150" PITCH
AV3
VERTICAL RIGHT ANGLE, SNAP-IN, PC THRU-HOLE,
.150" PITCH


Similar Part No. - E301SD1WRE

ManufacturerPart #DatasheetDescription
logo
ITT Industries
E301SD1ABE ITT-E301SD1ABE Datasheet
1Mb / 8P
   Sealed Miniature Toggle Switches
E301SD1AKE ITT-E301SD1AKE Datasheet
1Mb / 8P
   Sealed Miniature Toggle Switches
E301SD1AV2BE ITT-E301SD1AV2BE Datasheet
1Mb / 8P
   Sealed Miniature Toggle Switches
E301SD1AV2KE ITT-E301SD1AV2KE Datasheet
1Mb / 8P
   Sealed Miniature Toggle Switches
E301SD1V3BE ITT-E301SD1V3BE Datasheet
1Mb / 8P
   Sealed Miniature Toggle Switches
More results

Similar Description - E301SD1WRE

ManufacturerPart #DatasheetDescription
logo
C&K Components
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
   Sealed Miniature Toggle Switches
logo
ITT Industries
E101MD1ABE ITT-E101MD1ABE Datasheet
1Mb / 8P
   Sealed Miniature Toggle Switches
logo
Grayhill, Inc
34BWSP12B4M2RT GRAYHILL-34BWSP12B4M2RT Datasheet
185Kb / 4P
   Sealed Miniature Toggle Switches
logo
C&K Components
E107MD1AV2BE CK-COMPONENTS-E107MD1AV2BE Datasheet
621Kb / 8P
   Sealed Miniature Toggle Switches
E105SD1CBE CK-COMPONENTS-E105SD1CBE Datasheet
610Kb / 8P
   Sealed Miniature Toggle Switches
logo
GREATECS
TK21 GREATECS-TK21 Datasheet
231Kb / 4P
   Sealed Miniature SPDT Toggle Switches
logo
Grayhill, Inc
34DWMSP12B4M2RT GRAYHILL-34DWMSP12B4M2RT Datasheet
134Kb / 3P
   Sealed Sub-Miniature Toggle Switches
logo
DB Lectro Inc
ES40-T DBLECTRO-ES40-T Datasheet
466Kb / 5P
   Sealed Sub-Miniature Toggle Switches
logo
E-SWITCH
100A E-SWITCH-100A Datasheet
290Kb / 4P
   PROCESS SEALED MINIATURE TOGGLE SWITCHES
logo
GREATECS
STS1A2B1MTAGER GREATECS-STS1A2B1MTAGER Datasheet
175Kb / 1P
   Sub-Miniature Sealed SMT Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com