Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEV110242 Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # AEV110242
Description  Capsule contact Mechanism and High-capacity Cut-off Compact Relay
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AEV110242 Datasheet(HTML) 7 Page - Panasonic Semiconductor

  AEV110242 Datasheet HTML 1Page - Panasonic Semiconductor AEV110242 Datasheet HTML 2Page - Panasonic Semiconductor AEV110242 Datasheet HTML 3Page - Panasonic Semiconductor AEV110242 Datasheet HTML 4Page - Panasonic Semiconductor AEV110242 Datasheet HTML 5Page - Panasonic Semiconductor AEV110242 Datasheet HTML 6Page - Panasonic Semiconductor AEV110242 Datasheet HTML 7Page - Panasonic Semiconductor AEV110242 Datasheet HTML 8Page - Panasonic Semiconductor AEV110242 Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
EV (AEV)
ASCTB233E 201209-T
*Note: Separate connection of the terminal and lead wire is required.
*Note: Separate connection of the terminal and lead wire is required.
Coil connection lead wire
(No polarity)
1-Load input terminal (
+)
2-Load input terminal (
−)
M6
(Threaded portion: Min. 8 .315)
27.0 1.063
54.0 2.126
67.0 2.638
82.0 3.228
95.0 3.740
(2.1)
(.083)
(2.0)
(.079)
5.7
(Collar height)
.224
0.5
.020
75.0
2.953
86.4
3.402
200
±20
7.874
±.787
2
×6.0 dia.
2
×.236 dia.
45.0
1.772
31.0
1.220
28.2
1.110
Coil
1 (
+)
Coil
2 (
−)
Load side has polarities (
+) and (−)
Schematic (TOP VIEW)
External dimensions
Mounting dimensions
Mounting hole:
2
×6.0±0.2 dia.
2
×.236±.008 dia.
82.0
±0.2
3.228
±.008
31.0
±0.2
1.220
±.008
5. 200 A type
CAD Data
General tolerance;
less than 10 .394:
±0.3 ±.012
10 to 50 .394 to 1.969:
±0.6 ±.024
more than 50 1.969:
±1.0 ±.039
1+
2-
Load side has polarities (
+) and (−)
Schematic (TOP VIEW)
External dimensions
Mounting dimensions
2 (
−)
6:Coil (GND)
5:Coil (V
+)
1 (
+)
79.0
±0.2
3.110
±.008
47.0
±0.2
1.850
±.008
Mounting hole:
3
×6.0±0.2 dia.
3
×.236±.008 dia.
39.3
1.547
48.7
1.917
(13)
(.512)
27
1.063
60
2.362
63
2.480
47
±0.3
1.850
±.012
3
M8 bolt
M8 Flange nut
.118
5.7
.224
74.7
2.941
73.4
2.890
61.7
2.429
24.5
.965
Connector part number: 7282-1020 (Yazaki)
(Supplement) Harness side female
connector part number: 7283-1020 (*Note)
3
×6±0.3 dia.
6-Coil terminal (GND)
5 - Coil terminal (V
+)
1-Load input bus bar (
+)
2-Load input bus bar (
−)
3
×.236±.012 dia.
79
±0.3 3.110±.012
44 1.732
27 1.063
86 3.386
92 3.622
111 4.370
6. 300 A type
CAD Data
General tolerance;
less than 10 .394:
±0.3 ±.012
10 to 50 .394 to 1.969:
±0.6 ±.024
more than 50 1.969:
±1.0 ±.039
more than 100 3.937:
±1.6 ±.063


Similar Part No. - AEV110242

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AEV14012W PANASONIC-AEV14012W Datasheet
203Kb / 9P
   Compact and lightweight
More results

Similar Description - AEV110242

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AEP25012 PANASONIC-AEP25012 Datasheet
230Kb / 8P
   HIGH VOLTAGE AND CURRENT CUT-OFF CAPACITY IN A COMPACT PACKAGE
logo
List of Unclassifed Man...
FXE ETC2-FXE Datasheet
54Kb / 2P
   Low Profile Compact Size / High Contact Capacity
logo
Panasonic Semiconductor
HL2-HP-DC24V-F PANASONIC-HL2-HP-DC24V-F Datasheet
250Kb / 1P
   HL Series Line Extension Compact, High Capacity Power Relay
logo
List of Unclassifed Man...
HY1A1230AC ETC2-HY1A1230AC Datasheet
199Kb / 2P
   High Capacity Relay HY
logo
Molex Electronics Ltd.
11-18-4447 MOLEX11-11-18-4447 Datasheet
30Kb / 1P
   Cut-off Punch
0011184403 MOLEX11-0011184403 Datasheet
20Kb / 1P
   Cut-off Punch
0011404420 MOLEX11-0011404420 Datasheet
20Kb / 1P
   Cut Off Punch
logo
List of Unclassifed Man...
HY1A112DC ETC2-HY1A112DC Datasheet
199Kb / 2P
   High Capacity Relay HY
logo
Molex Electronics Ltd.
11-18-4109 MOLEX11-11-18-4109 Datasheet
32Kb / 1P
   Cut-off Punch
63469-0004 MOLEX11-63469-0004 Datasheet
31Kb / 1P
   Cut-off Punch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com