Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZMMSZ52xxBT3G Datasheet(PDF) 4 Page - ON Semiconductor

Part # SZMMSZ52xxBT3G
Description  Zener Voltage Regulators 500 mW SOD??23 Surface Mount
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SZMMSZ52xxBT3G Datasheet(HTML) 4 Page - ON Semiconductor

  SZMMSZ52xxBT3G Datasheet HTML 1Page - ON Semiconductor SZMMSZ52xxBT3G Datasheet HTML 2Page - ON Semiconductor SZMMSZ52xxBT3G Datasheet HTML 3Page - ON Semiconductor SZMMSZ52xxBT3G Datasheet HTML 4Page - ON Semiconductor SZMMSZ52xxBT3G Datasheet HTML 5Page - ON Semiconductor SZMMSZ52xxBT3G Datasheet HTML 6Page - ON Semiconductor SZMMSZ52xxBT3G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MMSZ52xxxT1G Series, SZMMSZ52xxxT1G Series
http://onsemi.com
4
2% TOLERANCE FG ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 0.9 V Max. @ IF = 10 mA)
Device*
Device
Marking
Zener Voltage (Notes 6 and 7)
Zener Impedance (Note 8)
Leakage Cur-
rent
VZ (Volts)
@ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
Min
Nom
Max
mA
W
W
mA
mA
Volts
MMSZ5226CT1G
TD
3.234
3.3
3.366
20
28
1600
0.25
25
1
MMSZ5231CT1G
TG
4.998
5.1
5.202
20
17
1600
0.25
5
2
MMSZ5232CT1G
TH
5.488
5.6
5.712
20
11
1600
0.25
5
3
MMSZ5245CT1G
TK
14.70
15
15.30
8.5
16
600
0.25
0.1
11
MMSZ5248CT1G
TL
17.64
18
18.36
7.0
21
600
0.25
0.1
14
MMSZ5250CT1G
TN
19.60
20
20.40
6.2
25
600
0.25
0.1
15
MMSZ5252CT1G
TQ
23.52
24
24.48
5.2
33
600
0.25
0.1
18
MMSZ5256CT1G
TW
29.40
30
30.60
4.2
49
600
0.25
0.1
23
6. “C” Suffix Type numbers shown have a standard tolerance of ±2% on the nominal Zener voltages.
7. Nominal Zener voltage is measured with the device junction in thermal equilibrium at TL = 30°C ±1°C.
8. ZZT and ZZK are measured by dividing the AC voltage drop across the device by the ac current applied.
The specified limits are for IZ(AC) = 0.1 IZ(dc) with the AC frequency = 1 kHz.
*Include SZ-prefix devices where applicable.


Similar Part No. - SZMMSZ52xxBT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SZMMSZ52xxBT3G ONSEMI-SZMMSZ52xxBT3G Datasheet
130Kb / 7P
   Zener Voltage Regulators
February, 2012 ??Rev. 11
More results

Similar Description - SZMMSZ52xxBT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SZMMSZ3V0T1G ONSEMI-SZMMSZ3V0T1G Datasheet
157Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 11
MMSZ4678T1 ONSEMI-MMSZ4678T1_05 Datasheet
74Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
August, 2005 ??Rev. 7
MMSZ8V2ET1G ONSEMI-MMSZ8V2ET1G Datasheet
159Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 7
MMSZ5221ET1 ONSEMI-MMSZ5221ET1 Datasheet
79Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
March, 2006 ??Rev. 6
MMSZ4690T3G ONSEMI-MMSZ4690T3G Datasheet
150Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
February, 2012 ??Rev. 9
MMSZ2V4T1 ONSEMI-MMSZ2V4T1_06 Datasheet
77Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
Juanuary, 2006 ??Rev. 9
MMSZ4678ET1 ONSEMI-MMSZ4678ET1 Datasheet
73Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
February, 2005 ??Rev. 3
MMSZ5248ET1G ONSEMI-MMSZ5248ET1G Datasheet
154Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
February, 2012 ??Rev. 8
MMSZ2V4ET1 ONSEMI-MMSZ2V4ET1_06 Datasheet
81Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2006 ??Rev. 5
MMSZ4678ET1_0508 ONSEMI-MMSZ4678ET1_0508 Datasheet
72Kb / 5P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
August, 2005 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com