Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD977BR Datasheet(PDF) 1 Page - Analog Devices

Part # AD977BR
Description  16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD977BR Datasheet(HTML) 1 Page - Analog Devices

  AD977BR Datasheet HTML 1Page - Analog Devices AD977BR Datasheet HTML 2Page - Analog Devices AD977BR Datasheet HTML 3Page - Analog Devices AD977BR Datasheet HTML 4Page - Analog Devices AD977BR Datasheet HTML 5Page - Analog Devices AD977BR Datasheet HTML 6Page - Analog Devices AD977BR Datasheet HTML 7Page - Analog Devices AD977BR Datasheet HTML 8Page - Analog Devices AD977BR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
REV. D
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD977/AD977A
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
16-Bit, 100 kSPS/200 kSPS
BiCMOS A/D Converter
FUNCTIONAL BLOCK DIAGRAM
PWRD
SYNC
DATACLK
DATA
2R
R1IN
R2IN
R3IN
REF
VANA
4k
DGND
TAG
R/
CCS
VDIG
AGND2
CAP
AGND1
SWITCHED
CAP ADC
4R
AD977/
AD977A
R = 5k
AD977
R = 2.5k
AD977A
4R
R
2.5V
REFERENCE
BUSY
SERIAL
DATA
INTERFACE
CONTROL LOGIC &
INTERNAL CALIBRATION CIRCUITRY
CLOCK
SB/
BTC EXT/INT
FEATURES
Fast 16-Bit ADC
100 kSPS Throughput Rate—AD977
200 kSPS Throughput Rate—AD977A
Single 5 V Supply Operation
Power Dissipation 100 mW Max
Power-Down Mode 50
W
Input Ranges:
Unipolar; 0 V–10 V, 0 V–5 V and 0 V–4 V
Bipolar;
10 V,
5 V and
3.3 V
Choice of External or Internal 2.5 V Reference
High Speed Serial Interface
On-Chip Clock
20-Lead Skinny DIP or SOIC Package
28-Lead Skinny SSOP Package
GENERAL DESCRIPTION
The AD977/AD977A is a high speed, low power 16-bit A/D
converter that operates from a single 5 V supply. The AD977A
has a throughput rate of 200 kSPS whereas the AD977 has a
throughput rate of 100 kSPS. Each part contains a successive
approximation, switched capacitor ADC, an internal 2.5 V
reference, and a high speed serial interface. The ADC is factory
calibrated to minimize all linearity errors. The AD977/AD977A is
specified for full scale bipolar input ranges of
±10 V, ±5 V and
±3.3 V, and unipolar ranges of 0 V to 10 V, 0 V to 5 V and
0 V to 4 V.
The AD977/AD977A is comprehensively tested for ac param-
eters such as SNR and THD, as well as the more traditional dc
parameters of offset, gain and linearity.
PRODUCT HIGHLIGHTS
1. Fast Throughput
The AD977/AD977A is a high speed, 16-bit ADC based on
a factory calibrated switched capacitor architecture.
2. Single-Supply Operation
The AD977/AD977A operates from a single 5 V supply and
dissipates only 100 mW max.
3. Comprehensive DC and AC Specifications
In addition to the traditional specifications of offset, gain
and linearity, the AD977/AD977A is fully tested for SNR
and THD.


Similar Part No. - AD977BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD977BR AD-AD977BR Datasheet
266Kb / 24P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
AD977BR AD-AD977BR Datasheet
284Kb / 24P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
AD977BR AD-AD977BR Datasheet
284Kb / 24P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
AD977BR AD-AD977BR Datasheet
284Kb / 24P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
AD977BR AD-AD977BR Datasheet
284Kb / 24P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
More results

Similar Description - AD977BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD977ARZ AD-AD977ARZ Datasheet
284Kb / 24P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
AD977 AD-AD977_15 Datasheet
284Kb / 24P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
AD977A AD-AD977A_15 Datasheet
284Kb / 24P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
AD977 AD-AD977 Datasheet
266Kb / 24P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
AD977 AD-AD977 Datasheet
284Kb / 24P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
AD977CRZ AD-AD977CRZ Datasheet
284Kb / 24P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
AD977ABRZ AD-AD977ABRZ Datasheet
269Kb / 24P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
AD977ANZ AD-AD977ANZ Datasheet
284Kb / 24P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
AD976 AD-AD976_15 Datasheet
183Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD976ABRZ AD-AD976ABRZ Datasheet
183Kb / 16P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com