Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMS12T1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # SMS12T1
Description  SC??4 Quad Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMS12T1 Datasheet(HTML) 1 Page - ON Semiconductor

  SMS12T1 Datasheet HTML 1Page - ON Semiconductor SMS12T1 Datasheet HTML 2Page - ON Semiconductor SMS12T1 Datasheet HTML 3Page - ON Semiconductor SMS12T1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2006
November, 2006 − Rev. 7
1
Publication Order Number:
SMS05T1/D
SMS05T1 Series
SC−74 Quad Transient
Voltage Suppressor
for ESD Protection
This quad monolithic silicon voltage suppressor is designed for
applications requiring transient overvoltage protection capability. It is
intended for use in voltage and ESD sensitive equipment such as
computers, printers, business machines, communication systems and
other applications. This quad device provides superior surge
protection over current quad Zener MMQA series by providing up to
350 watts peak power.
Features
SC-74 Package Allows Four Separate Unidirectional Configurations
Peak Power − 350 W, 8 x 20 mS
ESD Rating of Class N (Exceeding 25 kV) per
the Human Body Model
ESD Rating:
IEC 61000−4−2 (ESD) 15 kV (air) 8 kV (contact)
IEC 61000−4−4 (EFT) 40 A (5/50 ns)
IEC 61000−4−5 (lightning) 23 A (8/20
ms)
UL Flammability Rating of 94 V−0
Pb−Free Packages are Available
Typical Applications
Hand Held Portable Applications such as Cell Phones, Pagers,
Notebooks and Notebook Computers
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Power Dissipation
8 x 20
mS @ TA = 25°C (Note 1)
Ppk
350
W
Total Power Dissipation on FR−5 Board
@ TA = 25°C (Note 2)
Derate Above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance,
Junction−to−Ambient
RqJA
556
°C/W
Junction and Storage
Temperature Range
TJ, Tstg
−55 to +150
°C
Lead Solder Temperature
Maximum 10 Seconds Duration
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Non−repetitive current pulse 8 x 20
mS exponential decay waveform
2. FR−5 = 1.0 x 0.75 x 0.62 in.
SC−74 QUAD TRANSIENT
VOLTAGE SUPPRESSOR
350 WATTS PEAK POWER
5 VOLTS
SC−74
CASE 318F
STYLE 1
1
2
3
6
5
4
MARKING DIAGRAM
PIN ASSIGNMENT
PIN 1. CATHODE
2. ANODE
3. CATHODE
4. CATHODE
5. ANODE
6. CATHODE
See specific marking information in the device marking
column of the Electrical Characteristics table on page 2 of
this data sheet.
DEVICE MARKING INFORMATION
http://onsemi.com
1
6
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
1
xxx M
G
G
xxx = Specific Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation and/or position may
vary depending upon manufacturing location.


Similar Part No. - SMS12T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMS12T1 ONSEMI-SMS12T1 Datasheet
47Kb / 4P
   SC-74 Quad Transient Voltage Suppressor for ESD Protection
April, 2002 ??Rev. 5
SMS12T1 ONSEMI-SMS12T1 Datasheet
58Kb / 4P
   SC??4 Quad Transient Voltage Suppressor
November, 2006 ??Rev. 7
SMS12T1G ONSEMI-SMS12T1G Datasheet
58Kb / 4P
   SC??4 Quad Transient Voltage Suppressor
November, 2006 ??Rev. 7
SMS12T1G ONSEMI-SMS12T1G Datasheet
61Kb / 4P
   SC-74 Quad Transient Voltage Suppressor
September, 2014 ??Rev. 8
More results

Similar Description - SMS12T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMS24T1G ONSEMI-SMS24T1G Datasheet
58Kb / 4P
   SC??4 Quad Transient Voltage Suppressor
November, 2006 ??Rev. 7
SMS12T1G ONSEMI-SMS12T1G Datasheet
58Kb / 4P
   SC??4 Quad Transient Voltage Suppressor
November, 2006 ??Rev. 7
SMS05T1 ONSEMI-SMS05T1_14 Datasheet
61Kb / 4P
   SC-74 Quad Transient Voltage Suppressor
September, 2014 ??Rev. 8
logo
Motorola, Inc
MMQA5V6T1 MOTOROLA-MMQA5V6T1 Datasheet
136Kb / 8P
   SC-59 QUAD TRANSIENT VOLTAGE SUPPRESSOR 5.6 VOLTS
logo
ON Semiconductor
SMS05T1 ONSEMI-SMS05T1 Datasheet
47Kb / 4P
   SC-74 Quad Transient Voltage Suppressor for ESD Protection
April, 2002 ??Rev. 5
MMQA5V6T1G ONSEMI-MMQA5V6T1G Datasheet
126Kb / 7P
   SC??4 QUAD TRANSIENT VOLTAGE SUPPRESSOR 24 WATTS PEAK POWER 5.6 ??33 VOLTS
February, 2012 ??Rev. 10
NUP4012PMU ONSEMI-NUP4012PMU Datasheet
140Kb / 3P
   Quad Transient Voltage Suppressor Array
November, 2008??Rev. 1
NUP3112UPMU ONSEMI-NUP3112UPMU_14 Datasheet
76Kb / 4P
   Quad Transient Voltage Suppressor Array
April, 2014??Rev. 1
NUP3112UPMU ONSEMI-NUP3112UPMU Datasheet
141Kb / 3P
   Quad Transient Voltage Suppressor Array
June, 2008??Rev. 0
NUP4212UPMU ONSEMI-NUP4212UPMU Datasheet
145Kb / 4P
   Quad Transient Voltage Suppressor Array
August, 2009??Rev. 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com