Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1P2861AG-16TR Datasheet(PDF) 7 Page - ON Semiconductor

Part # P1P2861AG-16TR
Description  Phase Synchronizing Clock Generator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P1P2861AG-16TR Datasheet(HTML) 7 Page - ON Semiconductor

  P1P2861AG-16TR Datasheet HTML 1Page - ON Semiconductor P1P2861AG-16TR Datasheet HTML 2Page - ON Semiconductor P1P2861AG-16TR Datasheet HTML 3Page - ON Semiconductor P1P2861AG-16TR Datasheet HTML 4Page - ON Semiconductor P1P2861AG-16TR Datasheet HTML 5Page - ON Semiconductor P1P2861AG-16TR Datasheet HTML 6Page - ON Semiconductor P1P2861AG-16TR Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
P1P3800A
http://onsemi.com
7
PACKAGE DIMENSIONS
WQFN12 3x3, 0.5P
CASE 510AH
ISSUE O
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.15 AND 0.30 MM FROM TERMINAL TIP.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
A
D
E
B
C
0.10
PIN ONE
2X
REFERENCE
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
L
D2
E2
C
C
0.10
C
0.10
C
0.10
A1
SEATING
PLANE
e
12X
NOTE 3
b
12X
0.10
C
0.05
C
A B
B
DIM
MIN
MAX
MILLIMETERS
A
0.65
0.85
A1
0.00
0.05
b
0.20
0.30
D
3.00 BSC
D2
1.30
1.50
E
3.00 BSC
E2
1.30
1.50
e
0.50 BSC
K
0.20
−−−
L
0.30
0.50
4
7
1
12
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
2X
0.50
PITCH
1.50 3.30
1
K
DIMENSIONS: MILLIMETERS
0.63
12X
NOTE 4
2X
0.30
12X
DETAIL A
A3
0.22 REF
13X
A3
A
DETAIL B
L1
DETAIL A
L
ALTERNATE
CONSTRUCTIONS
A1
A3
L
DETAIL B
MOLD CMPD
EXPOSED Cu
ALTERNATE
CONSTRUCTIONS
L1
0.00
0.15
OUTLINE
PACKAGE
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
P1P3800A/D
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - P1P2861AG-16TR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P1P3800A ONSEMI-P1P3800A Datasheet
174Kb / 7P
   Phase Synchronizing Clock Generator
January, 2012 ??Rev. 1
P1P3800AG12CRTWG ONSEMI-P1P3800AG12CRTWG Datasheet
174Kb / 7P
   Phase Synchronizing Clock Generator
January, 2012 ??Rev. 1
P1P3800AG12CRTWG ONSEMI-P1P3800AG12CRTWG Datasheet
174Kb / 7P
   Phase Synchronizing Clock Generator
January, 2012 ??Rev. 1
P1P40167 ONSEMI-P1P40167 Datasheet
118Kb / 8P
   Low Power Clock Generator with Spread Spectrum
August, 2012 ??Rev. 1
P1P8160A ONSEMI-P1P8160A Datasheet
129Kb / 6P
   Low Jitter Clock Generator
October, 2010 ??Rev. 2
More results

Similar Description - P1P2861AG-16TR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P1P3800A ONSEMI-P1P3800A Datasheet
174Kb / 7P
   Phase Synchronizing Clock Generator
January, 2012 ??Rev. 1
P1P3800AG12CRTWG ONSEMI-P1P3800AG12CRTWG Datasheet
174Kb / 7P
   Phase Synchronizing Clock Generator
January, 2012 ??Rev. 1
logo
Arizona Microtek, Inc
AZ12000 AZM-AZ12000 Datasheet
188Kb / 13P
   Phase-Locked Loop Clock Generator
logo
Texas Instruments
SN74LS424 TI-SN74LS424 Datasheet
370Kb / 7P
[Old version datasheet]   TWO-PHASE CLOCK GENERATOR/DRIVER
logo
Sony Corporation
CXD1217M SONY-CXD1217M Datasheet
154Kb / 12P
   Synchronizing Signal Generator for Video Camera
CXD1217Q SONY-CXD1217Q Datasheet
192Kb / 12P
   Synchronizing Signal Generator for Video Camera
logo
AMI SEMICONDUCTOR
FS7140-01 AMI-FS7140-01 Datasheet
981Kb / 15P
   Programmable Phase-Locked Loop Clock Generator
logo
ON Semiconductor
FS714X ONSEMI-FS714X Datasheet
485Kb / 19P
   Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS7140 ONSEMI-FS7140 Datasheet
300Kb / 17P
   Programmable Phase-Locked Loop Clock Generator
October, 2011 ??Rev. 7
logo
Panasonic Semiconductor
MN676011NPS PANASONIC-MN676011NPS Datasheet
51Kb / 8P
   NTSC Color Camera Synchronizing Signal Generator LSI
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com