Electronic Components Datasheet Search |
|
ET08SD1WRE2 Datasheet(PDF) 3 Page - C&K Components |
|
ET08SD1WRE2 Datasheet(HTML) 3 Page - C&K Components |
3 / 7 page F–27 Dimensions are shown: Inches (mm) Specifications and dimensions subject to change www.ck-components.com F ET Series Sealed Subminiature Toggle Switches ACTUATOR BUSHING TERMINATIONS SP DP ET02 – omit center hole. PC MOUNTING SP DP SP DP (NONE) BLACK (M3 & S3 only) 1 WHITE (M3 & S3 only) PLASTIC ACTUATOR COLOR OPTION CODE M .240" HIGH C PC THRU-HOLE W WIRE WRAP S1 .540" HIGH D1 .177" HIGH, UNTHREADED F1 ESD, CONDUCTIVE BUSHING UNTHREADED, .177" HIGH F1 bushing is not UL/CSA approved M3 PLASTIC, ANTISTATIC, .240" HIGH S .400" HIGH L .320" HIGH NOTE: ESD protection depends on proper grounding of switch support bracket. F1 conductive bushing option is impregnated with carbon fibers; dissipates electrostatic discharge (ESD) up to 20,000 V from actuator to ground. Available with all metal actuator options and A, AV, AV3, V3 and V31 termination options only. Internal actuator o-ring seal standard. Material: Nylon 4/6 (UL 94V-0), black standard. Static resistance: 9,000 V DC min. @ sea level, actuator to terminals. Not available with F1 conductive bushing option. Not UL approved. NOTE: All actuators have chrome finish (except M3 & S3 ). Standard with A, AV, V3 & V31 terminations. Not available with F1 conductive bushing. Not available with F1 conductive bushing. Standard with C or W terminations. SP and DP SP and DP ACTUATOR COLOR |
Similar Part No. - ET08SD1WRE2 |
|
Similar Description - ET08SD1WRE2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |