Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSV60601MZ4T3G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NSV60601MZ4T3G
Description  60 V, 6.0 A, Low VCE(sat) NPN Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSV60601MZ4T3G Datasheet(HTML) 1 Page - ON Semiconductor

  NSV60601MZ4T3G Datasheet HTML 1Page - ON Semiconductor NSV60601MZ4T3G Datasheet HTML 2Page - ON Semiconductor NSV60601MZ4T3G Datasheet HTML 3Page - ON Semiconductor NSV60601MZ4T3G Datasheet HTML 4Page - ON Semiconductor NSV60601MZ4T3G Datasheet HTML 5Page - ON Semiconductor NSV60601MZ4T3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2012
October, 2012 − Rev. 3
1
Publication Order Number:
NSS60601MZ4/D
NSS60601MZ4,
NSV60601MZ4T1G,
NSV60601MZ4T3G
60 V, 6.0 A, Low VCE(sat)
NPN Transistor
ON Semiconductor’s e2PowerEdge family of low VCE(sat)
transistors are surface mount devices featuring ultra low saturation
voltage (VCE(sat)) and high current gain capability. These are designed
for use in low voltage, high speed switching applications where
affordable efficient energy control is important.
Typical applications are DC−DC converters and power management
in portable and battery powered products such as cellular and cordless
phones, PDAs, computers, printers, digital cameras and MP3 players.
Other applications are low voltage motor controls in mass storage
products such as disc drives and tape drives. In the automotive
industry they can be used in air bag deployment and in the instrument
cluster. The high current gain allows e2PowerEdge devices to be
driven directly from PMU’s control outputs, and the Linear Gain
(Beta) makes them ideal components in analog amplifiers.
Features
NSV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant*
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Max
Unit
Collector-Emitter Voltage
VCEO
60
Vdc
Collector-Base Voltage
VCBO
100
Vdc
Emitter-Base Voltage
VEBO
6.0
Vdc
Collector Current − Continuous
IC
6.0
A
Collector Current − Peak
ICM
12.0
A
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
60 VOLTS, 6.0 AMPS
2.0 WATTS
NPN LOW VCE(sat) TRANSISTOR
EQUIVALENT RDS(on) 50 mW
SOT−223
CASE 318E
STYLE 1
MARKING DIAGRAM
Schematic
C 2, 4
B 1
E 3
PIN ASSIGNMENT
1
60601G
AYW
A
= Assembly Location
Y
= Year
W
= Work Week
60601 = Specific Device Code
G
= Pb−Free Package
Top View Pinout
C
CE
B
4
12
3
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION


Similar Part No. - NSV60601MZ4T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSV60601MZ4T3G ONSEMI-NSV60601MZ4T3G Datasheet
114Kb / 6P
   NPN Transistor
August, 2013 ??Rev. 5
More results

Similar Description - NSV60601MZ4T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS60601MZ4 ONSEMI-NSS60601MZ4 Datasheet
111Kb / 5P
   60 V, 6.0 A, Low VCE(sat) NPN Transistor
September, 2007 - Rev. 0
NSV60600MZ4T1G ONSEMI-NSV60600MZ4T1G Datasheet
142Kb / 6P
   60 V, 6.0 A, Low VCE(sat) PNP Transistor
November, 2011 ??Rev. 3
NSS60600MZ4T1G ONSEMI-NSS60600MZ4T1G Datasheet
87Kb / 5P
   60 V, 6.0 A, Low VCE(sat) PNP Transistor
July, 2007 - Rev. 1
NSS60600MZ4 ONSEMI-NSS60600MZ4 Datasheet
114Kb / 5P
   60 V, 6.0 A, Low VCE(sat) PNP Transistor
July, 2010 ??Rev. 2
NSS60201LT1G ONSEMI-NSS60201LT1G Datasheet
81Kb / 5P
   60 V, 4.0 A, Low VCE(sat) NPN Transistor
December, 2007 - Rev. 1
NSS40301MDR2G ONSEMI-NSS40301MDR2G Datasheet
123Kb / 6P
   Dual Matched 40 V, 6.0 A, Low VCE(sat) NPN Transistor
May, 2008 ??Rev. 1
NSS40500UW3T2G ONSEMI-NSS40500UW3T2G Datasheet
60Kb / 5P
   40 V, 6.0 A, Low VCE(sat) PNP Transistor
July, 2006 ??Rev. 0
NSS12600CF8T1G ONSEMI-NSS12600CF8T1G_07 Datasheet
106Kb / 5P
   12 V, 6.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 1
NSS12600CF8T1G ONSEMI-NSS12600CF8T1G Datasheet
102Kb / 5P
   12 V, 6.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSS40500UW3T2G ONSEMI-NSS40500UW3T2G_07 Datasheet
108Kb / 5P
   40 V, 6.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com