Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSV60600MZ4T1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NSV60600MZ4T1G
Description  60 V, 6.0 A, Low VCE(sat) PNP Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSV60600MZ4T1G Datasheet(HTML) 4 Page - ON Semiconductor

  NSV60600MZ4T1G Datasheet HTML 1Page - ON Semiconductor NSV60600MZ4T1G Datasheet HTML 2Page - ON Semiconductor NSV60600MZ4T1G Datasheet HTML 3Page - ON Semiconductor NSV60600MZ4T1G Datasheet HTML 4Page - ON Semiconductor NSV60600MZ4T1G Datasheet HTML 5Page - ON Semiconductor NSV60600MZ4T1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NSS60600MZ4, NSV60600MZ4T1G, NSV60600MZ4T3G
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 2. DC Current Gain
Figure 3. DC Current Gain
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
10
1
0.1
0.01
0.001
10
100
1000
10
1
0.1
0.01
0.001
Figure 4. Collector−Emitter Saturation Voltage
Figure 5. Collector−Emitter Saturation Voltage
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
10
1
0.1
0.01
0.001
0.001
0.01
0.1
1
10
1
0.1
0.01
0.001
0.01
0.1
1
Figure 6. Collector Saturation Region
Figure 7. VBE(on) Voltage
IB, BASE CURRENT (A)
IC, COLLECTOR CURRENT (A)
1.0E−03
1.0E−04
0.01
0.1
10
10
1
0.1
0.01
0.001
0
0.1
0.2
0.3
0.4
0.5
0.6
1.2
VCE = 2 V
150C
−40C
25C
VCE = 4 V
IC/IB = 10
150C
−40C
25C
IC/IB = 50
150C
−40C
25C
1.0E−02
1.0E−01
1.0E+01
0.7
0.8
0.9
1.0
1.1
VCE = 2 V
150C
−40C
25C
IC = 6 A
0.1 A
1 A
0.5 A
10
100
1000
150C
−40C
25C
1
1.0E+00
TJ = 25C
2 A
3 A


Similar Part No. - NSV60600MZ4T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSV60600MZ4T1G ONSEMI-NSV60600MZ4T1G Datasheet
75Kb / 6P
   PNP Transistor
June, 2016 ??Rev. 5
More results

Similar Description - NSV60600MZ4T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS60600MZ4T1G ONSEMI-NSS60600MZ4T1G Datasheet
87Kb / 5P
   60 V, 6.0 A, Low VCE(sat) PNP Transistor
July, 2007 - Rev. 1
NSS60600MZ4 ONSEMI-NSS60600MZ4 Datasheet
114Kb / 5P
   60 V, 6.0 A, Low VCE(sat) PNP Transistor
July, 2010 ??Rev. 2
NSV60601MZ4T3G ONSEMI-NSV60601MZ4T3G Datasheet
110Kb / 6P
   60 V, 6.0 A, Low VCE(sat) NPN Transistor
October, 2012 ??Rev. 3
NSS60601MZ4 ONSEMI-NSS60601MZ4 Datasheet
111Kb / 5P
   60 V, 6.0 A, Low VCE(sat) NPN Transistor
September, 2007 - Rev. 0
NSS40500UW3T2G ONSEMI-NSS40500UW3T2G Datasheet
60Kb / 5P
   40 V, 6.0 A, Low VCE(sat) PNP Transistor
July, 2006 ??Rev. 0
NSS12600CF8T1G ONSEMI-NSS12600CF8T1G_07 Datasheet
106Kb / 5P
   12 V, 6.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 1
NSS12600CF8T1G ONSEMI-NSS12600CF8T1G Datasheet
102Kb / 5P
   12 V, 6.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSS40500UW3T2G ONSEMI-NSS40500UW3T2G_07 Datasheet
108Kb / 5P
   40 V, 6.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 1
NSS40300DDR2G ONSEMI-NSS40300DDR2G Datasheet
109Kb / 6P
   Dual 40 V, 6.0 A, Low VCE(sat) PNP Transistor
September, 2008 ??Rev. 0
NSS60200LT1G ONSEMI-NSS60200LT1G Datasheet
132Kb / 5P
   60 V, 4.0 A, Low VCE(sat) PNP Transistor
August, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com