Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST2-DC6V-F Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ST2-DC6V-F
Description  1a1b/2a 8A polarized power relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ST2-DC6V-F Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ST2-DC6V-F Datasheet HTML 1Page - Panasonic Semiconductor ST2-DC6V-F Datasheet HTML 2Page - Panasonic Semiconductor ST2-DC6V-F Datasheet HTML 3Page - Panasonic Semiconductor ST2-DC6V-F Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
ST
ASCTB210E 201202-T
ORDERING INFORMATION
1a1b/2a 8A polarized power
relays
ST RELAYS
VDE
FEATURES
1. Even with small form factor,
sensitive enough for direct IC-
driving
The dimensions of this high-density 4-
gap balanced armature are 31 mm
×
14 mm
× 11 mm 1.220 inch × .551 inch
× .433 inch. Despite this small size,
high sensitivity is achieved by a
mechanism that incorporates high-
efficiency polarized magnetic circuits
along with our exclusive spring
alignment method. With an minimum
operating power of about 150 mW,
nominal operating power of 240 mW,
this relay can be directly driven by
transistor or chip controllers.
RoHS compliant
2. High switching capability
High contact pressure, low contact
bounce, and forced separation
structure that radically improves
resistance to contact welding
(1 Form A 1 Form B type equivalent to
TV-3). Strong against lamp inductive
loads, maximum switching capacity
has reached 3,040 VA (8A 380V AC).
3. High breakdown voltage – Optimal
for control in 250 V power circuits
High breakdown voltage has been
achieved. Between contacts and coil of
3,750 Vrms; Surge breakdown voltage
between coil and contact of 6,000 V,
and between open contacts of 1,200
Vrms mean that these relays are
suitable even for 250 V power circuit
control.
4. Improved stability
Conforms to all types of safety
standards.
Insulating distance of more than 3 mm
secured. Complies with Japan
Electrical Appliance and Material
Safety Law requirements for operating
200 V power supply circuits, and
conforms with UL, CSA and VDE
standards.
5. Latching types available
In addition to single side stable types,
convenient 2 coil latching types with
memory functions are also available.
Moreover, we offer 2 Form A
specifications which, with double pole
switching for applications such as 250
V power circuit switching, can enable
safer designs.
6. Automatic cleaning possible
The sealed design means that these
relays can undergo immersion in
automatic washing systems and are
suitable for automatic soldering. Even
in difficult environments, the contacts
remain reliable.
7. Easy to design PC board patterns
Features 4/10 dual-in-line terminals.
Because the lead spacing has a pitch
greater than 7.54 mm .297 inch,
designers can make easy adjustments
with the width of the land size. This,
along with the large insulation
distance, simplifies the drawing of PC
board patterns.
8. To improve soldering efficiency,
preapplication of solder to the
terminals is recommended.
9. Sockets are available.
Contact material
F: AgSnO2 type contact
Nominal coil voltage
DC 3, 5, 6, 9, 12, 24, 48 V
Contact arrangement
1: 1 Form A 1 Form B
2: 2 Form A
ST
F
Operating function
Nil:
L2:
Single side stable
2 coil latching
Note: Certified by UL, CSA, VDE and SEV


Similar Part No. - ST2-DC6V-F

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ST2-DC6V NAIS-ST2-DC6V Datasheet
92Kb / 3P
   IC DRIVABLE PC BOARD RELAY FOR FIELD LOAD SWITCHING
More results

Similar Description - ST2-DC6V-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ST PANASONICBATTERY-ST Datasheet
71Kb / 4P
   1a1b/2a 8A polarized power relays
logo
Panasonic Semiconductor
ST1-L2-DC3-F PANASONIC-ST1-L2-DC3-F Datasheet
71Kb / 4P
   1a1b/2a 8A polarized power relays
DSP1A-DC3V PANASONIC-DSP1A-DC3V_12 Datasheet
107Kb / 6P
   1a 8A, 1a1b/2a 5A small polarized power relays
DSP1A-L-DC5V PANASONIC-DSP1A-L-DC5V Datasheet
107Kb / 6P
   1a 8A, 1a1b/2a 5A small polarized power relays
DK1A-3V-F PANASONIC-DK1A-3V-F Datasheet
89Kb / 5P
   1a 10A, 1a1b/2a 8A small polarized power relays Switching power supply
DE1A-L2-24V PANASONIC-DE1A-L2-24V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
DE1A1B-L2-12V PANASONIC-DE1A1B-L2-12V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
DE1A-L-5V PANASONIC-DE1A-L-5V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
DE1A1B-12V PANASONIC-DE1A1B-12V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
logo
Fujitsu Component Limit...
JSL FUJITSU-JSL Datasheet
974Kb / 6P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com