Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

52610-2916 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 52610-2916
Description  1.0 FPC CONN SMT ZIF EMBSTP PKG
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

52610-2916 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  52610-2916 Datasheet HTML 1Page - Molex Electronics Ltd. 52610-2916 Datasheet HTML 2Page - Molex Electronics Ltd. 52610-2916 Datasheet HTML 3Page - Molex Electronics Ltd. 52610-2916 Datasheet HTML 4Page - Molex Electronics Ltd. 52610-2916 Datasheet HTML 5Page - Molex Electronics Ltd. 52610-2916 Datasheet HTML 6Page - Molex Electronics Ltd. 52610-2916 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image


Similar Part No. - 52610-2916

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
52610-2071 MOLEX7-52610-2071 Datasheet
514Kb / 9P
   1.00mm (.039") Pitch FFC/FPC Connector, SMT, Vertical, ZIF Receptacle, 20 Circuits,
52610-2072 MOLEX7-52610-2072 Datasheet
534Kb / 8P
   1.00mm (.039") Pitch FFC/FPC Connector, SMT, Vertical, ZIF, Gold (Au) ContactPlating, 20 Circuits, Lead-free, High Barrier Packaging
52610-2171 MOLEX7-52610-2171 Datasheet
514Kb / 9P
   1.00mm (.039") Pitch FFC/FPC Connector, SMT, Vertical, ZIF Receptacle, 21 Circuits Lead-free, High Barrier Packaging
52610-2271 MOLEX7-52610-2271 Datasheet
517Kb / 9P
   1.00mm (.039") Pitch FFC/FPC Connector, SMT, Vertical, ZIF Receptacle, 22 CircuitsLead-free, High Barrier Packaging
52610-2272 MOLEX7-52610-2272 Datasheet
534Kb / 8P
   1.00mm (.039") Pitch FFC/FPC Connector, SMT, Vertical, ZIF, Gold (Au) ContactPlating, 22 Circuits, Lead-free, High Barrier Packaging
More results

Similar Description - 52610-2916

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
52610-1490 MOLEX-52610-1490 Datasheet
486Kb / 7P
   1.0 FPC CONN SMT ZIF EMBSTP PKG SHEET 1 OF 5
52559-1092 MOLEX-52559-1092 Datasheet
274Kb / 4P
   0.5 FPC CONN ASSY ZIF SMT ST EMBSTP PKG
52559-2072 MOLEX5-52559-2072 Datasheet
452Kb / 6P
   0.5 FPC CONN ASSY ZIF SMT ST EMBSTP PKG
0543933982 MOLEX11-0543933982 Datasheet
518Kb / 6P
   0.3 FPC CONN (EASY ON) Hsg Embstp Pkg -LEAD FREE-
logo
List of Unclassifed Man...
52207-2290 ETC2-52207-2290 Datasheet
423Kb / 5P
   1.0 FPC CONN. ZIF SMT (SHEET 1 OF 2)
logo
Molex Electronics Ltd.
52435-2472 MOLEX11-52435-2472 Datasheet
520Kb / 5P
   0.5 FPC CONN ZIF FOR SMT
52207-0890 MOLEX11-52207-0890 Datasheet
489Kb / 6P
   1,0mm pitch FPC Conn ZIF SMT
52207-1590 MOLEX-52207-1590 Datasheet
361Kb / 5P
   1.0mm Pitch FPC Conn ZIF SMT
0526101475 MOLEX11-0526101475 Datasheet
482Kb / 7P
   1.0 FPC CONN ZIF FOR SMT (ST)WITH TAPE -LEAD FREE-
0526101675 MOLEX11-0526101675 Datasheet
482Kb / 7P
   1.0 FPC CONN ZIF FOR SMT (ST)WITH TAPE -LEAD FREE-
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com