Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1-DC6V-F Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ST1-DC6V-F
Description  1a1b/2a 8A polarized power relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ST1-DC6V-F Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ST1-DC6V-F Datasheet HTML 1Page - Panasonic Semiconductor ST1-DC6V-F Datasheet HTML 2Page - Panasonic Semiconductor ST1-DC6V-F Datasheet HTML 3Page - Panasonic Semiconductor ST1-DC6V-F Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
ST
ASCTB210E 201202-T
TYPES
Standard packing: Carton: 50 pcs.; Case: 500 pcs.
* For sockets, see page 113.
RATING
1. Coil data
1) Single side stable
2) 2 coil latching
Contact arrangement
Nominal coil voltage
Single side stable
2 coil latching
Part No.
Part No.
1 Form A 1 Form B
3V DC
ST1-DC3V-F
ST1-L2-DC3V-F
5V DC
ST1-DC5V-F
ST1-L2-DC5V-F
6V DC
ST1-DC6V-F
ST1-L2-DC6V-F
9V DC
ST1-DC9V-F
ST1-L2-DC9V-F
12V DC
ST1-DC12V-F
ST1-L2-DC12V-F
24V DC
ST1-DC24V-F
ST1-L2-DC24V-F
48V DC
ST1-DC48V-F
ST1-L2-DC48V-F
2 Form A
3V DC
ST2-DC3V-F
ST2-L2-DC3V-F
5V DC
ST2-DC5V-F
ST2-L2-DC5V-F
6V DC
ST2-DC6V-F
ST2-L2-DC6V-F
9V DC
ST2-DC9V-F
ST2-L2-DC9V-F
12V DC
ST2-DC12V-F
ST2-L2-DC12V-F
24V DC
ST2-DC24V-F
ST2-L2-DC24V-F
48V DC
ST2-DC48V-F
ST2-L2-DC48V-F
Nominal coil
voltage
Pick-up voltage
(at 20
°C 68°F)
Drop-out voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
(at 20
°C 68°F)
3V DC
80%V or less of
nominal voltage
(Initial)
10%V or more of
nominal voltage
(Initial)
75mA
38
240mW
150%V of
nominal voltage
5V DC
47mA
105
6V DC
40mA
150
9V DC
25mA
360
12V DC
20mA
600
24V DC
10mA
2,400
48V DC
4.7mA
9,000
Nominal coil
voltage
Set voltage
(at 20
°C 68°F)
Reset voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
(at 20
°C 68°F)
Set coil
Reset coil
Set coil
Reset coil
Set coil
Reset coil
3V DC
80%V or less of
nominal voltage
(Initial)
80%V or less of
nominal voltage
(Initial)
75mA
75mA
40
40
240mW
240mW
150%V of
nominal voltage
5V DC
45mA
45mA
110
110
6V DC
37.5mA
37.5mA
155
155
9V DC
25mA
25mA
360
360
12V DC
18.8mA
18.8mA
640
640
24V DC
10mA
10mA
2,400
2,400
48V DC
4.7mA
4.7mA
10,200
10,200


Similar Part No. - ST1-DC6V-F

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ST1-DC6V NAIS-ST1-DC6V Datasheet
92Kb / 3P
   IC DRIVABLE PC BOARD RELAY FOR FIELD LOAD SWITCHING
More results

Similar Description - ST1-DC6V-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ST PANASONICBATTERY-ST Datasheet
71Kb / 4P
   1a1b/2a 8A polarized power relays
logo
Panasonic Semiconductor
ST1-L2-DC3-F PANASONIC-ST1-L2-DC3-F Datasheet
71Kb / 4P
   1a1b/2a 8A polarized power relays
DSP1A-DC3V PANASONIC-DSP1A-DC3V_12 Datasheet
107Kb / 6P
   1a 8A, 1a1b/2a 5A small polarized power relays
DSP1A-L-DC5V PANASONIC-DSP1A-L-DC5V Datasheet
107Kb / 6P
   1a 8A, 1a1b/2a 5A small polarized power relays
DK1A-3V-F PANASONIC-DK1A-3V-F Datasheet
89Kb / 5P
   1a 10A, 1a1b/2a 8A small polarized power relays Switching power supply
DE1A-L2-24V PANASONIC-DE1A-L2-24V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
DE1A1B-L2-12V PANASONIC-DE1A1B-L2-12V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
DE1A-L-5V PANASONIC-DE1A-L-5V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
DE1A1B-12V PANASONIC-DE1A1B-12V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
logo
Fujitsu Component Limit...
JSL FUJITSU-JSL Datasheet
974Kb / 6P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com