Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA2SV04 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MA2SV04
Description  Silicon epitaxial planar type For VCO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA2SV04 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MA2SV04_13 Datasheet HTML 1Page - Panasonic Semiconductor MA2SV04_13 Datasheet HTML 2Page - Panasonic Semiconductor MA2SV04_13 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MA2SV04
2
SKD00016CED
IR  Ta
IF  VF
CD  VR
CD  Ta
0
120
100
80
60
40
20
0
0.2
0.4
0.6
0.8
1.0
1.2
Forward voltage V
F (V)
Ta
= 60°C
25
°C
−40°C
10 −2
0
40
80
120
160
10 −1
1
10
102
Ambient temperature T
a (°C)
VR
= 5 V
1
102
10
0
8
16
24
32
40
Reverse voltage V
R (V)
f
= 1 MHz
Ta
= 25°C
0.98
020
40
60
80
100
0.99
1.00
1.01
1.02
1.03
1.04
Ambient temperature T
a (°C)
VR
= 1 V
3 V
f
= 1 MHz
This product complies with the RoHS Directive (EU 2002/95/EC).


Similar Part No. - MA2SV04_13

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2SV04 PANASONIC-MA2SV04 Datasheet
38Kb / 2P
   Silicon epitaxial planar type
More results

Similar Description - MA2SV04_13

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA26V07 PANASONIC-MA26V07 Datasheet
72Kb / 3P
   Silicon epitaxial planar type For VCO
MA26V14 PANASONIC-MA26V14 Datasheet
39Kb / 2P
   Silicon epitaxial planar type For VCO
MA27V15 PANASONIC-MA27V15 Datasheet
79Kb / 3P
   Silicon epitaxial planar type For VCO
MA27V12 PANASONIC-MA27V12 Datasheet
55Kb / 3P
   Silicon epitaxial planar type For VCO
MA27V07 PANASONIC-MA27V07 Datasheet
55Kb / 3P
   Silicon epitaxial planar type For VCO
logo
Toshiba Semiconductor
2SC5110 TOSHIBA-2SC5110_07 Datasheet
674Kb / 6P
   Silicon NPN Epitaxial Planar Type For VCO Application
2SC5108FT TOSHIBA-2SC5108FT_07 Datasheet
120Kb / 2P
   Silicon NPN Epitaxial Planar Type For VCO Application
JDV2S05E TOSHIBA-JDV2S05E_07 Datasheet
127Kb / 3P
   Silicon Epitaxial Planar Type VCO for UHF band
2SC5108 TOSHIBA-2SC5108_07 Datasheet
657Kb / 6P
   Silicon NPN Epitaxial Planar Type For VCO Application
JDV2S01E-07 TOSHIBA-JDV2S01E-07 Datasheet
127Kb / 3P
   Silicon Epitaxial Planar Type VCO for UHF band
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com