Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KR16TT130706 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # KR16TT130706
Description  Panasonic Industrial Company FERRITE CORES FOR NOISE REDUCTION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

KR16TT130706 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  KR16TT130706 Datasheet HTML 1Page - Panasonic Semiconductor KR16TT130706 Datasheet HTML 2Page - Panasonic Semiconductor KR16TT130706 Datasheet HTML 3Page - Panasonic Semiconductor KR16TT130706 Datasheet HTML 4Page - Panasonic Semiconductor KR16TT130706 Datasheet HTML 5Page - Panasonic Semiconductor KR16TT130706 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Panasonic Industrial Company
FP Series (Flat Cable Core)
FP Series is effective for noise reduction for flat cables.
A
B
C
D
E
30MHz 50MHz 100MHz
wire
KR16FP220610
22.5
17.5
6.0
1.0
10.3
32
40
56
*1
KR16FP340710
33.5
27.0
6.5
1.3
10.0
28
38
73
*3
KR16FP340812
33.5
28.5
7.5
2.5
12.0
25
32
53
*2
KR16FP360709
36.0
31.0
6.5
1.5
9.0
23
30
48
*2
KR16FP400710
40.0
34.8
6.5
1.3
10.0
24
34
65
*2
KR16FP450712
45.2
40.0
6.5
1.3
12.0
28
40
83
*3
Measuring wire *1: 1UEW 0.5, 50mm, 1turn
*2: UL1007 AWG26, 65mm, 1turn
*3: 1UEW 0.5, 100mm, 1turn
DIMENSIONS
PART NUMBER
IMPEDANCE


Similar Part No. - KR16TT130706

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KR100 ETC-KR100 Datasheet
897Kb / 2P
   NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
logo
Guangdong Kexin Industr...
KR107 KEXIN-KR107 Datasheet
36Kb / 1P
   1.0 A Fast Recovery Rectifiers
logo
List of Unclassifed Man...
KR120 ETC-KR120 Datasheet
897Kb / 2P
   NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
logo
Wall Industries,Inc.
KR12D12-230 WALL-KR12D12-230 Datasheet
153Kb / 3P
   6 Watt DC/DC Converter Single and Dual Outputs 2:1 and 4:1 Wide Input Voltage Range
KR12D12-230 WALL-KR12D12-230 Datasheet
96Kb / 3P
   Single and Dual Outputs 6 Watt DC/DC Converters
More results

Similar Description - KR16TT130706

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECO-S1KP472DA PANASONIC-ECO-S1KP472DA Datasheet
193Kb / 10P
   Panasonic Industrial Company
logo
NEC
EB16-P1206-F NEC-EB16-P1206-F Datasheet
6Mb / 71P
   Ferrite Cores
logo
Panasonic Semiconductor
ENW89829C2JF PANASONIC-ENW89829C2JF Datasheet
1Mb / 60P
   Panasonic Industrial Devices Europe GmbH
logo
Sony Corporation
CX20099 SONY-CX20099 Datasheet
377Kb / 16P
   NOISE REDUCTION
logo
Central Technologies
CTT CT-CTT Datasheet
1Mb / 12P
   Ferrite Toroidal Cores
logo
Zoran Corporation
NRED-1 ZORAN-NRED-1 Datasheet
229Kb / 2P
   Noise Reduction Processor
logo
TDK Electronics
EPC TDK-EPC Datasheet
290Kb / 2P
   Ferrite Cores For Power Supply and Signal Transformer EPC Cores
logo
SHANGHAI BELLING CO., L...
BL6332 BELLING-BL6332 Datasheet
153Kb / 6P
   Pop noise reduction function
logo
Fairchild Semiconductor
AN4148 FAIRCHILD-AN4148 Datasheet
220Kb / 5P
   Audible Noise Reduction Techniques
logo
Laird Tech Smart Techno...
28R2170-100 LSTD-28R2170-100 Datasheet
1Mb / 38P
   Ferrite EMI Cable Cores
2017
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com