Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERZVFM101 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ERZVFM101
Description  ZNR Transient Surge Absorbers SMD Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERZVFM101 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ERZVFM101 Datasheet HTML 1Page - Panasonic Semiconductor ERZVFM101 Datasheet HTML 2Page - Panasonic Semiconductor ERZVFM101 Datasheet HTML 3Page - Panasonic Semiconductor ERZVFM101 Datasheet HTML 4Page - Panasonic Semiconductor ERZVFM101 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
“ZNR” Surge Absorbers, SMD Type
– 36 –
Impulse Width (μs)
20
100
1000
10000
0.1
0.2
0.3
0.4
0.5
1
2
3
4
5
10
20
30
40
50
100
200
300
2 Times
10
Tim
es
10
2
Times
10
3
Times
10
4
Times
10 6
Times
1
0 5
T
im
e
s
5 min. interval
2 min. interval
10 sec. interval
2 times :
up to 10 times :
up to 10
6 times :
1000
100
10
1
20
100
1000
0.1
10000
2 Times
10
Times
10
2
Times
10
3
Times
10
4
Tim
es
10 6
Times
10 5
Tim
es
Impulse Width (μs)
5 min. interval
2 min. interval
10 sec. interval
2 times :
up to 10 times :
up to 10
6 times :
2000
1000
900
800
700
600
500
400
300
200
100
90
80
70
60
50
40
30
10
–6
10
–5
10
–4
10
–3
10
–2
10
–1
10
0
10
1
10
2
10
3
10
4
431
241
221
391
271
471
431
391
361
241
221
201
820
101
121
151
820
101
121
151
201
271
361
471
Current (A)
Test Current Waveform
10
–6 to 10–3 A : Direct Current
10
–1 to 104 A : 8/20 μs
Max. Clamping Voltage
Max.
Leakage Current
400
300
200
100
90
80
70
60
50
40
30
7
6
3
20
10
9
8
10
–6
10
–5
10
–4
10
–3
10
–2
10
–1
10
0
10
1
10
2
10
3
10
4
680
680
560
470
560
470
390
330
270
270
220
220
4
5
390
330
Current (A)
Test Current Waveform
10
–6 to 10–3A: Direct Current
10
–1 to 103 A: 8/20 μs
Max. Clamping Voltage
Max.
Leakage Current
Typical Characteristics
Voltage vs. Current
Impulse Derating (Relation between impulse
width and impulse current multiple)
ERZVF1(2)M220 to ERZVF1(2)M680
ERZVF1(2)M820 to ERZVF1(2)M271
ERZVF1(2)M331 to ERZVF1(2)M471
ERZVF1(2)M820 to ERZVF1(2)M471
ERZVF1(2)M220 to ERZVF1(2)M680
Impulse Width (μs)
20
100
1000
10000
1
0.1
2
3
4
5
10
20
30
40
50
100
200
300
400
500
1000
2000
2
Times
10
Times
10
2
Times
10
3
Times
10
4
Times
10 6
Times
10
5
Times
5 min. interval
2 min. interval
10 sec. interval
2 times :
up to 10 times :
up to 10
6 times :
Aug. 2012
01


Similar Part No. - ERZVFM101

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZVF1M101 PANASONIC-ERZVF1M101 Datasheet
109Kb / 5P
   ZNR Transient/Surge Absorbers, SMD Type
ERZVF1M101 PANASONIC-ERZVF1M101 Datasheet
124Kb / 5P
   ?쏾NR??Transient/Surge Absorbers, SMD Type Low clamping voltage
ERZVF1M101 PANASONIC-ERZVF1M101 Datasheet
998Kb / 8P
   Large withstanding surge current capability in compact size
ERZVF1M121 PANASONIC-ERZVF1M121 Datasheet
109Kb / 5P
   ZNR Transient/Surge Absorbers, SMD Type
ERZVF1M121 PANASONIC-ERZVF1M121 Datasheet
124Kb / 5P
   ?쏾NR??Transient/Surge Absorbers, SMD Type Low clamping voltage
More results

Similar Description - ERZVFM101

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERZ-VF2M101 PANASONIC-ERZ-VF2M101 Datasheet
109Kb / 5P
   ZNR Transient/Surge Absorbers, SMD Type
ERZV05D180 PANASONIC-ERZV05D180 Datasheet
647Kb / 19P
   ZNR Transient/Surge Absorbers
ERZC20EK201Y PANASONIC-ERZC20EK201Y Datasheet
117Kb / 6P
   ZNR Transient/Surge Absorbers
ERZV14D511 PANASONIC-ERZV14D511 Datasheet
366Kb / 20P
   ZNR??Transient/Surge Absorbers
ERZV05D270 PANASONIC-ERZV05D270 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
ERZ-VA7D221 PANASONIC-ERZ-VA7D221 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers
ERZ-V07D560 PANASONIC-ERZ-V07D560 Datasheet
404Kb / 20P
   ZNR Transient/Surge Absorbers (Type D)
ERZ-VF2M471 PANASONIC-ERZ-VF2M471 Datasheet
109Kb / 5P
   ZNR Surge Absorbers, SMD Type
ERZ-V10D391 PANASONIC-ERZ-V10D391 Datasheet
366Kb / 20P
   ZNR Transient/Surge Absorbers
ERZ-V10D271 PANASONIC-ERZ-V10D271 Datasheet
366Kb / 20P
   ZNR Transient/Surge Absorbers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com