Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM236LJR Datasheet(PDF) 10 Page - Analog Devices

Part # ADM236LJR
Description  5 V-Powered CMOS RS-232 Drivers/Receivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM236LJR Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM236LJR Datasheet HTML 6Page - Analog Devices ADM236LJR Datasheet HTML 7Page - Analog Devices ADM236LJR Datasheet HTML 8Page - Analog Devices ADM236LJR Datasheet HTML 9Page - Analog Devices ADM236LJR Datasheet HTML 10Page - Analog Devices ADM236LJR Datasheet HTML 11Page - Analog Devices ADM236LJR Datasheet HTML 12Page - Analog Devices ADM236LJR Datasheet HTML 13Page - Analog Devices ADM236LJR Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADM231L–ADM234L/ADM236L–ADM241L
Rev. C | Page 10 of 20
T1IN
T1OUT
T2IN
T2OUT
RS-232
OUTPUTS
T3IN
T4IN
R1OUT
R1IN
R2OUT
R2IN
TTL/CMOS
OUTPUTS
R3IN
R3OUT
T3OUT
T4OUT
1
µF
+6.3V
1
µF
+16V
C1+
C1–
C2–
C2+
V–
1
µF
+16V
+10V TO –10V
VOLTAGE
INVERTER
1
µF
+6.3V
1
µF
+6.3V
+5V INPUT
VCC
+5V TO +10V
VOLTAGE
DOUBLER
T1
T2
T3
T4
R1
R2
R3
V+
SD
ADM236L
GND
TTL/CMOS
INPUTS1
RS-232
INPUTS2
1INTERNAL 400k
Ω PULL-UP RESISTOR ON EACH TTL/CMOS INPUT.
2INTERNAL 5k
Ω PULL-DOWN RESISTOR ON EACH RS-232 INPUT.
EN
Figure 21. ADM236L Typical Operating Circuit
T1IN
T1OUT
T2IN
T2OUT
RS-232
OUTPUTS
T3IN
T4IN
T5IN
R1OUT
R1IN
R2OUT
R2IN
TTL/CMOS
OUTPUTS
R3IN
R3OUT
T3OUT
T4OUT
T5OUT
1
µF
+6.3V
1
µF
+16V
C1+
C1–
C2–
C2+
V–
1
µF
+16V
+10V TO –10V
VOLTAGE
INVERTER
1
µF
+6.3V
1
µF
+6.3V
+5V INPUT
VCC
+5V TO +10V
VOLTAGE
DOUBLER
T1
T2
T3
T4
T5
R1
R2
R3
V+
ADM237L
20
GND
TTL/CMOS
INPUTS1
RS-232
INPUTS2
1INTERNAL 400k
Ω PULL-UP RESISTOR ON EACH TTL/CMOS INPUT.
2INTERNAL 5k
Ω PULL-DOWN RESISTOR ON EACH RS-232 INPUT.
Figure 22. ADM237L Typical Operating Circuit
ADM238L
T1IN
T1
T1OUT
T2IN
T2
T2OUT
RS-232
OUTPUTS
T3
T4
T3IN
T4IN
R1OUT
R1
R1IN
R2OUT
R2
R2IN
TTL/CMOS
OUTPUTS
R3IN
R4IN
R3OUT
R4OUT
T3OUT
T4OUT
GND
R3
R4
1
µF
+6.3V
1
µF
+16V
C1+
C1–
C2–
C2+
V–
1
µF
+16V
+10V TO –10V
VOLTAGE
INVERTER
1
µF
+6.3V
1
µF
+6.3V
+5V INPUT
V+
VCC
+5V TO +10V
VOLTAGE
DOUBLER
TTL/CMOS
INPUTS1
RS-232
INPUTS2
1INTERNAL 400k
Ω PULL-UP RESISTOR ON EACH TTL/CMOS INPUT.
2INTERNAL 5k
Ω PULL-DOWN RESISTOR ON EACH RS-232 INPUT.
Figure 23. ADM238L Typical Operating Circuit


Similar Part No. - ADM236LJR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM236LJR AD-ADM236LJR Datasheet
364Kb / 16P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
ADM236LJR AD-ADM236LJR Datasheet
281Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM236LJR-REEL AD-ADM236LJR-REEL Datasheet
281Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
More results

Similar Description - ADM236LJR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM223 AD-ADM223_15 Datasheet
340Kb / 16P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. B
AD230 AD-AD230 Datasheet
363Kb / 11P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. A
AD230 AD-AD230_15 Datasheet
4Mb / 15P
   5 V POWERED CMOS RS 232 DRIVERS RECEIVERS
ADM223 AD-ADM223 Datasheet
364Kb / 16P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
ADM233LJNZ AD-ADM233LJNZ Datasheet
281Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM233LJNZ AD-ADM233LJNZ Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM205 AD-ADM205 Datasheet
486Kb / 12P
   0.1 uF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
ADM206 AD-ADM206 Datasheet
254Kb / 16P
   0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers
Rev. D
ADM207EARSZ AD-ADM207EARSZ Datasheet
218Kb / 16P
   0.1 muF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM206 AD-ADM206_11 Datasheet
254Kb / 16P
   0.1 關F, 5 V Powered CMOS RS-232 Drivers/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com