Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADuM2400CRIZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADuM2400CRIZ
Description  Quad-Channel Digital Isolators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM2400CRIZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADuM2400CRIZ Datasheet HTML 3Page - Analog Devices ADuM2400CRIZ Datasheet HTML 4Page - Analog Devices ADuM2400CRIZ Datasheet HTML 5Page - Analog Devices ADuM2400CRIZ Datasheet HTML 6Page - Analog Devices ADuM2400CRIZ Datasheet HTML 7Page - Analog Devices ADuM2400CRIZ Datasheet HTML 8Page - Analog Devices ADuM2400CRIZ Datasheet HTML 9Page - Analog Devices ADuM2400CRIZ Datasheet HTML 10Page - Analog Devices ADuM2400CRIZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADuM2400/ADuM2401/ADuM2402
Rev. E | Page 7 of 24
ELECTRICAL CHARACTERISTICS—MIXED 5 V/3 V OR 3 V/5 V OPERATION1
5 V/3 V operation: 4.5 V ≤ VDD1 ≤ 5.5 V, 2.7 V ≤ VDD2 ≤ 3.6 V. 3 V/5 V operation: 2.7 V ≤ VDD1 ≤ 3.6 V, 4.5 V ≤ VDD2 ≤ 5.5 V. All
minimum/maximum specifications apply over the entire recommended operation range, unless otherwise noted. All typical specifications
are at TA = 25°C; VDD1 = 3.0 V, VDD2 = 5 V; or VDD1 = 5 V, VDD2 = 3.0 V.
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
DC SPECIFICATIONS
Input Supply Current per Channel, Quiescent
IDDI (Q)
5 V/3 V Operation
0.50
0.53
mA
3 V/5 V Operation
0.26
0.31
mA
Output Supply Current per Channel, Quiescent
IDDO (Q)
5 V/3 V Operation
0.11
0.14
mA
3 V/5 V Operation
0.19
0.21
mA
ADuM2400 Total Supply Current, Four Channels2
DC to 2 Mbps
VDD1 Supply Current
IDD1 (Q)
5 V/3 V Operation
2.2
2.8
mA
DC to 1 MHz logic signal frequency
3 V/5 V Operation
1.2
1.9
mA
DC to 1 MHz logic signal frequency
VDD2 Supply Current
IDD2 (Q)
5 V/3 V Operation
0.5
0.9
mA
DC to 1 MHz logic signal frequency
3 V/5 V Operation
0.9
1.4
mA
DC to 1 MHz logic signal frequency
10 Mbps (BRWZ and CRWZ Grades Only)
VDD1 Supply Current
IDD1 (10)
5 V/3 V Operation
8.6
10.6
mA
5 MHz logic signal frequency
3 V/5 V Operation
4.5
6.5
mA
5 MHz logic signal frequency
VDD2 Supply Current
IDD2 (10)
5 V/3 V Operation
1.4
2.0
mA
5 MHz logic signal frequency
3 V/5 V Operation
2.6
3.5
mA
5 MHz logic signal frequency
90 Mbps (CRWZ Grade Only)
VDD1 Supply Current
IDD1 (90)
5 V/3 V Operation
70
100
mA
45 MHz logic signal frequency
3 V/5 V Operation
37
65
mA
45 MHz logic signal frequency
VDD2 Supply Current
IDD2 (90)
5 V/3 V Operation
11
15
mA
45 MHz logic signal frequency
3 V/5 V Operation
18
25
mA
45 MHz logic signal frequency
ADuM2401 Total Supply Current, Four Channels2
DC to 2 Mbps
VDD1 Supply Current
IDD1 (Q)
5 V/3 V Operation
1.8
2.4
mA
DC to 1 MHz logic signal frequency
3 V/5 V Operation
1.0
1.6
mA
DC to 1 MHz logic signal frequency
VDD2 Supply Current
IDD2 (Q)
5 V/3 V Operation
0.7
1.2
mA
DC to 1 MHz logic signal frequency
3 V/5 V Operation
1.2
1.8
mA
DC to 1 MHz logic signal frequency
10 Mbps (BRWZ and CRWZ Grades Only)
VDD1 Supply Current
IDD1 (10)
5 V/3 V Operation
7.1
9.0
mA
5 MHz logic signal frequency
3 V/5 V Operation
3.7
5.4
mA
5 MHz logic signal frequency
VDD2 Supply Current
IDD2 (10)
5 V/3 V Operation
2.2
3.0
mA
5 MHz logic signal frequency
3 V/5 V Operation
4.1
5.0
mA
5 MHz logic signal frequency
90 Mbps (CRWZ Grade Only)
VDD1 Supply Current
IDD1 (90)
5 V/3 V Operation
57
82
mA
45 MHz logic signal frequency
3 V/5 V Operation
30
52
mA
45 MHz logic signal frequency


Similar Part No. - ADuM2400CRIZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuM2400CRIZ AD-ADuM2400CRIZ Datasheet
304Kb / 24P
   Quad-Channel Digital Isolators
REV. D
ADUM2400CRIZ AD-ADUM2400CRIZ Datasheet
544Kb / 24P
   Quad-Channel Digital Isolators
Rev. F
More results

Similar Description - ADuM2400CRIZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1410 AD-ADUM1410_10 Datasheet
691Kb / 24P
   Quad-Channel Digital Isolators
Rev. H
ADUM2402 AD-ADUM2402_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_15 Datasheet
422Kb / 24P
   Quad-Channel Digital Isolators
Rev. J
ADUM1402ARWZ-RL AD-ADUM1402ARWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1400CRWZ-RL AD-ADUM1400CRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM2401 AD-ADUM2401_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_07 Datasheet
600Kb / 24P
   Quad-Channel Digital Isolators
Rev. G
ADUM1400 AD-ADUM1400_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
ADUM1401 AD-ADUM1401_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com