Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PZ15CHEWS_L2_10001 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PZ15CHEWS_L2_10001
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PZ15CHEWS_L2_10001 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PZ15CHEWS_L2_10001 Datasheet HTML 1Page - Pan Jit International Inc. PZ15CHEWS_L2_10001 Datasheet HTML 2Page - Pan Jit International Inc. PZ15CHEWS_L2_10001 Datasheet HTML 3Page - Pan Jit International Inc. PZ15CHEWS_L2_10001 Datasheet HTML 4Page - Pan Jit International Inc. PZ15CHEWS_L2_10001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
July 26,2013-REV.00
PZ15CHEWS PZ16CHEWS
Fig.2 Typical Junction Capacitance
0
5
10
15
20
25
30
35
0
5
10
15
20
V
R, Reverse Bias Voltage (V)
16V
0
5
10
15
20
25
30
0
5
10
15
20
V
Z , Zener Voltage (V)
T
J=25℃
0
100
200
300
400
500
600
0
25
50
75
100
125
150
TA, Ambient Temperature (°C)
Fig.1 Steady-State Power Derating Curve
10
10.2
10.4
10.6
10.8
11
11.2
11.4
11.6
11.8
12
12
3456
789
10
I
Z, Zener Current (mA)
15V
16V
15V
Fig.3 Typical Zener Breakdown Characteristics
V
Z , Zener Voltage (V)
Fig.4 Temperature Coefficient as a
Function of Working Current ; Typical
values
I
Z, Zener Current (mA)


Similar Part No. - PZ15CHEWS_L2_10001

ManufacturerPart #DatasheetDescription
logo
Relpol S.A.
PZ11 RELPOL-PZ11 Datasheet
10Mb / 20P
   Plug-in sockets and accessories
logo
NXP Semiconductors
PZ1418B15U PHILIPS-PZ1418B15U Datasheet
81Kb / 12P
   NPN microwave power transistor
1997 Feb 19
PZ1418B30U PHILIPS-PZ1418B30U Datasheet
131Kb / 16P
   NPN microwave power transistors
1997 Feb 19
logo
Pan Jit International I...
PZ16B PANJIT-PZ16B Datasheet
90Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
NXP Semiconductors
PZ1721B25U PHILIPS-PZ1721B25U Datasheet
131Kb / 16P
   NPN microwave power transistors
1997 Feb 19
More results

Similar Description - PZ15CHEWS_L2_10001

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com