Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJMBZ15V-AU_F2_10001 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJMBZ15V-AU_F2_10001
Description  DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJMBZ15V-AU_F2_10001 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJMBZ15V-AU_F2_10001 Datasheet HTML 1Page - Pan Jit International Inc. PJMBZ15V-AU_F2_10001 Datasheet HTML 2Page - Pan Jit International Inc. PJMBZ15V-AU_F2_10001 Datasheet HTML 3Page - Pan Jit International Inc. PJMBZ15V-AU_F2_10001 Datasheet HTML 4Page - Pan Jit International Inc. PJMBZ15V-AU_F2_10001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
August 16.2010-REV.00
PJMBZ15V-AU / PJMBZ27V-AU
ELECTRICAL CHARACTERISTICS Tj = 25oC
PA RA ME TE R
S ymbol
C ondi ti on
Mi n
Typi cal
Max
Uni ts
Revers e S tand-Off Voltage
V RWM
--
12
V
Revers e B reakdown Voltage
V BR
IBR=1mA
14.3
-
15.8
V
Revers e Leakage C urrent
I R
V RWM=12V
-
-
100
nA
C lampi ng Voltage (8x20 μsec)
V CL
IPP=6A mpS
--
24
V
C lampi ng Voltage (10x1000 μsec)
V CL
IPP=1A mpS
--
23
V
Off S tate Juncti on C apaci tance
C J
0 V dc B i as f=1MHz
B etween I/O pi ns and pi n 3
-
-
80
pF
PA RA ME TE R
S ymbol
C ondi ti on
Mi n
Typi cal
Max
Uni ts
Revers e S tand-Off Voltage
V RWM
--
22
V
Revers e B reakdown Voltage
V BR
IBR=1mA
25.65
-
28.35
V
Revers e Leakage C urrent
I R
V RWM=22V
-
-
50
nA
C lampi ng Voltage (8x20 μsec)
V CL
IPP=4A mpS
--
36
V
C lampi ng Voltage (10x1000 μsec)
V CL
IPP=0.85A mpS
--
30
V
Off S tate Juncti on C apaci tance
C J
0 V dc B i as f=1MHz
B etween I/O pi ns and pi n 3
-
-
50
pF
P JMB Z15V -AU Marki ng UL
P JMB Z27V-AU Marki ng US


Similar Part No. - PJMBZ15V-AU_F2_10001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJMBZ15V PANJIT-PJMBZ15V Datasheet
95Kb / 3P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ15VD PANJIT-PJMBZ15VD Datasheet
42Kb / 2P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
More results

Similar Description - PJMBZ15V-AU_F2_10001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJMBZ15V PANJIT-PJMBZ15V Datasheet
95Kb / 3P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ5V6 PANJIT-PJMBZ5V6_10 Datasheet
116Kb / 4P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ15VD PANJIT-PJMBZ15VD Datasheet
42Kb / 2P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ5V6 PANJIT-PJMBZ5V6 Datasheet
102Kb / 5P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ5V6-AU PANJIT-PJMBZ5V6-AU Datasheet
219Kb / 6P
   DUAL TVS FOR ESD / TRANSIENT PROTECTION
PJSOT05 PANJIT-PJSOT05_05 Datasheet
109Kb / 3P
   SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
PJSOT PANJIT-PJSOT Datasheet
57Kb / 4P
   SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
logo
Unisonic Technologies
SOT05C UTC-SOT05C Datasheet
80Kb / 4P
   SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
logo
Vishay Siliconix
MMBZ6V8DC VISHAY-MMBZ6V8DC Datasheet
37Kb / 2P
   Dual Zener Transient Voltage Suppressor Diodes for ESD Protection
21-May-02
logo
Pan Jit International I...
PJSM6V8TB PANJIT-PJSM6V8TB Datasheet
292Kb / 4P
   BI-DIRECTIONAL TVS/ZENER FOR ESD PROTECTION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com