Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJSD05LCTM-AU_L2_10001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJSD05LCTM-AU_L2_10001
Description  BI-DIRECTIONAL ESD PROTECTION DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJSD05LCTM-AU_L2_10001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJSD05LCTM-AU_L2_10001 Datasheet HTML 1Page - Pan Jit International Inc. PJSD05LCTM-AU_L2_10001 Datasheet HTML 2Page - Pan Jit International Inc. PJSD05LCTM-AU_L2_10001 Datasheet HTML 3Page - Pan Jit International Inc. PJSD05LCTM-AU_L2_10001 Datasheet HTML 4Page - Pan Jit International Inc. PJSD05LCTM-AU_L2_10001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
February 2,2013-REV.03
PJSD05LCTM-AU
BI-DIRECTIONAL ESD PROTECTION DIODE
This Penta has been designed to Protect Sensitive Equipment against ESD and to prevent Latch-Up
events in CMOS circuitry operating at 5Vdc and below.This offers an integrated solution to protect up to
data line where the board space is a premium.
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS (TA=25oC)
SPECIFICATION FEATURES
• 25W Power Dippsipation (8/20s Waveform)
• Low Leakage Current, Maximum of 1A@5Vdc
• Very low Clamping voltage
• IEC 61000-4-2 ESD 15kV air, 8kV Contact Compliance
• Lead free in comply with EU RoHS 2011/65/EU directives
• Green molding compound as per IEC61249 Std. . (Halogen Free)
• Acqire quality system certificate : TS16949
• AEC-Q101 qualified
APPLICATIONS
• Video I/O ports protection
• Set Top Boxes
• Portable Instrumentation
MECHANICAL DATA
• Case : SOD-923, Plastic
• Terminals : Solderable per MIL-STD-750, Method 2026
• Approx. Weight : 0.0004gram
• Marking : X
Rating
Symbol
Value
Units
Peak Pulse Power (8/20 s Waveform)
PPP
25
W
Peak Pulse Current (8/20 s Waveform)
I PP
2
A
ESD Voltage (HBM)
V
ESD
>25
kV
Operati ng Juncti on and S torage Temperature Range
TJ,TSTG
-55 to +150
O
C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Reverse Stand-Off Voltage
VWRM
--
5.0
V
Reverse Breakdown Voltage
VBR
IBR=1mA
5.78
-
7.82
V
Reverse Leakage Current
I R
VR=5V
-
-
1.0
A
Clamping Voltage (8/20s)
VC
I PP=2A
-
-
12.5
V
Off State Junction Capacitance
CJ
0 Vdc Bias f=1MHz
-
-
15
pF


Similar Part No. - PJSD05LCTM-AU_L2_10001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSD05LCTM PANJIT-PJSD05LCTM Datasheet
142Kb / 3P
   BI-DIRECTIONAL ESD PROTECTION DIODE
PJSD05LCTM PANJIT-PJSD05LCTM Datasheet
327Kb / 1P
   Low CapacitanceHigh Power TVS/ESD Protection
More results

Similar Description - PJSD05LCTM-AU_L2_10001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSD05LCFN2 PANJIT-PJSD05LCFN2 Datasheet
117Kb / 3P
   BI-DIRECTIONAL ESD PROTECTION DIODE
PJSD03LCFN2 PANJIT-PJSD03LCFN2 Datasheet
64Kb / 3P
   BI-DIRECTIONAL ESD PROTECTION DIODE
logo
Taiwan Semiconductor Co...
TESDF5V0A TSC-TESDF5V0A_15 Datasheet
267Kb / 5P
   Bi-directional ESD Protection Diode
TESDD5V0HC TSC-TESDD5V0HC Datasheet
275Kb / 3P
   Bi-directional ESD Protection Diode
TESDLX TSC-TESDLX Datasheet
219Kb / 4P
   Bi-directional ESD Protection Diode
TESDC5V0 TSC-TESDC5V0_15 Datasheet
202Kb / 4P
   Bi-directional ESD Protection Diode
TESDC5V0LC TSC-TESDC5V0LC_15 Datasheet
207Kb / 4P
   Bi-directional ESD Protection Diode
TESDL5V0 TSC-TESDL5V0_15 Datasheet
206Kb / 5P
   Bi-directional ESD Protection Diode
logo
Pan Jit International I...
PJSD03LCTM PANJIT-PJSD03LCTM Datasheet
258Kb / 5P
   BI-DIRECTIONAL ESD PROTECTION DIODE
logo
First Silicon Co., Ltd
FTV05CBDFN1006 FS-FTV05CBDFN1006 Datasheet
318Kb / 3P
   Bi-directional ESD Protection Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com