Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJQ6008DPM-00T0 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJQ6008DPM-00T0
Description  600V - 10A - IGBT and Diode High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJQ6008DPM-00T0 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJQ6008DPM-00T0 Datasheet HTML 1Page - Renesas Technology Corp RJQ6008DPM-00T0 Datasheet HTML 2Page - Renesas Technology Corp RJQ6008DPM-00T0 Datasheet HTML 3Page - Renesas Technology Corp RJQ6008DPM-00T0 Datasheet HTML 4Page - Renesas Technology Corp RJQ6008DPM-00T0 Datasheet HTML 5Page - Renesas Technology Corp RJQ6008DPM-00T0 Datasheet HTML 6Page - Renesas Technology Corp RJQ6008DPM-00T0 Datasheet HTML 7Page - Renesas Technology Corp RJQ6008DPM-00T0 Datasheet HTML 8Page - Renesas Technology Corp RJQ6008DPM-00T0 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
R07DS0847EJ0100 Rev.1.00
Page 1 of 8
Jul 17, 2012
Preliminary Datasheet
RJQ6008DPM
600V - 10A - IGBT and Diode
High Speed Power Switching
Features
 Low collector to emitter saturation voltage
VCE(sat) = 2.65 V typ. (IC = 25 A, VGE = 15 V, Ta = 25°C)
 Built in fast recovery diode in one package
 Trench gate and thin wafer technology
 High speed switching
Outline
1. NC
2. Cathode
3. Anode, Collector
4. Emitter
5. Gate
Diode
IGBT
1 2
3 4
5
2
5
3
4
RENESAS Package code: PRSS0005ZB-A
(Package name: TO-3PFM-5)
Absolute Maximum Ratings
IGBT
(Tc = 25°C)
Item
Symbol
Ratings
Unit
Collector to emitter voltage
VCES
600
V
Gate to emitter voltage
VGES
±30
V
Tc = 25 °C
IC
Note1
20
A
Collector current
Tc = 100 °C
IC
Note1
10
A
Collector peak current
IC(peak)
Note3
100
A
Collector dissipation
PC
Note2
48
W
Junction to case thermal impedance
j-c
2.3
°C/W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. Limited by Tj max.
2. Value at Tc = 25°C
3. Pulse width limited by maximum safe operating area.
R07DS0847EJ0100
Rev.1.00
Jul 17, 2012


Similar Part No. - RJQ6008DPM-00T0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJQ6008DPM RENESAS-RJQ6008DPM_15 Datasheet
115Kb / 9P
   600V - 10A - IGBT and Diode High Speed Power Switching
More results

Similar Description - RJQ6008DPM-00T0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJQ6008DPM RENESAS-RJQ6008DPM_15 Datasheet
115Kb / 9P
   600V - 10A - IGBT and Diode High Speed Power Switching
RJQ6022DPM RENESAS-RJQ6022DPM Datasheet
87Kb / 4P
   600V - 10A - IGBT High Speed Power Switching
RJQ6021DPM RENESAS-RJQ6021DPM Datasheet
81Kb / 4P
   600V - 10A - IGBT High Speed Power Switching
RJP6003DPM RENESAS-RJP6003DPM Datasheet
110Kb / 9P
   600V - 20A - IGBT and Diode High Speed Power Switching
RJQ6003DPM RENESAS-RJQ6003DPM_15 Datasheet
110Kb / 9P
   600V - 20A - IGBT and Diode High Speed Power Switching
RJQ6003DPM RENESAS-RJQ6003DPM Datasheet
110Kb / 9P
   600V - 20A - IGBT and Diode High Speed Power Switching
RJP60F5DPM RENESAS-RJP60F5DPM_15 Datasheet
84Kb / 7P
   600V - 40A - IGBT High Speed Power Switching
RJP60F7DPK RENESAS-RJP60F7DPK Datasheet
105Kb / 7P
   600V - 50A - IGBT High Speed Power Switching
RJH60F7BDPQ-A0 RENESAS-RJH60F7BDPQ-A0_15 Datasheet
218Kb / 9P
   600V - 50A - IGBT High Speed Power Switching
RJH60F5BDPQ-A0 RENESAS-RJH60F5BDPQ-A0_15 Datasheet
101Kb / 9P
   600V - 40A - IGBT High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com