Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVS1210 Datasheet(PDF) 1 Page - Riedon Powertron

Part # HVS1210
Description  High Voltage / High Temperature Thick Film Chip Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

HVS1210 Datasheet(HTML) 1 Page - Riedon Powertron

  HVS1210 Datasheet HTML 1Page - Riedon Powertron HVS1210 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
09/13
Type
0805
1206
1210
2010
2512
4020
Power Rating - P
70
( W @ 70°C)
0.125
0.25
0.35
0.5
1.0
1.5
Working
Voltage
( VAC )
Trimmed
200
600
800
1500
2000
4000
Untrimmed
(> 5%)
400
1000
1200
2000
3000
6000
Resistance Range
( W )
Tolerances Available ( % )
Temperature Coefficients Available ( ± ppm/°C )
Voltage Coefficients Available ( ppm / V )
100k - 100M
0.5% to 10%
25 / 50 / 100
100ppm/V
0.5% to 10%
25 / 50 / 100
50ppm/V
0.5% to 10%
25 / 50 / 100
50ppm/V
0.5% to 10%
25 / 50 / 100
25ppm/V
0.5% to 10%
25 / 50 / 100
10ppm/V
0.25% to 10%
25 / 50 / 100
5ppm/V
>100M - 1G
2% to 20%
50 / 100 / 250
250ppm/V
2% to 20%
50 / 100 / 250
100ppm/V
1% to 20%
25 / 50 / 100
50ppm/V
1% to 20%
25 / 50 / 100
50ppm/V
1% to 20%
25 / 50 / 100
25ppm/V
0.5% to 20%
25 / 50 / 100
10ppm/V
>1G - 10G
5% to 20%
250 / 500
500ppm/V
5% to 20%
50 / 100 / 250
250ppm/V
2% to 20%
25 / 50 / 100
100ppm/V
2% to 20%
25 / 50 / 100
100ppm/V
2% to 20%
25 / 50 / 100
50ppm/V
1% to 20%
25 / 50 / 100
10ppm/V
>10G - 100G
10% to 30%
2000
2000ppm/V
10% to 30%
250 / 500 / 1000
1000ppm/V
5% to 30%
250 / 500 / 1000
500ppm/V
5% to 30%
100 / 250 / 500
500ppm/V
5% to 30%
100 / 250 / 500
100ppm/V
2% to 30%
100 / 250 / 500
50ppm/V
>100G - 1T
20% to 30%
3000
5000ppm/V
10% to 30%
1000 / 2000
2000ppm/V
5% to 30%
1000 / 2000
1000ppm/V
5% to 30%
500 / 1000
1000ppm/V
5% to 30%
250 / 500
500ppm/V
5% to 30%
250 / 500
250ppm/V
>1T - 10T
-
20% to 30%
TCR / VCR on
request
20% to 30%
TCR / VCR on
request
20% to 30%
TCR / VCR on
request
10% to 30%
TCR / VCR on
request
10% to 30%
TCR / VCR on
request
HVS Series
• Resistances from 100k to 10T Ohms
• Power Rating 0.125 to 1.5 Watt
• Resistance Tolerances to ± 0.25%
• TCR’s to ±25 ppm/°C
• Non-Magnetic (contact PtAg)
• High Value Thick Film Resistance Element
• Sizes: 0805 / 1206 / 1210 / 2010 / 2512 / 4020
• Special HT Version to 300°C
SPECIFICATIONS
High Voltage / High Temperature
Thick Film Chip Resistors
1) Solder pads must have sufficient heat conduction
2) TCR in ppm/K; +25°C to +125°C; TCR below standard TCR (highest value) and values >100G; +25°C to +85°C
3) VCR: typical values, all negative, not for all TCR values available


Similar Part No. - HVS1210

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
HVS1210 RIEDON-HVS1210 Datasheet
208Kb / 2P
   High Voltage / High Temperature Thick Film Chip Resistors
HVS1210 RIEDON-HVS1210 Datasheet
112Kb / 2P
   High Voltage / High Temperature Thick Film Chip Resistors
More results

Similar Description - HVS1210

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
HVS0805-100KJ8 RIEDON-HVS0805-100KJ8 Datasheet
112Kb / 2P
   High Voltage / High Temperature Thick Film Chip Resistors
HVS RIEDON-HVS Datasheet
208Kb / 2P
   High Voltage / High Temperature Thick Film Chip Resistors
HVS1206-100KJ8 RIEDON-HVS1206-100KJ8 Datasheet
112Kb / 2P
   High Voltage / High Temperature Thick Film Chip Resistors
HVS0805-150MK8 RIEDON-HVS0805-150MK8 Datasheet
112Kb / 2P
   High Voltage / High Temperature Thick Film Chip Resistors
logo
IRC - a TT electronics ...
TKC-HTC-1206LF-1R00-J IRCTT-TKC-HTC-1206LF-1R00-J Datasheet
284Kb / 2P
   High Temperature Thick Film Chip Resistors
logo
Bourns Electronic Solut...
CHV BOURNS-CHV Datasheet
165Kb / 4P
   Thick Film High Voltage Chip Resistors
logo
Vishay Siliconix
CRHV VISHAY-CRHV_15 Datasheet
87Kb / 4P
   Thick Film Chip Resistors, High Voltage
Revision: 02-Oct-14
logo
List of Unclassifed Man...
RH10FTN4993 ETC-RH10FTN4993 Datasheet
725Kb / 9P
   Thick Film High Voltage Chip Resistors
logo
Vishay Siliconix
CRMV VISHAY-CRMV Datasheet
143Kb / 4P
   Thick Film Chip Resistors, High Voltage
logo
Bourns Electronic Solut...
CHV-0603A BOURNS-CHV-0603A Datasheet
723Kb / 5P
   Thick Film High Voltage Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com