Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJSD05TS-02-AU_A1_00001 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJSD05TS-02-AU_A1_00001
Description  SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJSD05TS-02-AU_A1_00001 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJSD05TS-02-AU_A1_00001 Datasheet HTML 1Page - Pan Jit International Inc. PJSD05TS-02-AU_A1_00001 Datasheet HTML 2Page - Pan Jit International Inc. PJSD05TS-02-AU_A1_00001 Datasheet HTML 3Page - Pan Jit International Inc. PJSD05TS-02-AU_A1_00001 Datasheet HTML 4Page - Pan Jit International Inc. PJSD05TS-02-AU_A1_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
REV.0.0-DEC.24.2009
PJSD05TS-02-AU
2
4
6
8
10
12
14
16
18
12
11
10
9
8
Ipk,A
Clamping Voltage vs I pp 8/20 s Surge
m
0
5
10
15
20
25
30
100
90
80
70
60
50
40
30
20
10
0
time, s
m
Pulse Waveform
01
2
3
4
5
Bias Voltage,Vdc
Capacitance vs. Biasing Voltage@1MHz
Rise time 10-90%-8 s
m
50% of I pp@20 s
m
150
125
100
75
50
6


Similar Part No. - PJSD05TS-02-AU_A1_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSD05TS-02 PANJIT-PJSD05TS-02 Datasheet
84Kb / 3P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD05TS-02 PANJIT-PJSD05TS-02_13 Datasheet
95Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
More results

Similar Description - PJSD05TS-02-AU_A1_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSD03W PANJIT-PJSD03W Datasheet
97Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD03TG PANJIT-PJSD03TG_09 Datasheet
191Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD03TS PANJIT-PJSD03TS_10 Datasheet
101Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJE24HWS PANJIT-PJE24HWS Datasheet
176Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD05TS-02 PANJIT-PJSD05TS-02 Datasheet
84Kb / 3P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD03W-AU PANJIT-PJSD03W-AU Datasheet
87Kb / 7P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
April 1,2016-REV.03
PJSD03TS-AU PANJIT-PJSD03TS-AU Datasheet
188Kb / 6P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
September 2,2019-REV.04
PJSD36W-AU PANJIT-PJSD36W-AU Datasheet
73Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
logo
Shenzhen Luguang Electr...
ESD5Z03T1 LUGUANG-ESD5Z03T1 Datasheet
216Kb / 4P
   Single Line TVS Diode For ESD Protection Portable Electronics
logo
Pan Jit International I...
PJSD05TS-02 PANJIT-PJSD05TS-02_13 Datasheet
95Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com