Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PG4001-AU_R2_000A1 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PG4001-AU_R2_000A1
Description  GLASS PASSIVATED JUNCTION RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PG4001-AU_R2_000A1 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PG4001-AU_R2_000A1 Datasheet HTML 1Page - Pan Jit International Inc. PG4001-AU_R2_000A1 Datasheet HTML 2Page - Pan Jit International Inc. PG4001-AU_R2_000A1 Datasheet HTML 3Page - Pan Jit International Inc. PG4001-AU_R2_000A1 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
STAD-FEB.04.2009
1
PG4001-AU ~ PG4007-AU
GLASS PASSIVATED JUNCTION RECTIFIER
NOTES:
1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC.
* JEDEC Registered Value
VOLTAGE
50 to 1000 Volts
CURRENT
1.0 Amperes
MAXIMUM RATINGSAND ELECTRICALCHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
FEATURES
• Plastic package has Underwriters Laboratory
• Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound.
• Exceeds environmental standards of MIL-S-19500/228
• Lead free in comply with EU RoHS 2002/95/EC directives
• Acqire quality system certificate : TS16949
AEC-Q101 qualified
MECHANCALDATA
• Case: Molded plastic, JEDEC DO-41
• Terminals: Axial leads, solderable per MIL-STD-750,Method 2026
• Polarity: Color Band denotes cathode
• Mounting Position: Any
• Weight: 0.012 ounce, 0.3 gram.
PARAMETER
SYMBOL PG4001-AU PG4002-AU PG4003-AU PG4004-AU PG4005-AU PG4006-AU PG4007-AU UNITS
Maximum Recurrent Peak Reverse Voltage
V
RRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
V
RMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
V
DC
50
100
200
400
600
800
1000
V
Maximum Average Forward Current .375"(9.5mm) lead length
at T
A=75
O
C
I
F(AV)
1.0
A
Peak Forward Surge Current : 8.3ms single half sine-wave
superimposed on rated load (JEDEC method)
I
FSM
30
A
Maximum Forward Voltage at 1.0A
V
F
1.1
V
Maximum DC Reverse Current at Rated DC Blocking
Voltage
T
J=25
O
C
T
J=100
O
C
I
R
1.0
50
μ
A
Typical Junction Capacitance (Note 1)
C
J
15
pF
Typical Thermal Resistance
R
θ
JA
50
O
C / W
Operating and Storage Temperature Range
T
J,TSTG
-55 to +150
O
C
0.034(0.86)
0.028(0.71)
0.107(2.7)
0.080(2.0)


Similar Part No. - PG4001-AU_R2_000A1

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PG4001 PANJIT-PG4001 Datasheet
99Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Zibo Seno Electronic En...
PG4001 ZSELEC-PG4001 Datasheet
91Kb / 2P
   1.0A GLASS PASSIVATED RECTIFIER
logo
Pan Jit International I...
PG4001S PANJIT-PG4001S Datasheet
41Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
PG4001S PANJIT-PG4001S Datasheet
96Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
PG4001S PANJIT-PG4001S_07 Datasheet
98Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
More results

Similar Description - PG4001-AU_R2_000A1

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RL251G GOOD-ARK-RL251G Datasheet
46Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
RL151G GOOD-ARK-RL151G Datasheet
45Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
G2A GE-G2A Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
1N5624GP GE-1N5624GP Datasheet
59Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
New Jersey Semi-Conduct...
G3A NJSEMI-G3A Datasheet
89Kb / 1P
   Glass Passivated Junction Rectifier
logo
Shenzhen Taychipst Elec...
GP15A TAYCHIPST-GP15A Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
GP20A TAYCHIPST-GP20A Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
GOOD-ARK Electronics
6A05G GOOD-ARK-6A05G Datasheet
164Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
1N4245GP GE-1N4245GP Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
1N5059 GE-1N5059 Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
GPP20A VISHAY-GPP20A_09 Datasheet
66Kb / 4P
   Glass Passivated Junction Rectifier
Revision: 03-Nov-09
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com