Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSC815Y Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KSC815Y
Description  Low Frequency Amplifier & High Frequency Oscillator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSC815Y Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSC815Y Datasheet HTML 1Page - Fairchild Semiconductor KSC815Y Datasheet HTML 2Page - Fairchild Semiconductor KSC815Y Datasheet HTML 3Page - Fairchild Semiconductor KSC815Y Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A2, September 2002
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
a=25°C unless otherwise noted
Electrical Characteristics T
a=25°C unless otherwise noted
hFE Classification
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
45
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current
200
mA
PC
Collector Power Dissipation
400
mW
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCBO
Collector-Base Breakdown Voltage
IC=100µA, IE=0
60
V
BVCEO
Collector-Emitter Breakdown Voltage
IC=10mA, IB=0
45
V
BVEBO
Emitter-Base Breakdown Voltage
IE=10µA, IC=0
5
V
ICBO
Collector Cut-off Current
VCB=45V, IE=0
0.1
µA
IEBO
Emitter Cut-off Current
VEB=3V, IC=0
0.1
µA
hFE
DC Current Gain
VCE=1V, IC=50mA
40
400
VBE (on)
Base-Emitter On Voltage
VCE=10V, IC=10mA
0.6
0.65
0.9
V
VCE (sat)
Collector-Emitter Saturation Voltage
IC=150mA, IB=15mA
0.15
0.4
V
VBE (sat)
Base-Emitter Saturation Voltage
IC=150mA, IB=15mA
0.83
1.1
V
fT
Current Gain Bandwidth Product
VCE=10V, IC=10mA
100
200
MHz
Cob
Output Capacitance
VCB=10V, IE=0, f=1MHz
4
pF
Classification
R
O
Y
G
hFE
40 ~ 80
70 ~ 140
120 ~ 240
200 ~ 400
KSC815
Low Frequency Amplifier & High Frequency
Oscillator
• Collector-Base Voltage : VCBO=60V
• Complement to KSA539
• Suffix “-C” means Center Collector (1. Emitter 2. Collector 3. Base)
1. Emitter 2. Base 3. Collector
TO-92
1


Similar Part No. - KSC815Y

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KSC815 SAMSUNG-KSC815 Datasheet
77Kb / 2P
   NPN (LOW, HIGH FREQUENCY AMPLIFIER, OSCILLATOR)
logo
SHENZHEN YONGERJIA INDU...
KSC815 WINNERJOIN-KSC815 Datasheet
132Kb / 1P
   TRANSISTOR (NPN)
logo
SeCoS Halbleitertechnol...
KSC815 SECOS-KSC815 Datasheet
70Kb / 1P
   NPN Plastic-Encapsulated Transistor
logo
Foshan Blue Rocket Elec...
KSC815 FOSHAN-KSC815 Datasheet
849Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
logo
Jiangsu Changjiang Elec...
KSC815 JIANGSU-KSC815 Datasheet
420Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - KSC815Y

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KSC815 SAMSUNG-KSC815 Datasheet
77Kb / 2P
   NPN (LOW, HIGH FREQUENCY AMPLIFIER, OSCILLATOR)
logo
Fairchild Semiconductor
KSC1623 FAIRCHILD-KSC1623 Datasheet
60Kb / 4P
   Low Frequency Amplifier & High Frequency OSC.
KSC1623YMTF FAIRCHILD-KSC1623YMTF Datasheet
66Kb / 4P
   Low Frequency Amplifier & High Frequency OSC.
KSC1623LMTF FAIRCHILD-KSC1623LMTF Datasheet
66Kb / 4P
   Low Frequency Amplifier & High Frequency OSC.
logo
List of Unclassifed Man...
2SC815 ETC-2SC815 Datasheet
82Kb / 2P
   LOW FREQUENCY AMPLIFIER HIGH FREQUENCY OSCILLAR
logo
Sanyo Semicon Device
CPH5902 SANYO-CPH5902 Datasheet
66Kb / 6P
   High-Frequency Amplifier, AM Amplifier, Low-Frequency Amplifier Applications
CPH5905 SANYO-CPH5905_05 Datasheet
71Kb / 6P
   High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifier Applications
MCH5908 SANYO-MCH5908 Datasheet
52Kb / 4P
   High-Frequency Amplifier, AM Amplifier, Low-Frequency Amplifier Applications
CPH5901 SANYO-CPH5901_12 Datasheet
534Kb / 8P
   High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifier Applications
CPH5901 SANYO-CPH5901 Datasheet
106Kb / 6P
   High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com