Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5TQ2G63DFRG7J Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # H5TQ2G63DFRG7J
Description  2Gb DDR3 SDRAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5TQ2G63DFRG7J Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button H5TQ2G63DFRG7J Datasheet HTML 5Page - Hynix Semiconductor H5TQ2G63DFRG7J Datasheet HTML 6Page - Hynix Semiconductor H5TQ2G63DFRG7J Datasheet HTML 7Page - Hynix Semiconductor H5TQ2G63DFRG7J Datasheet HTML 8Page - Hynix Semiconductor H5TQ2G63DFRG7J Datasheet HTML 9Page - Hynix Semiconductor H5TQ2G63DFRG7J Datasheet HTML 10Page - Hynix Semiconductor H5TQ2G63DFRG7J Datasheet HTML 11Page - Hynix Semiconductor H5TQ2G63DFRG7J Datasheet HTML 12Page - Hynix Semiconductor H5TQ2G63DFRG7J Datasheet HTML 13Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Rev. 1.1 / May. 2012
9
ROW AND COLUMN ADDRESS TABLE
2Gb
Note1: Page size is the number of bytes of data delivered from the array to the internal sense amplifiers
when an ACTIVE command is registered. Page size is per bank, calculated as follows:
page size = 2 COLBITS * ORG
 8
where COLBITS = the number of column address bits, ORG = the number of I/O (DQ) bits
Configuration
256Mb x 8
128Mb x 16
# of Banks
8
8
Bank Address
BA0 - BA2
BA0 - BA2
Auto precharge
A10/AP
A10/AP
BL switch on the fly
A12/BC
A12/BC
Row Address
A0 - A14
A0 - A13
Column Address
A0 - A9
A0 - A9
Page size 1
1 KB
2 KB


Similar Part No. - H5TQ2G63DFRG7J

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TQ2G63BFR HYNIX-H5TQ2G63BFR Datasheet
513Kb / 35P
   2Gb DDR3 SDRAM
H5TQ2G63BFR HYNIX-H5TQ2G63BFR Datasheet
1Mb / 93P
   2Gb DDR3 SDRAM
H5TQ2G63BFR-11C HYNIX-H5TQ2G63BFR-11C Datasheet
1Mb / 93P
   2Gb DDR3 SDRAM
H5TQ2G63BFR-12C HYNIX-H5TQ2G63BFR-12C Datasheet
1Mb / 93P
   2Gb DDR3 SDRAM
H5TQ2G63BFR-N0C HYNIX-H5TQ2G63BFR-N0C Datasheet
1Mb / 93P
   2Gb DDR3 SDRAM
More results

Similar Description - H5TQ2G63DFRG7J

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TQ2G43EFR HYNIX-H5TQ2G43EFR Datasheet
401Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G83FFR HYNIX-H5TQ2G83FFR Datasheet
399Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G43BFR HYNIX-H5TQ2G43BFR Datasheet
513Kb / 35P
   2Gb DDR3 SDRAM
H5TQ2G43AFR HYNIX-H5TQ2G43AFR Datasheet
456Kb / 30P
   2Gb DDR3 SDRAM
H5TQ2G43CFR HYNIX-H5TQ2G43CFR Datasheet
402Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G43CFR-XXC HYNIX-H5TQ2G43CFR-XXC Datasheet
402Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G63BFR HYNIX-H5TQ2G63BFR Datasheet
1Mb / 93P
   2Gb DDR3 SDRAM
logo
Elpida Memory
EBJ21UE8BFU1 ELPIDA-EBJ21UE8BFU1 Datasheet
232Kb / 16P
   2GB DDR3 SDRAM SO-DIMM
EBJ20EF8BCFA ELPIDA-EBJ20EF8BCFA Datasheet
211Kb / 16P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21UE8BDS1 ELPIDA-EBJ21UE8BDS1 Datasheet
196Kb / 18P
   2GB DDR3 SDRAM SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com