Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5TC2G63FFRH9J Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # H5TC2G63FFRH9J
Description  2Gb DDR3L SDRAM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5TC2G63FFRH9J Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button H5TC2G63FFRH9J Datasheet HTML 6Page - Hynix Semiconductor H5TC2G63FFRH9J Datasheet HTML 7Page - Hynix Semiconductor H5TC2G63FFRH9J Datasheet HTML 8Page - Hynix Semiconductor H5TC2G63FFRH9J Datasheet HTML 9Page - Hynix Semiconductor H5TC2G63FFRH9J Datasheet HTML 10Page - Hynix Semiconductor H5TC2G63FFRH9J Datasheet HTML 11Page - Hynix Semiconductor H5TC2G63FFRH9J Datasheet HTML 12Page - Hynix Semiconductor H5TC2G63FFRH9J Datasheet HTML 13Page - Hynix Semiconductor H5TC2G63FFRH9J Datasheet HTML 14Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Rev. 1.0 / Nov. 2012
10
Absolute Maximum Ratings
Absolute Maximum DC Ratings
DRAM Component Operating Temperature Range
Absolute Maximum DC Ratings
Symbol
Parameter
Rating
Units
Notes
VDD
Voltage on VDD pin relative to Vss
- 0.4 V ~ 1.80 V
V
1,3
VDDQ
Voltage on VDDQ pin relative to Vss
- 0.4 V ~ 1.975 V
V
1,3
VIN, VOUT Voltage on any pin relative to Vss
- 0.4 V ~ 1.975 V
V
1
TSTG
Storage Temperature
-55 to +100
o
C1, 2
Notes:
1. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rat-
ing conditions for extended periods may affect reliability.
2. Storage Temperature is the case surface temperature on the center/top side of the DRAM. For the measurement
conditions, please refer to JESD51-2 standard.
3. VDD and VDDQ must be within 300mV of each other at all times; and VREF must not be greater than
0.6XVDDQ,When VDD and VDDQ are less than 500mV; VREF may be equal to or less than 300mV.
Temperature Range
Symbol
Parameter
Rating
Units
Notes
TOPER
Normal Operating Temperature Range
0 to 85
o
C
1,2
Industrial Temperature Range
-40 to 95
o
C1,3
Notes:
1. Operating Temperature TOPER is the case surface temperature on the center / top side of the DRAM. For measure-
ment conditions, please refer to the JEDEC document JESD51-2.
2. The Normal Temperature Range specifies the temperatures where all DRAM specifications will be supported. Dur-
ing operation, the DRAM case temperature must be maintained between 0 - 85oC under all operating conditions.
3. Some applications require operation of the DRAM in the Extended Temperature Range between 85oC and 95oC
case temperature. Full specifications are guaranteed in this range, but the following additional conditions apply:
a. Refresh commands must be doubled in frequency, therefore reducing the Refresh interval tREFI to 3.9 µs.
b. If Self-Refresh operation is required in the Extended Temperature Range, then it is mandatory to either use
the Manual Self-Refresh mode with Extended Temperature Range capability (MR2 A6 = 0b and MR2 A7 = 1b).


Similar Part No. - H5TC2G63FFRH9J

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TC2G63FFR HYNIX-H5TC2G63FFR Datasheet
412Kb / 32P
   2Gb DDR3L SDRAM
H5TC2G63FFR-G7A HYNIX-H5TC2G63FFR-G7A Datasheet
412Kb / 32P
   2Gb DDR3L SDRAM
H5TC2G63FFR-H9A HYNIX-H5TC2G63FFR-H9A Datasheet
412Kb / 32P
   2Gb DDR3L SDRAM
H5TC2G63FFR-PBA HYNIX-H5TC2G63FFR-PBA Datasheet
412Kb / 32P
   2Gb DDR3L SDRAM
H5TC2G63FFR-RDA HYNIX-H5TC2G63FFR-RDA Datasheet
412Kb / 32P
   2Gb DDR3L SDRAM
More results

Similar Description - H5TC2G63FFRH9J

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TC2G43BFR HYNIX-H5TC2G43BFR Datasheet
524Kb / 32P
   2Gb DDR3L SDRAM
H5TC2G43CFR HYNIX-H5TC2G43CFR Datasheet
428Kb / 32P
   2Gb DDR3L SDRAM
H5TC2G63FFR HYNIX-H5TC2G63FFR Datasheet
412Kb / 32P
   2Gb DDR3L SDRAM
H5TC2G43EFR HYNIX-H5TC2G43EFR Datasheet
442Kb / 33P
   2Gb DDR3L SDRAM
H5TC2G83DFR HYNIX-H5TC2G83DFR Datasheet
419Kb / 33P
   2Gb DDR3L SDRAM
H5TC2G43AFR HYNIX-H5TC2G43AFR Datasheet
511Kb / 31P
   2Gb DDR3L SDRAM
logo
Samsung semiconductor
K4B2G0446D SAMSUNG-K4B2G0446D Datasheet
1Mb / 64P
   2Gb D-die DDR3L SDRAM
logo
List of Unclassifed Man...
SLN02G72F1BQ1SA-CC[EW]RT ETC2-SLN02G72F1BQ1SA-CC[EW]RT Datasheet
721Kb / 17P
   2GB DDR3L ??SDRAM ECC SO-UDIMM
logo
Samsung semiconductor
K4B2G1646Q SAMSUNG-K4B2G1646Q Datasheet
1Mb / 71P
   2Gb Q-die DDR3L SDRAM Only x16
logo
Hynix Semiconductor
HMT325S6CFR8A HYNIX-HMT325S6CFR8A Datasheet
1Mb / 50P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb C-die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com