Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTX33-2-R Datasheet(PDF) 8 Page - Cooper Bussmann, Inc.

Part # CTX33-2-R
Description  Power Inductors and Transformers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CTX33-2-R Datasheet(HTML) 8 Page - Cooper Bussmann, Inc.

  CTX33-2-R Datasheet HTML 1Page - Cooper Bussmann, Inc. CTX33-2-R Datasheet HTML 2Page - Cooper Bussmann, Inc. CTX33-2-R Datasheet HTML 3Page - Cooper Bussmann, Inc. CTX33-2-R Datasheet HTML 4Page - Cooper Bussmann, Inc. CTX33-2-R Datasheet HTML 5Page - Cooper Bussmann, Inc. CTX33-2-R Datasheet HTML 6Page - Cooper Bussmann, Inc. CTX33-2-R Datasheet HTML 7Page - Cooper Bussmann, Inc. CTX33-2-R Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
• INDUCTANCE VS. CURRENT:
Inductance will fall off as DC Current is increased.
(See Inductance vs. Current graph).
• FREQUENCY RESPONSE:
Wide-band frequency response to 1 megaHertz.
• CURRENT LIMITATION:
The maximum allowable currents are defined by the internal
“hot-spot” temperatures which are limited to 130°C, including
ambient.
INDUCTANCE VS. CURRENT
Per Unit Full Load Current
100
90
80
70
60
50
40
30
20
10
0
TEMPERATURE RISE VS. RATED CURRENT
Max. Ambient plus Rise = 125
°C
Per Unit Full Load Current
140
120
100
80
60
40
20
0
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
-35
-15
+5
+25
+45
+65
+85
+105
+125
INDUCTANCE VS. TEMPERATURE
Temperature in Degrees C.
+8
+6
+4
+2
+0
-2
-4
-6
-8
-10
-12
-14
ECONO-PAC & OCTA-PAC
ECONO-PAC
OCTA-PAC
ECONO-PAC
OCTA-PAC
INDUCTANCE VS. CURRENT
Per Unit Full Load Current
100
90
80
70
60
50
40
30
20
10
0
TEMPERATURE RISE VS. RATED CURRENT
Max. Ambient plus Rise = 125
°C
Per Unit Full Load Current
140
120
100
80
60
40
20
0
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
-35
-15
+5
+25
+45
+65
+85
+105
+125
INDUCTANCE VS. TEMPERATURE
Temperature in Degrees C.
+8
+6
+4
+2
+0
-2
-4
-6
-8
-10
-12
-14
ECONO-PAC & OCTA-PAC
ECONO-PAC
OCTA-PAC
ECONO-PAC
OCTA-PAC
INDUCTANCE VS. CURRENT
Per Unit Full Load Current
100
90
80
70
60
50
40
30
20
10
0
TEMPERATURE RISE VS. RATED CURRENT
Max. Ambient plus Rise = 125
°C
Per Unit Full Load Current
140
120
100
80
60
40
20
0
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
-35
-15
+5
+25
+45
+65
+85
+105
+125
INDUCTANCE VS. TEMPERATURE
Temperature in Degrees C.
+8
+6
+4
+2
+0
-2
-4
-6
-8
-10
-12
-14
ECONO-PAC & OCTA-PAC
ECONO-PAC
OCTA-PAC
ECONO-PAC
OCTA-PAC
Performance Characteristics
ECONO-PAC™/OCTA-PAC®
OCTA-PAC® PLUS
Power Inductors and Transformers
OCTA-PAC® PLUS Typical Inductance vs. DC Current
OCTA-PAC® PLUS Winding Loss Derating with Core Loss
0
20
40
60
80
100
120
140
160
180
200
0
10
20
30
40
50
60
70
80
90
100
% of Isat
1000
800
600
500
400
300
200
100
80
60
50
40
30
20
10
% of Applied Volt-
µ-Second Rating
99
98
97
96
95
94
92
90
80
70
60
50
40
20
0
Visit us on the Web at www.cooperbussmann.com
1225 Broken Sound Pkwy. Suite F
Boca Raton, FL 33487
Tel: +1-561-998-4100 Toll Free: +1-888-414-2645 Fax: +1-561-241-6640
This bulletin is intended to present product design solutions and technical information that will help the end user with design applications. Cooper Electronic
Technologies reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Cooper
Electronic Technologies also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been
selected, it should be tested by the user in all possible applications.
Life Support Policy: Cooper Electronic Technologies does not authorize the use of any of its products for use in life support devices or systems without the
express written approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when
properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
PM-4314 3/07
© Cooper Electronic
Technologies 2007


Similar Part No. - CTX33-2-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
CTX33-2-R EATON-CTX33-2-R Datasheet
682Kb / 9P
   ECONO-PAC??OCTA-PAC짰 OCTA-PAC짰 PLUS Dual winding toroid power inductors/transformers
More results

Similar Description - CTX33-2-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CTX10-4P COOPER-CTX10-4P Datasheet
461Kb / 8P
   Power Inductors and Transformers
logo
Filtran LTD
8409-XX FILTRAN-8409-XX Datasheet
189Kb / 1P
   SMD Power Inductors and Transformers
8417-XX FILTRAN-8417-XX Datasheet
172Kb / 1P
   SMD Power Inductors and Transformers
logo
Cooper Bussmann, Inc.
VPH1-1400-R COOPER-VPH1-1400-R Datasheet
444Kb / 8P
   Inductors and Transformers
logo
Central Technologies
CTCSF CT-CTCSF Datasheet
400Kb / 1P
   Current Sense Transformers and Inductors
logo
List of Unclassifed Man...
ABL6TS25G ETC2-ABL6TS25G Datasheet
44Kb / 1P
   Power supplies and transformers
SG-890A ETC2-SG-890A Datasheet
765Kb / 12P
   SURFCOIL짰 SMT INDUCTORS AND TRANSFORMERS (PROFESSIONAL GRADE)
logo
Vishay Siliconix
LPE6562 VISHAY-LPE6562 Datasheet
118Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped
LPE4841 VISHAY-LPE4841 Datasheet
116Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped
LPE3325 VISHAY-LPE3325 Datasheet
101Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com