Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSC5802 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KSC5802
Description  High Voltage Color Display Horizontal Deflection Output (No Damper Diode)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSC5802 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSC5802 Datasheet HTML 1Page - Fairchild Semiconductor KSC5802 Datasheet HTML 2Page - Fairchild Semiconductor KSC5802 Datasheet HTML 3Page - Fairchild Semiconductor KSC5802 Datasheet HTML 4Page - Fairchild Semiconductor KSC5802 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2000 Fairchild Semiconductor International
Rev. B. February 2000
TO-3PF
1
NPN Triple Diffused Planar Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
1500
V
VCEO
Collector-Emitter Voltage
800
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current (DC)
10
A
ICP
Collector Current (Pulse)
30
A
PC
Collector Dissipation (TC=25°C)
60
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
ICES
Collector Cut-off Current
VCE = 1400V, VBE=0
1
mA
ICBO
Collector Cut-off Current
VCB = 800V, IE = 0
10
uA
IEBO
Emitter Cut-off Current
VEB = 4V, IC = 0
1
mA
hFE1
hFE2
DC Current Gain
VCE = 5V, IC = 1A
VCE = 5V, IC = 6A
15
7
48
10
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 6A, IB = 1.5A
3
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 6A, IB = 1.5A
1.5
V
tF
Fall Time
VCC = 200V, IC = 6A
IB1 = 1.2A, IB2= - 2.4A
RL = 33.3Ω
0.1
0.3
µs
KSC5802
High Voltage Color Display Horizontal
Deflection Output
(No Damper Diode)
• High Breakdown Voltage : BVCBO=1500V
• High Speed Switching : tF=0.1µs (Typ.)
• Wide S.O.A
• For C-Monitor(69KHz)
1.Base
2.Collector
3.Emitter


Similar Part No. - KSC5802

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5802D FAIRCHILD-KSC5802D Datasheet
84Kb / 5P
   High Voltage Color Display Horizontal Deflection Output (Built In Damper Diode)
More results

Similar Description - KSC5802

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KSC5803 KEC-KSC5803 Datasheet
90Kb / 5P
   High Voltage Color Display Horizontal Deflection Output(No Damper Diode)
logo
Fairchild Semiconductor
KSD5703 FAIRCHILD-KSD5703 Datasheet
69Kb / 5P
   High Voltage Color Display Horizontal Deflection Output (No Damper Diode)
KSD5702 FAIRCHILD-KSD5702 Datasheet
80Kb / 5P
   High Voltage Color Display Horizontal Deflection Output (Damper Diode Built In)
KSC5801 FAIRCHILD-KSC5801 Datasheet
79Kb / 6P
   High Voltage Color Display Horizontal Deflection Output (Damper Diode Built In)
KSC5802D FAIRCHILD-KSC5802D Datasheet
84Kb / 5P
   High Voltage Color Display Horizontal Deflection Output (Built In Damper Diode)
KSC5086 FAIRCHILD-KSC5086 Datasheet
67Kb / 5P
   HIgh Definition Color Display Horizontal Deflection Output (Damper Diode Built In)
FJAF6815TU FAIRCHILD-FJAF6815TU Datasheet
145Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
KSC5386 FAIRCHILD-KSC5386 Datasheet
764Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
FJL6920TU FAIRCHILD-FJL6920TU Datasheet
90Kb / 5P
   High Voltage Color Display Horizontal Deflection Output
FJAF6810ATU FAIRCHILD-FJAF6810ATU Datasheet
102Kb / 6P
   High Voltage Color Display Horizontal Deflection Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com