Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSC5603D Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KSC5603D
Description  High Voltage High Speed Power Switch Application
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSC5603D Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSC5603D Datasheet HTML 1Page - Fairchild Semiconductor KSC5603D Datasheet HTML 2Page - Fairchild Semiconductor KSC5603D Datasheet HTML 3Page - Fairchild Semiconductor KSC5603D Datasheet HTML 4Page - Fairchild Semiconductor KSC5603D Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. C1, June 2003
NPN Silicon Transistor Planar Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
* Pulse Test: Pulse Width=5ms, Duty Cycle < 10%
Thermal Characteristics T
C=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
1600
V
VCEO
Collector-Emitter Voltage
800
V
VEBO
Emitter-Base Voltage
12
V
IC
Collector Current (DC)
3
A
ICP
*Collector Current (Pulse)
6
A
IB
Base Current (DC)
2
A
IBP
*Base Current (Pulse)
4
A
PC
Power Dissipation(TC=25°C)
100
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
Symbol
Characteristics
Rating
Unit
Rθjc
Thermal Resistance
Junction to Case
1.25
°C/W
Rθja
Junction to Ambient
62.5
TL
Maximun Lead Temperature for Soldering Purpose
: 1/8” from Case for 5 seconds
270
°C
KSC5603D
High Voltage High Speed Power Switch
Application
• Wide Safe Operating Area
• Built-in Free Wheeling Diode
• Suitable for Electronic Ballast Application
• Small Variance in Storage Time
1.Base
2.Collector
3.Emitter
1
TO-220
C
B
E
Equivalent Circuit


Similar Part No. - KSC5603D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
KSC5603DTU FAIRCHILD-KSC5603DTU Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
More results

Similar Description - KSC5603D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5305D FAIRCHILD-KSC5305D Datasheet
102Kb / 6P
   High Voltage High Speed Power Switch Application
KSC5402D FAIRCHILD-KSC5402D Datasheet
155Kb / 10P
   High Voltage High Speed Power Switch Application
FJE5304D FAIRCHILD-FJE5304D Datasheet
89Kb / 6P
   High Voltage High Speed Power Switch Application
KSC5302DM FAIRCHILD-KSC5302DM Datasheet
100Kb / 6P
   High Voltage & High Speed Power Switch Application
KSC5504D FAIRCHILD-KSC5504D Datasheet
104Kb / 10P
   High Voltage High Speed Power Switch Application
KSC5302D FAIRCHILD-KSC5302D Datasheet
101Kb / 6P
   High Voltage High Speed Power Switch Application
FJP5304D FAIRCHILD-FJP5304D Datasheet
79Kb / 6P
   High Voltage High Speed Power Switch Application
KSC5302DI FAIRCHILD-KSC5302DI Datasheet
98Kb / 6P
   High Voltage & High Speed Power Switch Application
KSC5039F FAIRCHILD-KSC5039F Datasheet
58Kb / 5P
   High Voltage Power Switch Switching Application
KSC5338D FAIRCHILD-KSC5338D Datasheet
95Kb / 8P
   High Voltage Power Switch Switching Application
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com