Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5TC1G83EFRG7I Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # H5TC1G83EFRG7I
Description  1Gb DDR3L SDRAM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5TC1G83EFRG7I Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button H5TC1G83EFRG7I Datasheet HTML 7Page - Hynix Semiconductor H5TC1G83EFRG7I Datasheet HTML 8Page - Hynix Semiconductor H5TC1G83EFRG7I Datasheet HTML 9Page - Hynix Semiconductor H5TC1G83EFRG7I Datasheet HTML 10Page - Hynix Semiconductor H5TC1G83EFRG7I Datasheet HTML 11Page - Hynix Semiconductor H5TC1G83EFRG7I Datasheet HTML 12Page - Hynix Semiconductor H5TC1G83EFRG7I Datasheet HTML 13Page - Hynix Semiconductor H5TC1G83EFRG7I Datasheet HTML 14Page - Hynix Semiconductor H5TC1G83EFRG7I Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
Rev. 1.0 /July. 2012
11
AC & DC Operating Conditions
Recommended DC Operating Conditions
Recommended DC Operating Conditions - DDR3L (1.35V) operation
Recommended DC Operating Conditions - DDR3 (1.5V) operation
Symbol
Parameter
Rating
Units
Notes
Min.
Typ.
Max.
VDD
Supply Voltage
1.283
1.35
1.45
V
1,2,3,4
VDDQ
Supply Voltage for Output
1.283
1.35
1.45
V
1,2,3,4
Notes:
1. Maximum DC value may not be greater than 1.425V. The DC value is the linear average of VDD/VDDQ (t) over a
very long period of time (e.g., 1 sec).
2. If maximum limit is exceeded, input levels shall be governed by DDR3 specifications.
3. Under these supply voltages, the device operates to this DDR3L specification.
4. Once initialized for DDR3L operation, DDR3 operation may only be used if the device is in reset while VDD and
VDDQ are changed for DDR3 operation (see Figure 0).
Symbol
Parameter
Rating
Units
Notes
Min.
Typ.
Max.
VDD
Supply Voltage
1.425
1.5
1.575
V
1,2,3
VDDQ
Supply Voltage for Output
1.425
1.5
1.575
V
1,2,3
Notes:
1. If minimum limit is exceeded, input levels shall be governed by DDR3L specifications.
2. Under 1.5V operation, this DDR3L device operates to the DDR3 specifications under the same speed timings as
defined for this device.
3. Once initialized for DDR3 operation, DDR3L operation may only be used if the device is in reset while VDD and
VDDQ are changed for DDR3L operation (see Figure 0).


Similar Part No. - H5TC1G83EFRG7I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TC1G83BFR HYNIX-H5TC1G83BFR Datasheet
643Kb / 33P
   1Gb DDR3L SDRAM
H5TC1G83TFR HYNIX-H5TC1G83TFR Datasheet
328Kb / 31P
   1Gb DDR3L SDRAM
More results

Similar Description - H5TC1G83EFRG7I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TC1G43TFR HYNIX-H5TC1G43TFR Datasheet
328Kb / 31P
   1Gb DDR3L SDRAM
H5TC1G43BFR HYNIX-H5TC1G43BFR Datasheet
643Kb / 33P
   1Gb DDR3L SDRAM
H5TC2G43CFR HYNIX-H5TC2G43CFR Datasheet
428Kb / 32P
   2Gb DDR3L SDRAM
H5TC2G83FFR HYNIX-H5TC2G83FFR Datasheet
426Kb / 33P
   2Gb DDR3L SDRAM
H5TC4G43AFR HYNIX-H5TC4G43AFR Datasheet
497Kb / 35P
   4Gb DDR3L SDRAM
H5TC8G43MMR HYNIX-H5TC8G43MMR Datasheet
464Kb / 32P
   8Gb DDR3L SDRAM
H5TC2G43BFR HYNIX-H5TC2G43BFR Datasheet
524Kb / 32P
   2Gb DDR3L SDRAM
H5TC4G43BFR-XXA HYNIX-H5TC4G43BFR-XXA Datasheet
440Kb / 33P
   4Gb DDR3L SDRAM
H5TC2G63FFR HYNIX-H5TC2G63FFR Datasheet
412Kb / 32P
   2Gb DDR3L SDRAM
H5TC4G43MFR HYNIX-H5TC4G43MFR Datasheet
530Kb / 34P
   4Gb DDR3L SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com