Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5PS1G63JFRE3C Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # H5PS1G63JFRE3C
Description  1Gb DDR2 SDRAM
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS1G63JFRE3C Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button H5PS1G63JFRE3C Datasheet HTML 5Page - Hynix Semiconductor H5PS1G63JFRE3C Datasheet HTML 6Page - Hynix Semiconductor H5PS1G63JFRE3C Datasheet HTML 7Page - Hynix Semiconductor H5PS1G63JFRE3C Datasheet HTML 8Page - Hynix Semiconductor H5PS1G63JFRE3C Datasheet HTML 9Page - Hynix Semiconductor H5PS1G63JFRE3C Datasheet HTML 10Page - Hynix Semiconductor H5PS1G63JFRE3C Datasheet HTML 11Page - Hynix Semiconductor H5PS1G63JFRE3C Datasheet HTML 12Page - Hynix Semiconductor H5PS1G63JFRE3C Datasheet HTML 13Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
Rev. 1.7 / Nov. 2011
9
Release
H5PS1G63JFR Series
2. Maximum DC Ratings
2.1 Absolute Maximum DC Ratings
Note:
1. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rat-
ing conditions for extended periods may affect reliability.
2. Storage Temperature is the case surface temperature on the center/top side of the DRAM. For the measurement
conditions. please refer to JESD51-2 standard.
2.2 DRAM Component Operating Temperature Range
Symbol
Parameter
Rating
Units
Notes
VDD
Voltage on VDD pin relative to Vss
- 1.0 V ~ 2.3 V
V
1
VDDQ
Voltage on VDDQ pin relative to Vss
- 0.5 V ~ 2.3 V
V
1
VDDL
Voltage on VDDL pin relative to Vss
- 0.5 V ~ 2.3 V
V
1
VIN, VOUT
Voltage on any pin relative to Vss
- 0.5 V ~ 2.3 V
V
1
TSTG
Storage Temperature
-55 to +100
C
1, 2
II
Input leakage current; any input 0V VIN VDD;
all other balls not under test = 0V)
-2 uA ~ 2 uA
uA
IOZ
Output leakage current; 0V VOUT VDDQ; DQ
and ODT disabled
-5 uA ~ 5 uA
uA
Temperature Range
Symbol
Parameter
Rating
Units
Notes
TOPER
Normal Operating Temperature Range
0 to 85
o
C
1,2
Industrial Temperature Range
-40 to 95
o
C1,3
Notes:
1. Operating Temperature TOPER is the case surface temperature on the center / top side of the DRAM. For measure-
ment conditions, please refer to the JEDEC document JESD51-2.
2. The Normal Temperature Range specifies the temperatures where all DRAM specifications will be supported. Dur-
ing operation, the DRAM case temperature must be maintained between 0 - 85oC under all operating conditions.
3. Some applications require operation of the DRAM in the Extended Temperature Range between 85oC and 95oC
case temperature. Full specifications are guaranteed in this range, but the following additional conditions apply:
a. Refresh commands must be doubled in frequency, therefore reducing the Refresh interval tREFI to 3.9 µs.
b. If Self-Refresh operation is required in the Extended Temperature Range, then it is mandatory to use the Man-
ual Self-Refresh mode with Extended Temperature Range capability (MR2 A6 = 0b and MR2 A7 = 1b).


Similar Part No. - H5PS1G63JFRE3C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS1G63EFR HYNIX-H5PS1G63EFR Datasheet
570Kb / 44P
   1Gb DDR2 SDRAM
H5PS1G63EFR HYNIX-H5PS1G63EFR Datasheet
1Mb / 80P
   1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-20L HYNIX-H5PS1G63EFR-20L Datasheet
1Mb / 80P
   1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-25C HYNIX-H5PS1G63EFR-25C Datasheet
1Mb / 80P
   1Gb(64Mx16) DDR2 SDRAM
H5PS1G63EFR-C4I HYNIX-H5PS1G63EFR-C4I Datasheet
849Kb / 63P
   1Gb DDR2 SDRAM
More results

Similar Description - H5PS1G63JFRE3C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS1G83JFR HYNIX-H5PS1G83JFR Datasheet
1Mb / 62P
   1Gb DDR2 SDRAM
H5PS1G83NFR HYNIX-H5PS1G83NFR Datasheet
542Kb / 38P
   1Gb DDR2 SDRAM
H5PS1G83EFR-E3C HYNIX-H5PS1G83EFR-E3C Datasheet
842Kb / 63P
   1Gb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU128M8GE NANYA-NT5TU128M8GE Datasheet
2Mb / 92P
   1Gb DDR2 SDRAM
REV 2.0 02/2013
logo
Hynix Semiconductor
H5PS1G43EFR HYNIX-H5PS1G43EFR Datasheet
570Kb / 44P
   1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP_08 Datasheet
570Kb / 45P
   1Gb DDR2 SDRAM
HY5PS1G431CFP HYNIX-HY5PS1G431CFP Datasheet
528Kb / 37P
   1Gb DDR2 SDRAM
HY5PS1G831F HYNIX-HY5PS1G831F Datasheet
524Kb / 33P
   1Gb DDR2 SDRAM
HY5PS1G431ALFP HYNIX-HY5PS1G431ALFP Datasheet
580Kb / 36P
   1Gb DDR2 SDRAM
H5PS1G63EFR-E3C HYNIX-H5PS1G63EFR-E3C Datasheet
849Kb / 63P
   1Gb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com