Electronic Components Datasheet Search |
|
1A1120 Datasheet(PDF) 3 Page - Cooper Bussmann, Inc. |
|
1A1120 Datasheet(HTML) 3 Page - Cooper Bussmann, Inc. |
3 / 4 page Catalog Clip Number Mat.* Finish 1A5600 Cart. Satin Brass Finish Tin ATC Fuses (0 to 20 Amps) 1A5600 Series Dimensional Data ATM Fuses 1A5778 Series Dimensional Data 1A5779 Series 1A5780 Series Dimensional Data .150" (3.81mm) .330" (8.38mm) .295" (7.49mm) .200" (5.08mm) .053" (1.35mm) .090" ± .010" (2.29mm) .090" (2.29mm) MOUNTING LAYOUT FOR 2 CLIPS .012 .30 MATERIAL: BRASS, NICKEL PLATED, THICK 1.90 .075 .156 3.96 .440 11.18 4.98 .196 .125 3.18 1.57 .062 .062 1.57 2.18 .086 3.66 .144 (TYP-4) 1.65Å}.05 .065Å}.002 DIA. HOLE .144 3.66 .176 4.47 3.66 .144 SPECIFICATIONS . . . . . . . . . . . . . . . . . . . . . . . . . MOUNTING LAYOUT UL RATED 94V-0 BRASS, NICKEL PLATED GLASS FILLED NYLON, 500V AC 15 AMPS 145flC 292flF TO -50flC -58flF TEMPERATURE RATING VOLTAGE RATING CURRENT RATING FUSECLIPS BASE MATERIAL BASE FUSECLIPS 14.68 .578 4.75 .187 1.45 .057 3.18 .125 1.24 .049 .340 8.64 .100 2.54 .062 1.57 3.66 .144 (TYP-4) 1.65Å}.05 .065Å}.002 DIA. HOLE .144 3.66 .176 4.47 3.66 .144 292flF -58flF SPECIFICATIONS . . . . . . . . . . . . . . . . . . . . . . . . . MOUNTING LAYOUT UL RATED 94V-0 BRASS, NICKEL PLATED GLASS FILLED NYLON, 500V AC 15 AMPS 145flC TO -50flC TEMPERATURE RATING VOLTAGE RATING CURRENT RATING FUSECLIPS BASE MATERIAL 19.30 .760 3.18 .125 5.08 .200 BASE FUSECLIPS 4.45 .175 6.35 .250 .271 6.88 .437 11.10 .050 1.27 (TYP-4) 2.54Å}.05 .100Å}.002 DIA. HOLE .200 5.08 .160 4.06 *Spg. Br. - Spring Bronze; BeCu - Beryllium Copper; Cart. Brass - Cartridge Brass ***For RoHS compliant version add “-R” option code suffix to part number. 0811 SB-BU11753 Page 3 of 4 Data Sheet 2131 PCB Fuse Clips for ATC/ATM Blade, 5mm, 1/4”& 13/32” Diameter Fuses 1AXXXX Series |
Similar Part No. - 1A1120 |
|
Similar Description - 1A1120 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |