Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSC5402D Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # KSC5402D
Description  High Voltage High Speed Power Switch Application
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSC5402D Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button KSC5402D Datasheet HTML 2Page - Fairchild Semiconductor KSC5402D Datasheet HTML 3Page - Fairchild Semiconductor KSC5402D Datasheet HTML 4Page - Fairchild Semiconductor KSC5402D Datasheet HTML 5Page - Fairchild Semiconductor KSC5402D Datasheet HTML 6Page - Fairchild Semiconductor KSC5402D Datasheet HTML 7Page - Fairchild Semiconductor KSC5402D Datasheet HTML 8Page - Fairchild Semiconductor KSC5402D Datasheet HTML 9Page - Fairchild Semiconductor KSC5402D Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B2, December 2002
Typical Characteristics (Continued)
Figure 13. Resistive Switching Time, toff
Figure 14. Inductive Switching Time, tsi
Figure 15. Inductive Switching Time, tfi
Figure 16. Inductive Switching Time, tc
Figure 17. Inductive Switching Time, tsi
Figure 18. Inductive Switching Time, tfi
0.4
0.6
0.8
1.0
1.2
1.4
1.0
1.5
2.0
I
C=5IB1=2IB2
V
CC=300V
PW=40
µs
T
J=25
T
J=125
I
c [A], COLLECTOR CURRENT
0.4
0.6
0.8
1.0
1.2
1.4
550
600
650
700
750
800
850
T
J=25
T
J=125
I
C=10IB1=2IB2
V
CC=15V
V
Z=300V
L
C=200µH
I
c [A], COLLECTOR CURRENT
0.4
0.6
0.8
1.0
1.2
1.4
50
60
70
80
90
100
T
J=25
T
J=125
I
C=10IB1=2IB2
V
CC=15V
V
Z=300V
L
C=200µH
I
c [A], COLLECTOR CURRENT
0.4
0.6
0.8
1.0
1.2
1.4
60
70
80
90
100
110
120
130
T
J=25
T
J=125
I
C=10IB1=2IB2
V
CC=15V
V
Z=300V
L
C=200µH
I
c [A], COLLECTOR CURRENT
0.4
0.6
0.8
1.0
1.2
1.4
20
25
30
T
J=25
T
J=125
I
C=5IB1=5IB2
V
CC=15V
V
Z=300V
L
C=200µH
I
c [A], COLLECTOR CURRENT
0.4
0.6
0.8
1.0
1.2
1.4
50
100
150
200
250
300
350
400
450
T
J=25
T
J=125
I
C=5IB1=5IB2
V
CC=15V
V
Z=300V
L
C=200µH
I
c [A], COLLECTOR CURRENT


Similar Part No. - KSC5402D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5402D FAIRCHILD-KSC5402D_09 Datasheet
225Kb / 10P
   NPN Silicon Transistor, Planar Silicon Transistor
More results

Similar Description - KSC5402D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5305D FAIRCHILD-KSC5305D Datasheet
102Kb / 6P
   High Voltage High Speed Power Switch Application
FJE5304D FAIRCHILD-FJE5304D Datasheet
89Kb / 6P
   High Voltage High Speed Power Switch Application
KSC5302DM FAIRCHILD-KSC5302DM Datasheet
100Kb / 6P
   High Voltage & High Speed Power Switch Application
KSC5504D FAIRCHILD-KSC5504D Datasheet
104Kb / 10P
   High Voltage High Speed Power Switch Application
KSC5302D FAIRCHILD-KSC5302D Datasheet
101Kb / 6P
   High Voltage High Speed Power Switch Application
KSC5603D FAIRCHILD-KSC5603D Datasheet
84Kb / 5P
   High Voltage High Speed Power Switch Application
FJP5304D FAIRCHILD-FJP5304D Datasheet
79Kb / 6P
   High Voltage High Speed Power Switch Application
KSC5302DI FAIRCHILD-KSC5302DI Datasheet
98Kb / 6P
   High Voltage & High Speed Power Switch Application
KSC5039F FAIRCHILD-KSC5039F Datasheet
58Kb / 5P
   High Voltage Power Switch Switching Application
KSC5338D FAIRCHILD-KSC5338D Datasheet
95Kb / 8P
   High Voltage Power Switch Switching Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com