Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1A5602 Datasheet(PDF) 4 Page - Cooper Bussmann, Inc.

Part # 1A5602
Description  PCB Fuse Clips for ATC/ATM Blade 5mm 1/4 & 13/32 Diameter Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

1A5602 Datasheet(HTML) 4 Page - Cooper Bussmann, Inc.

  1A5602 Datasheet HTML 1Page - Cooper Bussmann, Inc. 1A5602 Datasheet HTML 2Page - Cooper Bussmann, Inc. 1A5602 Datasheet HTML 3Page - Cooper Bussmann, Inc. 1A5602 Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dimensions
AATC
ATM
Catalog
7
/8”1”
11/4”13/8”11/2
B
C
Board
Number
(22.2mm)
(25.4mm)
(31.8mm)
(34.93mm)
(38.10mm)
20mm
——
Tabs
(4 holes)
Thickness
1A5778-
—————
0.464”
0.144”
0.065”±0.002”
0.062”
(11.79)
(3.66)
(1.65±0.05)
(1.57)
1A5779-
—————
0.464”
0.144”
0.065”±.002”
0.062”
(11.79)
(3.66)
(1.65±.05)
(1.57)
1A5780-
—————
0.560
0.200”
0.100”±0.002”
0.062”
(14.22)
(5.08)
(2.54±0.05)
(1.57)
1A3398-
1.00”
1.125”
1.375”
0.295”-0.305”
0.067”-.070”
0.093”
1A1907-
(25.40)
(28.58)
(34.920)
(7.49-7.75)
(1.70-1.78)
(2.36)
1A1119-
1.00”
1.125”
1.375”
0.295”-0.305”
0.093”±0.002”
0.062”to 0.125”
(25.40)
(28.58)
(34.92)
(7.49-7.75)
(2.36±0.05)
(1.57to3.18)
1A1120-
1.00”
1.125”
1.375”
0.295”-0.305”
0.093”±0.002”
0.062”to 0.125”
(25.40)
(28.58)
(34.920)
(7.49-7.75)
(2.36±0.05)
(1.57 to 3.18)
1A3399-
—————
0.875”
0.200”
0.067”-.070”
093”
(22.23)
(5.08)
(1.70-1.78)
(2.36)
1A3400-
1.50”
1.625”—
0.405”
0.091”-.095”
0.125”
(38.10)
(41.28)
(10.29)
(2.31-2.41)
(3.18)
1A4533-
1.00”
1.125”
1.375”
0.300”
0.067”-.070”
0.062”
(25.40)
(28.58)
(34.920)
(7.62)
(1.70-1.78)
(1.57)
1A4534-
1.00”
1.125”
1.375”
0.300”
0.067”-.070”
0.062”
(25.40)
(28.58)
(34.920)
(7.62)
(1.70-1.78)
(1.57)
1A5018-
—————
0.820”±0.015”
0.180”
0.053”-.002”
0.093”
(20.80±0.38)
(4.6)
(1.35-0.05)
(2.36)
1A5600-
—————
0.200”
0.052”±0.003”
0.125”max.
(5.08)
(1.32±0.077)
(3.18)
1A5601-
—————
0.820”±0.015”
0.266”
0.067”±0.003”
0.062”
(20.80±0.38)
(6.76)
(1.70±0.074)
(1.57)
1A5602-
—————
0.220”
0.125”max.
(5.588)
(3.175)
*Spg. Br. - Spring Bronze; BeCu - Beryllium Copper; Cart. Brass - Cartridge Brass
**Beryllium copper recommended for currents higher than 15 amps.
Footprint
Dimensional Data
A
B
B
C
Fuse Clip Catalog Numbers
© 2011 Cooper Bussmann
www.cooperbussmann.com
0811
SB-BU11753
Page 4 of 4
Data Sheet 2131
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive. All other copies of this document are by definition uncon-
trolled. This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Cooper Bussmann
reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to
change or update, without notice, any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
PCB Fuse Clips for ATC/ATM Blade, 5mm, 1/4”& 13/32” Diameter Fuses
1AXXXX Series


Similar Part No. - 1A5602

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1A5602 ETC1-1A5602 Datasheet
102Kb / 4P
   Fuse Clips for Printed Circuit Boards For ATC, 5mm, 1/4 and 13/32 Diameter Fuses
logo
Cooper Bussmann, Inc.
1A5602 COOPER-1A5602 Datasheet
541Kb / 4P
   PCB Fuse Clips for ATC/ATM Blade, 5mm, 1/4??& 13/32??Diameter Fuses
logo
Eaton All Rights Reserv...
1A5602 EATON-1A5602 Datasheet
480Kb / 4P
   PCB Fuse-clips for ATC/ATM Blade, 5 mm
logo
Cooper Bussmann, Inc.
1A5602- COOPER-1A5602- Datasheet
541Kb / 4P
   PCB Fuse Clips for ATC/ATM Blade, 5mm, 1/4??& 13/32??Diameter Fuses
More results

Similar Description - 1A5602

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
1A1119-04 COOPER-1A1119-04_13 Datasheet
541Kb / 4P
   PCB Fuse Clips for ATC/ATM Blade, 5mm, 1/4??& 13/32??Diameter Fuses
logo
List of Unclassifed Man...
1A4533-01 ETC1-1A4533-01 Datasheet
102Kb / 4P
   Fuse Clips for Printed Circuit Boards For ATC, 5mm, 1/4 and 13/32 Diameter Fuses
logo
Eaton All Rights Reserv...
1AXXXX EATON-1AXXXX Datasheet
480Kb / 4P
   PCB Fuse-clips for ATC/ATM Blade, 5 mm
logo
Cooper Bussmann, Inc.
1A3400-09-R COOPER-1A3400-09-R Datasheet
87Kb / 4P
   Fuse Clips for Printed Circuit Boards For ATC, 5mm, 횣쩍짖쨌 & 횣횥쩍짙짧쨌 Diameter Fuses
logo
Littelfuse
102071 LITTELFUSE-102071 Datasheet
530Kb / 3P
   Fuse Blocks and Clips - For 1/4 Diameter Fuses
logo
Cooper Bussmann, Inc.
BK-ATC-3 COOPER-BK-ATC-3 Datasheet
251Kb / 2P
   ATC Blade Fuses
BK-ATC-30 COOPER-BK-ATC-30 Datasheet
251Kb / 2P
   ATC Blade Fuses
logo
Eaton All Rights Reserv...
HHF-JFCU EATON-HHF-JFCU Datasheet
159Kb / 1P
   Automotive in-line fuse holder for ATC blade-type fuses
logo
Cooper Bussmann, Inc.
15600-06-20 COOPER-15600-06-20 Datasheet
86Kb / 2P
   Fuse Panels - ATC, ATM, FMX
logo
Littelfuse
01020071 LITTELFUSE-01020071_V01 Datasheet
890Kb / 2P
   102/122 Series Circuit Board Mount Fuse Clips for 1/4??Diameter Fuses
Revised: 01/14/19
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com