Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

261559B Datasheet(PDF) 1 Page - Integrated Technology Future

Part # 261559B
Description  295.0 MHz SAW Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

261559B Datasheet(HTML) 1 Page - Integrated Technology Future

  261559B Datasheet HTML 1Page - Integrated Technology Future 261559B Datasheet HTML 2Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
295.0 MHz SAW Filter
Project Name 261559B
Tel: 82-32-621-1213
2013. 04. 01
I T F
Co., Ltd.
102-901, Bucheon Technopark 364, Samjeong-Dong,
Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Fax: 82-32-621-1218
http://www.itf.co.kr
sales@itf.co.kr
Rev 1.0
1. Features
Typical 1dB bandwidth of 14.9 MHz
High attenuation
Single Ended Operation
Surface Mounted Package (SMD)
2. Electrical Specifications
Source and Load Impedance = 50
Room Temperature : +25℃
Minimum
Typical
Maximum
Center Frequency (fo)
MHz
-
295.0
-
Insertion Loss
dB
-
27.5
29.0
1dB Bandwidth
MHz
14.8
14.95
-
3dB Bandwidth
MHz
-
15.41
-
40dB Bandwidth
MHz
-
17.21
17.35
Amplitude Ripple (Fo±7.085MHz)
dB
-
0.5
1.0
Group Delay Variation (Fo±7.085MHz)
nsec
-
40
80
Absolute Delay
usec
-
2.07
-
Ultimate Rejection
dB
45
50
-
Temperature Coefficient of Frequency
ppm/℃
-
-18
-
S1365 Package Dimension
Matching Schematic
L1 = 8.2nH, L2 = 4.7nH, C1 = 33pF, C2 = 27pF
Pin Configuration
Input
11
Ground
6, 12
12
11
10
9
8
7
6
5
4
3
2
1
0.80±0.1
1.50±0.1
2.54±0.1
7.62±0.1
13.30±0.2
1
2
3
4
10
9
8
7
5
6
11
12
Dimensions shown are nominal in millimeters
Body : Al2O3
Lid : Kovar, Ni Plated
Termination : Au plating 0.3 ~ 1.0um, over a 1.27 ~ 8.89um Ni Plating
Output
5
Others
Ground
C2
C1
L2
L1
Input
50Ω
Output
50Ω
ITF 13A001
261559B
。295-14.9M
1
1
1
11
1
1
1
5
5
5
5


Similar Part No. - 261559B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
261558B ITF-261558B Datasheet
193Kb / 2P
   200.0 MHz SAW Filter
More results

Similar Description - 261559B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
261805B ITF-261805B Datasheet
161Kb / 2P
   295.0 MHz SAW Filter
261406B ITF-261406B Datasheet
157Kb / 2P
   295.0 MHz SAW Filter
260912B ITF-260912B Datasheet
162Kb / 2P
   295.0 MHz SAW Filter
logo
Transko Electronics, In...
TF-029502-D40 TRANSKO-TF-029502-D40 Datasheet
602Kb / 4P
   295.0 MHz IF SAW Filter / 14.00 MHz Bandwidth
Revision 0: 23 Oct. 2012
TF-029503-D40 TRANSKO-TF-029503-D40 Datasheet
615Kb / 4P
   295.0 MHz IF SAW Filter / 18.65 MHz Bandwidth
Revision 0: 19 Oct. 2012
TF-029501-D40 TRANSKO-TF-029501-D40 Datasheet
602Kb / 4P
   295.0 MHz IF SAW Filter / 9.35 MHz Bandwidth
Revision 0: 19 Oct. 2012
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com