Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC12H3.5A Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # CC12H3.5A
Description  High I2t Chip Fuses CC12H Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CC12H3.5A Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  CC12H3.5A Datasheet HTML 1Page - Cooper Bussmann, Inc. CC12H3.5A Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0210
BU-SB10139
Page 2 of 2
Data Sheet 4309
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is
intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any technical information con-
tained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Life Support Policy: Cooper Bussmann does not authorize the use of any of its products for use in life support devices or systems without the express written approval of an officer of the Company. Life sup-
port systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result
in significant injury to the user.
CURRENT IN AMPERES
Time-Current Curves
North America
Cooper Bussmann
1225 Broken Sound Parkway NW
Suite F
Boca Raton, FL 33487-3533
Tel: 1-561-998-4100
Fax: 1-561-241-6640
Toll Free: 1-888-414-2645
Cooper Bussmann
P.O. Box 14460
St. Louis, MO 63178-4460
Tel: 1-636-394-2877
Fax: 1-636-527-1607
Europe
Cooper Bussmann
Cooper (UK) Limited
Burton-on-the-Wolds
Leicestershire • LE12 5TH UK
Tel: +44 (0) 1509 882 737
Fax: +44 (0) 1509 882 786
Cooper Bussmann
Avda. Santa Eulalia, 290
08223
Terrassa, (Barcelona), Spain
Tel: +34 937 362 812
+34 937 362 813
Fax: +34 937 362 719
Asia Pacific
Cooper Bussmann
1 Jalan Kilang Timor
#06-01 Pacific Tech Centre
Singapore 159303
Tel: +65 278 6151
Fax: +65 270 4160
© 2010 Cooper Bussmann
St. Louis, MO 63178
www.cooperbussmann.com


Similar Part No. - CC12H3.5A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CC12H3.5A COOPER-CC12H3.5A Datasheet
303Kb / 2P
   High I2t Chip??Fuses
CC12H3.5A COOPER-CC12H3.5A Datasheet
876Kb / 9P
   Flat panel displays and televisions
CC12H3.5A COOPER-CC12H3.5A Datasheet
1Mb / 8P
   High I짼t Chip fuses
logo
Eaton All Rights Reserv...
CC12H3.5A EATON-CC12H3.5A Datasheet
551Kb / 8P
   High I짼t Chip fuses
More results

Similar Description - CC12H3.5A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CC12H COOPER-CC12H Datasheet
303Kb / 2P
   High I2t Chip??Fuses
logo
Eaton All Rights Reserv...
CC06H EATON-CC06H Datasheet
922Kb / 7P
   High I2t Chip??0603 size fuses
logo
Cooper Bussmann, Inc.
CC06H1A COOPER-CC06H1A_14 Datasheet
1,022Kb / 7P
   High I2t Chip??0603 size fuses
CC06H COOPER-CC06H Datasheet
551Kb / 4P
   Chip Fuses CC06H Series High I2t 0603 Size Fuse
S505SCH-3.15-R COOPER-S505SCH-3.15-R Datasheet
1Mb / 7P
   5 x 20 mm Time-delay, high I2t, axial lead, ceramic tube fuses
logo
Eaton All Rights Reserv...
S505SCH EATON-S505SCH Datasheet
1Mb / 7P
   5 x 20 mm Time-delay, high I2t, axial lead, ceramic tube fuses
logo
Cooper Bussmann, Inc.
CC12H1A COOPER-CC12H1A_16 Datasheet
1Mb / 8P
   High I짼t Chip fuses
logo
Eaton All Rights Reserv...
CC12H EATON-CC12H Datasheet
551Kb / 8P
   High I짼t Chip fuses
MDH-R EATON-MDH-R Datasheet
491Kb / 4P
   6.3 mm x 32 mm Ferrule and axial lead, high breaking capacity, high I2t ceramic tube fuses
logo
Cooper Bussmann, Inc.
3216LV COOPER-3216LV Datasheet
113Kb / 2P
   Chip??Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com