Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTX300-2P-R Datasheet(PDF) 6 Page - Cooper Bussmann, Inc.

Part # CTX300-2P-R
Description  Surface mount magnetics that can be used as singleor coupled inductors or 1:1 transformers that provide isolation between two windings
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CTX300-2P-R Datasheet(HTML) 6 Page - Cooper Bussmann, Inc.

  CTX300-2P-R Datasheet HTML 1Page - Cooper Bussmann, Inc. CTX300-2P-R Datasheet HTML 2Page - Cooper Bussmann, Inc. CTX300-2P-R Datasheet HTML 3Page - Cooper Bussmann, Inc. CTX300-2P-R Datasheet HTML 4Page - Cooper Bussmann, Inc. CTX300-2P-R Datasheet HTML 5Page - Cooper Bussmann, Inc. CTX300-2P-R Datasheet HTML 6Page - Cooper Bussmann, Inc. CTX300-2P-R Datasheet HTML 7Page - Cooper Bussmann, Inc. CTX300-2P-R Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ECONO-PAC™/OCTA-PAC®
OCTA-PAC® PLUS
Power Inductors and Transformers
Mechanical Diagrams
CTX 1, 1P, 1A Series
CTX 2, 2P, 2A Series
CTX 3, 3P, 3A Series
CTX 4, 4P, 4A Series
Dimensions in Millimeters.
wwllyy = (date code) R = revision level


Similar Part No. - CTX300-2P-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
CTX300-2P-R EATON-CTX300-2P-R Datasheet
682Kb / 9P
   ECONO-PAC??OCTA-PAC짰 OCTA-PAC짰 PLUS Dual winding toroid power inductors/transformers
More results

Similar Description - CTX300-2P-R

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
GT-1X MICRO-ELECTRONICS-GT-1X Datasheet
109Kb / 1P
   GT-1X Series are small gifts that can be used as mini torches
GT-2X MICRO-ELECTRONICS-GT-2X Datasheet
110Kb / 1P
   GT-2X Series are small gifts that can be used as mini torches. They can give out white light
logo
Zilog, Inc.
Z51F6412 ZILOG-Z51F6412 Datasheet
1Mb / 54P
   Power supply level that can be adjusted with potentiometer R20
logo
TT Electronics.
HM69C TTELEC-HM69C Datasheet
561Kb / 1P
   Surface Mount Coupled Inductors
logo
VIGO Photonics S.A.
FIP VIGO-FIP Datasheet
748Kb / 2P
   Types of VIGO detectors that can be integrated with FIP preamplifier
10/11/2020
logo
STMicroelectronics
AN2448 STMICROELECTRONICS-AN2448 Datasheet
1Mb / 21P
   This document describes a low power adapter that can be used in travel battery charger applications
logo
PHOENIX CONTACT
UMK22REL24 PHOENIX-UMK22REL24 Datasheet
50Kb / 3P
   Relay base family that can be fitted with 2 PDT relay
logo
STMicroelectronics
AN2836 STMICROELECTRONICS-AN2836 Datasheet
2Mb / 57P
   Modern motion control applications need more flexibility that can be addressed
logo
Vishay Siliconix
LPE-3325 VISHAY-LPE-3325_17 Datasheet
103Kb / 3P
   Surface Mount Transformers/Inductors
Revision: 24-Feb-11
logo
Nippon Precision Circui...
SM8131B NPC-SM8131B Datasheet
218Kb / 21P
   The SM8131B is a charge pump DC/DC converter that switches between 1 and 1.5 automatically.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com