Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSC5338F Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KSC5338F
Description  High Voltage Power Switch Switching Application
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSC5338F Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSC5338F Datasheet HTML 1Page - Fairchild Semiconductor KSC5338F Datasheet HTML 2Page - Fairchild Semiconductor KSC5338F Datasheet HTML 3Page - Fairchild Semiconductor KSC5338F Datasheet HTML 4Page - Fairchild Semiconductor KSC5338F Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
NPN Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: Pulse Width=5ms, Duty Cycle
≤10%
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
1000
V
VCEO
Collector-Emitter Voltage
450
V
VEBO
Emitter-Base Voltage
9
V
IC
Collector Current (DC)
5
A
ICP
Collector Current (Pulse)
10
A
IB
Base Current (DC)
2
A
IBP
Base Current (Pulse)
4
A
PC
Collector Dissipation (TC=25°C)
40
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCBO
Collector-Base Breakdown Voltage
IC = 1mA, IE = 0
1000
V
BVCEO
Collector-Emitter Breakdown Voltage
IC = 5mA, IB =0
450
V
BVEBO
Emitter-Base Breakdown Voltage
IC=1mA, IE=0
9
V
ICBO
Collector Cut-off Current
VCB = 800V, VBE = 0
10
µA
IEBO
Emitter Cut-off Current
VEB = 9V, IC = 0
10
µA
hFE1
hFE2
* DC Current Gain
VCE = 5V, IC = 0.5A
VCE = 1V, IC = 2A
15
6
30
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 1A, IB = 0.1A
IC = 2A, IB = 0.4A
0.55
0.8
0.5
V
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 1A, IB = 0.1A
IC = 2A, IB = 0.4A
1.1
1.25
V
V
Cob
Output Capacitance
VCB = 10V, f =1MHz
70
pF
Cib
Input Capacitance
VEB=8V, IC=0, f =1MHz
1000
pF
fT
Current Gain Bandwidth Product
VCE = 10V, IC = 0.1A
14
MHz
tON
Turn ON Time
VCC = 125V, IC = 1A
IB1 = 0.2A, IB2 = -0.2A
RL=125Ω
200
ns
tSTG
Storage Time
2
µs
tF
Fall Time
500
ns
KSC5338F
High Voltage Power Switch Switching
Application
• High Speed Switching
• Wide SOA
1
1.Base
2.Collector
3.Emitter
TO-220F


Similar Part No. - KSC5338F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5338 FAIRCHILD-KSC5338 Datasheet
70Kb / 5P
   High Voltage Power Switch Switching Application
logo
Inchange Semiconductor ...
KSC5338 ISC-KSC5338 Datasheet
110Kb / 2P
   isc Silicon NPN Power Transistor
logo
Fairchild Semiconductor
KSC5338D FAIRCHILD-KSC5338D Datasheet
95Kb / 8P
   High Voltage Power Switch Switching Application
logo
Inchange Semiconductor ...
KSC5338D ISC-KSC5338D Datasheet
320Kb / 3P
   isc Silicon NPN Power Transistor
logo
Fairchild Semiconductor
KSC5338DW FAIRCHILD-KSC5338DW Datasheet
95Kb / 8P
   High Voltage Power Switch Switching Application
More results

Similar Description - KSC5338F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5039F FAIRCHILD-KSC5039F Datasheet
58Kb / 5P
   High Voltage Power Switch Switching Application
KSC5338D FAIRCHILD-KSC5338D Datasheet
95Kb / 8P
   High Voltage Power Switch Switching Application
KSC5502D FAIRCHILD-KSC5502D Datasheet
137Kb / 11P
   High Voltage Power Switch Switching Application
KSC5338 FAIRCHILD-KSC5338 Datasheet
70Kb / 5P
   High Voltage Power Switch Switching Application
KSC5502DTM FAIRCHILD-KSC5502DTM Datasheet
440Kb / 11P
   High Voltage Power Switch Switching Application
KSC5039 FAIRCHILD-KSC5039 Datasheet
54Kb / 5P
   High Voltage Power Switch Switching Application
KSC5305D FAIRCHILD-KSC5305D Datasheet
102Kb / 6P
   High Voltage High Speed Power Switch Application
KSC5402D FAIRCHILD-KSC5402D Datasheet
155Kb / 10P
   High Voltage High Speed Power Switch Application
FJE5304D FAIRCHILD-FJE5304D Datasheet
89Kb / 6P
   High Voltage High Speed Power Switch Application
KSC5302D FAIRCHILD-KSC5302D Datasheet
101Kb / 6P
   High Voltage High Speed Power Switch Application
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com