Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BB3P100M6 Datasheet(PDF) 7 Page - Cooper Bussmann, Inc.

Part # BB3P100M6
Description  Compact Modular Fuse Holders With the Industry?셲 Best Ratings
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

BB3P100M6 Datasheet(HTML) 7 Page - Cooper Bussmann, Inc.

Back Button BB3P100M6 Datasheet HTML 3Page - Cooper Bussmann, Inc. BB3P100M6 Datasheet HTML 4Page - Cooper Bussmann, Inc. BB3P100M6 Datasheet HTML 5Page - Cooper Bussmann, Inc. BB3P100M6 Datasheet HTML 6Page - Cooper Bussmann, Inc. BB3P100M6 Datasheet HTML 7Page - Cooper Bussmann, Inc. BB3P100M6 Datasheet HTML 8Page - Cooper Bussmann, Inc. BB3P100M6 Datasheet HTML 9Page - Cooper Bussmann, Inc. BB3P100M6 Datasheet HTML 10Page - Cooper Bussmann, Inc. BB3P100M6 Datasheet HTML 11Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Remote Fuse Monitoring Accessory CH-PLC
Specifications:
• Power Input: 24Vdc / 5mA
• Sensing Voltage: 600V/30mA
• Output Signals: Digital 0Vdc (Low), 24Vdc (High)
- 0Vdc Low – Fuse is good
- 24Vdc High – Fuse has opened
When the fuse opens, the output signal is sent high and will
remain high until the unit is reset
• Rated Impulse Voltage: 8kV
• Local Indication: Two distinct LEDs indicate unit power (green)
and open fuse (red). Upon the replacement of the fuse, the
actuation of the reset switch will reset the open
fuse LED
• Flammability Rating: UL 94V0
Wiring:
• For power, signal and ground connections use 22-24AWG
(0.25mm2) 300V rated wire
Emissions and Immunity Testing:
• Electrostatic Discharge IEC 61000-4-2
• Electrical Fast Transient/Burst IEC 6100-4-4
• Surge Immunity IEC61000-4-5
Packaging:
• The CH-PLC is packaged individually
• A single unit monitors up to three phases
• Package includes 0.11” (2.8mm) quick connects for power, signal
and ground connections
Minimum Circuit Voltage:
• Minimum circuit voltage required across the CH holder is 100Vac
for the remote indication device to operate
Installation Technique:
• Mounts on the left side of the fuse holder and mechanically
interlocks with the fuse holder switch handle with hardware
provided
IP20 Rating: Yes
Environmental Data:
• Storage and Operating Temperature: -20°C to 75°C
Agency Information:
• UL 508
• cULus to CSA Standard 22.2 No.14
PLC Programming:
• The CH-PLC signal line is designed to provide a digital input to a
PLC I/O card.
• Programmable Logic Control program must be written to properly
interpret the input signal to the PLC.
• The PLC program should check for consecutive high signals
before taking action on a critical process.
De-energize all circuits before installing or removing any CH-PLC devices and follow all prescribed safety procedures.
Make it Simple with
Cooper Bussmann resettable
three-phase remote fuse monitor
that integrates with a
Programmable Logic Controller
(PLC) or other monitoring and
control equipment.


Similar Part No. - BB3P100M6

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
BB3P100M6 COOPER-BB3P100M6 Datasheet
2Mb / 12P
   Compact Modular Fuse Holders With the Industrys Best Ratings
More results

Similar Description - BB3P100M6

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CHM1DIU COOPER-CHM1DIU Datasheet
2Mb / 12P
   Compact Modular Fuse Holders With the Industrys Best Ratings
logo
Xilinx, Inc
XC2C512 XILINX-XC2C512 Datasheet
199Kb / 14P
   Industry?셲 best 0.18 micron CMOS CPLD
logo
JDS Uniphase Corporatio...
ETB8000EHP JDSU-ETB8000EHP Datasheet
621Kb / 2P
   The industry?셲 most compact 100 G test solution
logo
Cooper Bussmann, Inc.
HBH-I COOPER-HBH-I Datasheet
258Kb / 2P
   Fuse Holders
logo
List of Unclassifed Man...
441-R359A-GR ETC2-441-R359A-GR Datasheet
85Kb / 2P
   Fuse Holders
logo
Littelfuse
04980910ZXT LITTELFUSE-04980910ZXT Datasheet
175Kb / 1P
   Fuse Holders
178.6116.2501 LITTELFUSE-178.6116.2501 Datasheet
236Kb / 1P
   Fuse Holders
logo
Sharp Corporation
GP1S562 SHARP-GP1S562 Datasheet
61Kb / 4P
   Compact Photointerrupter with Holders
logo
Eaton All Rights Reserv...
10115 EATON-10115 Datasheet
130Kb / 3P
   Bussmann series 22 x 58 mm Modular fuse holders
logo
List of Unclassifed Man...
441-R347A-GR ETC2-441-R347A-GR Datasheet
76Kb / 2P
   Blade Fuse Holders
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com