Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

293D107X9010D2WE3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 293D107X9010D2WE3
Description  Solid Tantalum Surface Mount Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

293D107X9010D2WE3 Datasheet(HTML) 7 Page - Vishay Siliconix

  293D107X9010D2WE3 Datasheet HTML 1Page - Vishay Siliconix 293D107X9010D2WE3 Datasheet HTML 2Page - Vishay Siliconix 293D107X9010D2WE3 Datasheet HTML 3Page - Vishay Siliconix 293D107X9010D2WE3 Datasheet HTML 4Page - Vishay Siliconix 293D107X9010D2WE3 Datasheet HTML 5Page - Vishay Siliconix 293D107X9010D2WE3 Datasheet HTML 6Page - Vishay Siliconix 293D107X9010D2WE3 Datasheet HTML 7Page - Vishay Siliconix 293D107X9010D2WE3 Datasheet HTML 8Page - Vishay Siliconix 293D107X9010D2WE3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
293D
Solid Tantalum Surface Mount Capacitors
TANTAMOUNT® Molded Case, Standard Industrial Grade
Vishay Sprague
Document Number: 63060
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 02-Jun-09
47
35 VDC AT + 85 °C, 23 VDC AT + 125 °C
0.10
A
293D104(1)035A(2)
0.5
4
20.0
0.06
0.15
A
293D154(1)035A(2)
0.5
4
18.0
0.07
0.22
A
293D224(1)035A(2)
0.5
4
15.0
0.07
0.33
A
293D334(1)035A(2)
0.5
4
13.0
0.08
0.47
A
293D474(1)035A(2)
0.5
4
10.0
0.09
0.47
B
293D474(1)035B(2)
0.5
4
8.0
0.10
0.68
A
293D684(1)035A(2)
0.5
4
7.6
0.10
0.68
B
293D684(1)035B(2)
0.5
4
6.5
0.11
1.0
A
293D105(1)035A(2)
0.5
4
7.5
0.10
1.0
B
293D105(1)035B(2)
0.5
4
5.0
0.13
1.5
B
293D155(1)035B(2)
0.5
6
4.2
0.14
1.5
C
293D155(1)035C(2)
0.5
6
3.8
0.17
2.2
B
293D225(1)035B(2)
0.8
6
3.8
0.15
2.2
C
293D225(1)035C(2)
0.8
6
2.9
0.20
3.3
B
293D335(1)035B(2)
1.2
6
3.5
0.16
3.3
C
293D335(1)035C(2)
1.2
6
2.1
0.23
4.7
B
293D475(1)035B(2)
1.7
6
3.1
0.17
4.7
C
293D475(1)035C(2)
1.6
6
1.9
0.24
4.7
D
293D475(1)035D(2)
1.6
6
1.3
0.34
6.8
C
293D685(1)035C(2)
2.4
6
1.8
0.25
6.8
D
293D685(1)035D(2)
2.4
6
1.1
0.37
10
C
293D106(1)035C(2)
3.5
6
1.6
0.26
10
D
293D106(1)035D(2)
3.5
6
0.8
0.43
15
D
293D156(1)035D(2)
5.3
6
0.7
0.46
15
E
293D156(1)035E(2)
5.3
6
0.7
0.49
22
D
293D226(1)035D(2)
7.7
6
0.6
0.52
22
E
293D226(1)035E(2)
7.7
6
0.6
0.52
50 VDC AT + 85 °C, 33 VDC AT + 125 °C
0.10
A
293D104(1)050A(2)
0.5
4
19.0
0.06
0.15
A
293D154(1)050A(2)
0.5
4
17.0
0.07
0.15
B
293D154(1)050B(2)
0.5
4
14.0
0.08
0.22
A
293D224(1)050A(2)
0.5
4
15.0
0.07
0.22
B
293D224(1)050B(2)
0.5
4
12.0
0.08
0.33
A
293D334(1)050A(2)
0.5
4
14.0
0.07
0.33
B
293D334(1)050B(2)
0.5
4
10.0
0.09
0.47
A
293D474(1)050A(2)
0.5
4
12.0
0.08
0.47
B
293D474(1)050B(2)
0.5
4
8.4
0.10
0.47
C
293D474(1)050C(2)
0.5
4
6.7
0.13
0.68
B
293D684(1)050B(2)
0.5
4
7.6
0.11
0.68
C
293D684(1)050C(2)
0.5
4
5.9
0.14
1.0
B
293D105(1)050B(2)
0.5
4
6.7
0.11
1.0
C
293D105(1)050C(2)
0.5
4
4.6
0.16
1.5
B
293D155(1)050B(2)
0.8
6
6.0
0.12
1.5
C
293D155(1)050C(2)
0.8
6
3.4
0.18
2.2
C
293D225(1)050C(2)
1.1
6
2.9
0.20
2.2
D
293D225(1)050D(2)
1.1
6
2.1
0.27
3.3
C
293D335(1)050C(2)
1.7
6
2.5
0.21
3.3
D
293D335(1)050D(2)
1.7
6
1.7
0.30
4.7
C
293D457(1)050C(2)
2.4
6
1.5
0.27
4.7
D
293D475(1)050D(2)
2.4
6
1.2
0.37
Notes
• (1) Tolerance: X0, X9, X5
• (2) Terminations and packaging: 2TE3, 2WE3, 8T, 8W
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DC
LEAKAGE
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
Irms
(A)


Similar Part No. - 293D107X9010D2WE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 21-Mar-13
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
421Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 21-Mar-13
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
406Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 04-Jul-13
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
More results

Similar Description - 293D107X9010D2WE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
593D475X9050D2T VISHAY-593D475X9050D2T Datasheet
398Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
TP3 VISHAY-TP3_17 Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
293D106X9020B2TE3 VISHAY-293D106X9020B2TE3 Datasheet
421Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D106X0016B2TE3 VISHAY-293D106X0016B2TE3 Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
593D107X06R3B2TE3 VISHAY-593D107X06R3B2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
TM3 VISHAY-TM3_17 Datasheet
546Kb / 16P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
293D475X9020B2TE3 VISHAY-293D475X9020B2TE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 21-Mar-13
293D VISHAY-293D Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
logo
Kemet Corporation
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com