Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

280MMT Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # 280MMT
Description  British Style BS 88 690V 6-700A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

280MMT Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  280MMT Datasheet HTML 1Page - Cooper Bussmann, Inc. 280MMT Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Form No.
Page 2 of 2
BIF Doc #720024
Bussmann®
The only controlled copy of this BIF document is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled.
This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right,
without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without
notice, any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
British Style BS 88
690V
6-700A
®
Total Clearing I2t
The total clearing I
2t at rated voltage and
at power factor of 15% are given in the
electrical characteristics. For other volt-
ages, the clearing I
2t is found by multi-
plying by correction factor, K , given as
a function of applied working voltage,
Eg, (RMS).
Arc Voltage
This curve gives the peak arc voltage,
UL, which may appear across the fuse
during its operation as a function of the
applied working voltage, Eg, (RMS) at a
power factor of 15%.
Power Losses
Watts loss at rated current is given in
the electrical characteristics. The curve
allows the calculation of the power
losses at load currents lower than the
rated current . The correction factor, Kp ,
is given as a function of the RMS load
current, Ib , in % of the rated current .
Electrical Characteristics
Dimensions
200
300
400
500
600 660
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1)
2)
E
g
K
1500
1000
500
200
400
600 660
E
g
U
L
1)
2)
Kp
1.0
0.8
0.4
0.5
0.6
0.3
0.2
0.1
30 40 50
60
70
80 90 100%
I
b
77
63.5
48
17.1
19.1
12.7
7.1
9.7
94
70
46
37
19
31.8
8.7
11.9
113
A
50
41
38.1
25.4
10.3
13.5
113
A
50
83
38
25.4
10.3
14
Fig. 2: ET, FE
74.6
64.3
54.8
6.4
8.7
8.7
4
5.5
Fig. 1: CT
Fig. 3: EET, FEE
Fig. 4: FM, MT
Fig. 5: FMM, MMT
Dimensions in mm.
1mm = 0.0394∑
1∑ = 25.4mm
1) CT, ET, EET, FE, FEE, MT, MMT
2) FM, FMM
1) CT
2) ET, FE, EET, FEE, FM, FMM
“A”
Type
Dimension
FM
80-85
FMM
80-85
MT
85
MMT
85
7-18-01
SB01191


Similar Part No. - 280MMT

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
280MMT COOPER-280MMT Datasheet
54Kb / 2P
   British Style BS 88
logo
List of Unclassifed Man...
280MMT ETC-280MMT Datasheet
53Kb / 2P
   British Style BS 88
7-18-01
More results

Similar Description - 280MMT

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
6-700A COOPER-6-700A Datasheet
54Kb / 2P
   British Style BS 88
logo
List of Unclassifed Man...
6CT ETC-6CT Datasheet
53Kb / 2P
   British Style BS 88
7-18-01
logo
Cooper Bussmann, Inc.
250FM COOPER-250FM Datasheet
797Kb / 9P
   British BS 88 Fuses
logo
List of Unclassifed Man...
10FC ETC1-10FC Datasheet
201Kb / 7P
   BRITISH STYLE?밪EMICONDUCTOR PROTECTION FUSES
logo
Altech corporation
AL88-6 ALTECH-AL88-6 Datasheet
94Kb / 1P
   ALUMINUM ENCLOSURE AL 88-6
logo
PowerDynamics, Inc
14012 POWERDYNAMICS-14012 Datasheet
52Kb / 1P
   BRITISH FUSED CORD SET 250cm LONG BS 1363 TO IEC 60320 C13, 13A FUSE
logo
Altech corporation
TG88-6 ALTECH-TG88-6 Datasheet
86Kb / 1P
   ABS/POLYCARBONATE ENCLOSURE TG 88-6
logo
VACUUMSCHMELZE GmbH & C...
T60404-N4648-X054 VACUUMSCHMELZE-T60404-N4648-X054 Datasheet
271Kb / 4P
   700A Current Sensor
logo
Cooper Bussmann, Inc.
170M6712 COOPER-170M6712 Datasheet
75Kb / 2P
   Square Body US Style ??690V/700V (IEC): 40-2000A
logo
Schneider Electric
ATS480D88Y SCHNEIDER-ATS480D88Y Datasheet
403Kb / 9P
   Altivar Soft Starter ATS480, 88 A, 208...690V AC, control supply 110...230V AC
Apr 25, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com