Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYW54 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BYW54
Description  Standard Avalanche Sinterglass Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYW54 Datasheet(HTML) 2 Page - Vishay Siliconix

  BYW54 Datasheet HTML 1Page - Vishay Siliconix BYW54 Datasheet HTML 2Page - Vishay Siliconix BYW54 Datasheet HTML 3Page - Vishay Siliconix BYW54 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BYW52, BYW53, BYW54, BYW55, BYW56
Standard Avalanche Sinterglass
Diode
Vishay Semiconductors
Document Number: 86049
For technical questions within your region, please contact one of the following:
www.vishay.com
Rev. 1.7, 25-Aug-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
159
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Typ. Thermal Resistance vs. Lead Length
Fig. 2 - Forward Current vs. Forward Voltage
Fig. 3 - Max. Average Forward Current vs.
Ambient Temperature
Fig. 4 - Reverse Current vs. Junction Temperature
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX
UNIT
Forward voltage
IF = 1 A
VF
-0.9
1
V
Reverse current
VR = VRRM
IR
-0.1
1
μA
VR = VRRM, Tj = 100 °C
IR
-
5
10
μA
Breakdown voltage
IR = 100 μA, tp/T = 0.01, tp = 0.3 ms
V(BR)
-
-
1600
V
Diode capacitance
VR = 4 V, f = 1 MHz
CD
-18-
pF
Reverse recovery time
IF = 0.5 A, IR = 1 A, iR = 0.25 A
trr
--
4
μs
IF = 1 A, dI/dt = 5 A/μs, VR = 50 V
trr
--
4
μs
Reverse recovery charge
lF = 1 A, dI/dt = 5 A/μs
Qrr
-
-
200
nC
0
20
40
80
60
100
120
15
10
5
0
202530
l - Lead Length (mm)
949101
ll
T
L = constant
0.001
0.01
0.1
1
10
0.0
0.4
0.8
1.2
1.6
16350
VF - Forward Voltage (V)
T
j = 25 °C
T
j = 175 °C
0.0
0.5
1.0
1.5
2.0
2.5
0
20
40
60
80
100 120 140 160 180
16351
Tamb - Ambient Temperature (°C)
R
thJA = 45 K/W
l = 10 mm
R
thJA = 100 K/W
PCB: d = 25 mm
V
R = VRRM
half sine wave
1
10
100
1000
25
50
75
100
125
150
175
16352
Tj - Junction Temperature (°C)
V
R = VRRM


Similar Part No. - BYW54

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYW54 PHILIPS-BYW54 Datasheet
46Kb / 7P
   Controlled avalanche rectifiers
1996 Oct 03
logo
Vishay Siliconix
BYW54 VISHAY-BYW54 Datasheet
134Kb / 6P
   Silicon Mesa Rectifiers
Rev. 1.6, 14-Apr-05
logo
Gulf Semiconductor
BYW54 GULFSEMI-BYW54 Datasheet
79Kb / 2P
   SINTERED GLASS JUNCTION GENERAL AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 2.0A
logo
EIC discrete Semiconduc...
BYW54 EIC-BYW54 Datasheet
50Kb / 2P
   AVALANCHE RECTIFIER DIODES
logo
Vishay Siliconix
BYW54 VISHAY-BYW54 Datasheet
120Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
More results

Similar Description - BYW54

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYT51A VISHAY-BYT51A_10 Datasheet
113Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.8, 25-Aug-10
BYW82 VISHAY-BYW82_10 Datasheet
108Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
logo
Shenzhen Luguang Electr...
BY228 LUGUANG-BY228 Datasheet
211Kb / 3P
   Standard Avalanche Sinterglass Diode
logo
Vishay Siliconix
BY527 VISHAY-BY527_V01 Datasheet
139Kb / 4P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
BYT62 VISHAY-BYT62_V01 Datasheet
155Kb / 5P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
1N5059 VISHAY-1N5059_15 Datasheet
130Kb / 5P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 12-Sep-12
BY527 VISHAY-BY527_10 Datasheet
120Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
S330D VISHAY-S330D_10 Datasheet
114Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.6, 25-Aug-10
BY228TAP VISHAY-BY228TAP Datasheet
111Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.8, 12-Sep-12
BY228 VISHAY-BY228_10 Datasheet
102Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 09-Aug-10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com