Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSK-D15-EU Datasheet(PDF) 5 Page - CUI INC

Part # VSK-D15-EU
Description  AC-DC POWER SUPPLY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VSK-D15-EU Datasheet(HTML) 5 Page - CUI INC

  VSK-D15-EU Datasheet HTML 1Page - CUI INC VSK-D15-EU Datasheet HTML 2Page - CUI INC VSK-D15-EU Datasheet HTML 3Page - CUI INC VSK-D15-EU Datasheet HTML 4Page - CUI INC VSK-D15-EU Datasheet HTML 5Page - CUI INC VSK-D15-EU Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
cui.com
date 01/29/2013
│ page 5 of 6
CUI Inc
│ SERIES: VSK 15W │ DESCRIPTION: AC-DC POWER SUPPLY
L
+Vo
-Vo
L
N
N
C1 C2
Fuse
TVS1 RL
NTC
Fu se
NT C
L
N
L
N
Vo 1
Vo 2
C1
TV S1
C2
RL
C3
TV S2
C4
RL
Fuse
+Vo
L
L
N
-Vo
N Co m
C4
C2
C1
C3
RL
TVS1
TVS2 RL
NT C
+Vo1
-Vo2
Com
C6
C2
C5
C1
+Vo2
TVS1
TVS3
RL
RL
C4
C3
TVS2 RL
N
N
Fuse
L
L
NTC
-Vo1
Single Output
Dual Output
Isolated and Separated Twin Output
Triple Output
TYPICAL APPLICATION CIRCUIT
EXTERNAL CAPACITORS TYPICAL VALUE (Unit: µF)
MODEL
C1
C3
C5
VSK-S15-3R3U
680
---
---
VSK-S15-5U
680
---
---
VSK-S15-9U
470
---
---
VSK-S15-12U
220
---
---
VSK-S15-15U
220
---
---
VSK-S15-24U
68
---
---
VSK-S15-48U
33
---
---
VSK-D15-AU
470
470
---
VSK-D15-BU
470
220
---
VSK-D15-CU
470
120
---
VSK-D15-DU
470
47
---
VSK-D15-EU
470
470
---
VSK-D15-FU
220
220
---
VSK-D15-GU
120
120
---
VSK-T15-HU
470
220
220
VSK-T15-IU
470
120
120
VSK-T15-JU
470
120
120
VSK-T15-KU
470
120
120
Notes:
1. Output filtering capacitors C1, C2, and C3 are electrolytic capacitors, It is recommended
to use high frequency and low impedance electrolytic capacitors. For capacitance and
current of capacitor please refer to manufacture’s datasheet. Voltage derating of capacitor
should be 80% or above. C2, C4, and C6 are used to filter high frequency noise and it is suggested
that 0.1µF capacitors are used. TVS is recommended component to protect post-circuits (when
converter fails).
2. External input NTC is recommended to use 5D-9


Similar Part No. - VSK-D15-EU

ManufacturerPart #DatasheetDescription
logo
CUI INC
VSK-S1 CUI-VSK-S1 Datasheet
176Kb / 4P
   AC-DC POWER SUPPLY
VSK-S1 CUI-VSK-S1 Datasheet
730Kb / 5P
   AC-DC POWER SUPPLY
01/11/2021
VSK-S1-12U CUI-VSK-S1-12U Datasheet
176Kb / 4P
   AC-DC POWER SUPPLY
VSK-S1-12U CUI-VSK-S1-12U Datasheet
730Kb / 5P
   AC-DC POWER SUPPLY
01/11/2021
VSK-S1-15U CUI-VSK-S1-15U Datasheet
176Kb / 4P
   AC-DC POWER SUPPLY
More results

Similar Description - VSK-D15-EU

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com