Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

170M1559D Datasheet(PDF) 5 Page - Cooper Bussmann, Inc.

Part # 170M1559D
Description  HIGH SPEED Dual Indication Fuse-Links Square Body DIN 43620 - 690V (IEC/UL), Size 000 to 00, 10 to 315 Amps
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

170M1559D Datasheet(HTML) 5 Page - Cooper Bussmann, Inc.

  170M1559D Datasheet HTML 1Page - Cooper Bussmann, Inc. 170M1559D Datasheet HTML 2Page - Cooper Bussmann, Inc. 170M1559D Datasheet HTML 3Page - Cooper Bussmann, Inc. 170M1559D Datasheet HTML 4Page - Cooper Bussmann, Inc. 170M1559D Datasheet HTML 5Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Form No. HSDI 000/00
Page 5 of 5
Data sheet 720100
Peak Let-Through
HIGH SPEED Dual Indication Fuse-Links
HSDI
Square Body DIN 43620 - 690V (IEC/UL), 10 to 315Amps


Similar Part No. - 170M1559D

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
170M1559 COOPER-170M1559 Datasheet
42Kb / 2P
   Square Body ??DIN 43 620
More results

Similar Description - 170M1559D

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
170M1408 COOPER-170M1408 Datasheet
46Kb / 2P
   Square Body ??DIN 43 653 690V IEC/UL 10-400A
2NHG000B-690 COOPER-2NHG000B-690 Datasheet
330Kb / 9P
   NH DIN Dual Indication Fuse Links
170M6814D COOPER-170M6814D Datasheet
268Kb / 3P
   Square Body DIN 43 620 ??690V/700V (IEC/UL): 40-1000A
170M3258 COOPER-170M3258 Datasheet
47Kb / 2P
   Square Body DIN 43 653 690V/700V IEC/UL 40-2000A
170M1308 COOPER-170M1308 Datasheet
46Kb / 2P
   Square Body ??DIN 43 653 690V (IEC/U.L.)
170M3108 COOPER-170M3108 Datasheet
47Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
170M3008 COOPER-170M3008 Datasheet
48Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
170M3208 COOPER-170M3208 Datasheet
48Kb / 2P
   Square Body ??DIN 43 653 690V/700V IEC/UL40-2000A
170M3558 COOPER-170M3558 Datasheet
49Kb / 2P
   Square Body Flush End Contact 690V/700V IEC/UL 40-2000A
170M6712 COOPER-170M6712 Datasheet
75Kb / 2P
   Square Body US Style ??690V/700V (IEC): 40-2000A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com